Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6215P122NR Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC6215P122NR
Description  0.8關A Low Power Consumption Voltage Regulator with ON/OFF Switch
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6215P122NR Datasheet(HTML) 2 Page - Torex Semiconductor

  XC6215P122NR Datasheet HTML 1Page - Torex Semiconductor XC6215P122NR Datasheet HTML 2Page - Torex Semiconductor XC6215P122NR Datasheet HTML 3Page - Torex Semiconductor XC6215P122NR Datasheet HTML 4Page - Torex Semiconductor XC6215P122NR Datasheet HTML 5Page - Torex Semiconductor XC6215P122NR Datasheet HTML 6Page - Torex Semiconductor XC6215P122NR Datasheet HTML 7Page - Torex Semiconductor XC6215P122NR Datasheet HTML 8Page - Torex Semiconductor XC6215P122NR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
2/36
XC6215 Series
* For mounting intensity and heat dissipation,
please refer to recommended mounting pattern
and recommended metal mask when soldering
the pad of USP-4. Mounting should be
electrically isolated or connected to
the VSS (No.2) pin.
PIN NUMBER
USPN-4
USP-3
USP-4
SSOT-24
SOT-25
PIN NAME
FUNCTION
4
1
4
4
1
VIN
Power Supply
2
3
2
2
2
VSS
Ground
3
-
3
1
3
CE
ON / Off Switch
1
2
1
3
5
VOUT
Output
-
-
-
-
4
NC
No Connection
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTION
B
CE logic = High active with no pull-down resistor
Type of Regulator
P
3 pin regulator with no CE pin (USP-3 only)
②③
Output Voltage
09 ~ 50
0.9 V ~ 5.0V, 0.1V step
e.g. VOUT=3.0V ②=3, ③=0
Output Voltage Accuracy
2
+ 2 % accuracy
e.g. VOUT=3.0V ②=3, ③=0, ④=2
GR-G
USP-4
NR
SSOT-24
NR-G
SSOT-24
MR
SOT-25
MR-G
SOT-25
HR
USP-3 (for the XC6215P series only)
HR-G
USP-3 (for the XC6215P series only)
⑤⑥-⑦
Packages
Taping Type
(*2)
7R-G
USPN-4
PIN CONFIGURATION
PIN ASSIGNMENT
PRODUCT CLASSIFICATION
Ordering Information
XC6215①②③④⑤⑥-⑦(
*1)
2
1
3
3
VSS
VSS
VOUT
VIN
USP-4
(BOTTOM VIEW)
SSOT-24
(TOP VIEW)
USP-3
(BOTTOM VIEW)
SOT-25
(TOP VIEW)
(*1) The “-G” suffix indicates that the products are Halogen and Antimony free as well as being fully RoHS compliant.
(*2) The device orientation is fixed in its embossed tape pocket. For reverse orientation, please contact your local Torex sales office or
representative. (Standard orientation: ⑤R-⑦, Reverse orientation: ⑤L-⑦)
USPN-4
(BOTTOM VIEW)


Similar Part No. - XC6215P122NR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6215P122NR TOREX-XC6215P122NR Datasheet
541Kb / 32P
   0.8關A Low Power Consumption Voltage Regulator with ON/OFF Switch
XC6215P122NR TOREX-XC6215P122NR Datasheet
674Kb / 36P
   0.8關A Low Power Consumption Voltage Regulator with ON/OFF Switch
XC6215P122NR-G TOREX-XC6215P122NR-G Datasheet
674Kb / 36P
   0.8關A Low Power Consumption Voltage Regulator with ON/OFF Switch
More results

Similar Description - XC6215P122NR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6215 TOREX-XC6215_1 Datasheet
541Kb / 32P
   0.8關A Low Power Consumption Voltage Regulator with ON/OFF Switch
XC6215B282NR TOREX-XC6215B282NR Datasheet
674Kb / 36P
   0.8關A Low Power Consumption Voltage Regulator with ON/OFF Switch
XC6215 TOREX-XC6215 Datasheet
624Kb / 31P
   0.8uA Low Power Consumption Voltage Regulator with ON/OFF Switch
logo
TOKO, Inc
TK111XXM TOKO-TK111XXM Datasheet
85Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXA TOKO-TK112XXA Datasheet
382Kb / 34P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK113XXBM TOKO-TK113XXBM Datasheet
123Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXCM TOKO-TK112XXCM Datasheet
181Kb / 22P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK114XX TOKO-TK114XX Datasheet
225Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK115XX TOKO-TK115XX Datasheet
253Kb / 26P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK111XXS TOKO-TK111XXS Datasheet
84Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com