Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS70936DCYR Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS70936DCYR
Description  150-mA, 30-V, 1-A IQ Voltage Regulators with Enable
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS70936DCYR Datasheet(HTML) 4 Page - Texas Instruments

  TPS70936DCYR Datasheet HTML 1Page - Texas Instruments TPS70936DCYR Datasheet HTML 2Page - Texas Instruments TPS70936DCYR Datasheet HTML 3Page - Texas Instruments TPS70936DCYR Datasheet HTML 4Page - Texas Instruments TPS70936DCYR Datasheet HTML 5Page - Texas Instruments TPS70936DCYR Datasheet HTML 6Page - Texas Instruments TPS70936DCYR Datasheet HTML 7Page - Texas Instruments TPS70936DCYR Datasheet HTML 8Page - Texas Instruments TPS70936DCYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
IN
NC
EN
6
5
4
OUT
NC
GND
1
2
3
IN
OUT
2
1
3
GND
GND
4
OUT
NC
IN
GND
EN
1
2
3
5
4
TPS709
SBVS186E – MARCH 2012 – REVISED NOVEMBER 2013
www.ti.com
PIN CONFIGURATIONS
DBV PACKAGE
DCY PACKAGE
SOT-23-5
SOT-223-4
(TOP VIEW)
(TOP VIEW)
DRV PACKAGE
SON-6
(TOP VIEW)
NOTE: The DCY package is a product preview device.
PIN DESCRIPTIONS
PIN NO.
PIN
NAME
DBV
DCY
DRV
DESCRIPTION
Enable pin. Driving this pin high enables the device. Driving this pin low puts the
EN
3
4
device into low current shutdown. This pin has an internal pull-up resistor and can
be left floating to enable the device.
GND
2
2, 4
3
Ground
IN
1
1
6
Unregulated input to the device
NC
4
2, 5
No internal connection
Regulated output voltage. A small 2.2-µF or greater ceramic capacitor should be
OUT
5
3
1
connected from this pin to ground to assure stability.
4
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated


Similar Part No. - TPS70936DCYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS70936DBVR TI1-TPS70936DBVR Datasheet
1Mb / 34P
[Old version datasheet]   150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS70936DBVR TI1-TPS70936DBVR Datasheet
1Mb / 34P
[Old version datasheet]   150-mA, 30-V, 1-uA IQ Voltage Regulators with Enable
TPS70936DBVR TI1-TPS70936DBVR Datasheet
1Mb / 36P
[Old version datasheet]   TPS709 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS70936DBVR TI-TPS70936DBVR Datasheet
2Mb / 39P
[Old version datasheet]   TPS709 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS70936DBVT TI1-TPS70936DBVT Datasheet
1Mb / 34P
[Old version datasheet]   150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
More results

Similar Description - TPS70936DCYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS709 TI1-TPS709_16 Datasheet
1Mb / 34P
[Old version datasheet]   150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709-Q1 TI1-TPS709-Q1_16 Datasheet
1Mb / 32P
[Old version datasheet]   150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI1-TPS709_17 Datasheet
1Mb / 34P
[Old version datasheet]   150-mA, 30-V, 1-uA IQ Voltage Regulators with Enable
TPS709 TI-TPS709_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS709xx 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI1-TPS709_V01 Datasheet
1Mb / 36P
[Old version datasheet]   TPS709 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI-TPS709_V02 Datasheet
2Mb / 39P
[Old version datasheet]   TPS709 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709-Q1 TI-TPS709-Q1_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS709-Q1 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS706 TI1-TPS706_16 Datasheet
1Mb / 31P
[Old version datasheet]   150-mA, 6.5-V, 1-關A IQ Voltage Regulators with Enable
TPS706 TI-TPS706_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS706 150-mA, 6.5-V, 1-關A IQ Voltage Regulators with Enable
TPS70912 TI1-TPS70912 Datasheet
179Kb / 11P
[Old version datasheet]   150-mA, 30-V, UltraLow IQ, Low-Dropout Regulators with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com