Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

553-0177-200 Datasheet(PDF) 5 Page - Dialight Corporation

Part # 553-0177-200
Description  3MM LED CBI CIRCUTIT BOARD INDICATOR (DIN 41494 COMPATIBLE), NARROW BI-LEVEL
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

553-0177-200 Datasheet(HTML) 5 Page - Dialight Corporation

  553-0177-200 Datasheet HTML 1Page - Dialight Corporation 553-0177-200 Datasheet HTML 2Page - Dialight Corporation 553-0177-200 Datasheet HTML 3Page - Dialight Corporation 553-0177-200 Datasheet HTML 4Page - Dialight Corporation 553-0177-200 Datasheet HTML 5Page - Dialight Corporation 553-0177-200 Datasheet HTML 6Page - Dialight Corporation 553-0177-200 Datasheet HTML 7Page - Dialight Corporation 553-0177-200 Datasheet HTML 8Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
4-59
Dialight Corporation • 1501 Route 34 South • Farmingdale, NJ 07727 • TEL: (732) 919-3119 • FAX: (732) 751-5778 •www.dialight.com
4
3mm Discrete LED
Integral Resistor, 5V
Diffused
521-9215, -9322, -9323
4.40 [.175]
2.54
[.100]
2.90
[.115]
3.20
[.125]
1.01
[.040]
5.97 [.235]
2.41 [.950] MAX
1.27
[.050]
.457
[.018]
SQ.
CATHODE
1.0
[.040]
PART NO.
COLOR
521-9215
Red
521-9322
Yellow
521-9323
Green
Red
Yellow
Green
ABSOLUTE MAXIMUM RATINGS (T
A=25°C)
-9215
-9322
-9323
Forward Voltage (V)
7.5
7.5
7.5
Derating (V/°C)
From 50°C
.086
.086
.071
Operating Temperature (°C)
-40/+85
-40/+85
-20/+85
Storage Temperature (°C)
-55/+100
-55/+100
-55/+100
Soldering Temperature
260°C, 5 seconds, 1.6 mm from case
Red
Yellow
Green
OPERATING CHARACTERISTICS (T
A=25°C)
-9215
-9322
-9323
Luminous Intensity (mcd)
Min.
8.7
3.7
5.6
VF=5V
Typical
29
12.6
19
Peak Wavelength (nm)
Typical
635
585
565
λ Peak
Viewing Angle (2
Θ½)
Typical
60°
60°
60°
Forward Current (mA)
Typical
10
10
10
VF=5V
Max.
20
20
20
Reverse Voltage (V), IR=100µA
Min.
5
5
5
Dimensions in mm [inches]
Θ is the off axis angle at which the luminous intensity is half the axial luminous intensity
Solder Adherence per MIL-STD-202E, Method 208C
MOUNTING CLIP: 515-0006
located on page 4-65


Similar Part No. - 553-0177-200

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
553-0177-300 DIALIGHT-553-0177-300 Datasheet
76Kb / 10P
   LED CBI Circuit Board Indicator Bi-level
553-0177-300 DIALIGHT-553-0177-300 Datasheet
80Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
553-0177-310 DIALIGHT-553-0177-310 Datasheet
80Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
More results

Similar Description - 553-0177-200

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
564-0200-132F DIALIGHT-564-0200-132F Datasheet
26Kb / 1P
   3MM LED CBI CIRCUTIT BOARD INDICATOR (DIN 41494 COMPATIBLE), NARROW BI-LEVEL
553-0233F DIALIGHT-553-0233F Datasheet
84Kb / 10P
   3MM LED CBI CIRCUTIT BOARD INDICATOR (DIN 41494 COMPATIBLE), NARROW BI-LEVEL
551-0407F DIALIGHT-551-0407F Datasheet
644Kb / 2P
   3MM LED CBI CIRCUTIT BOARD INDICATOR (DIN 41494 COMPATIBLE), NARROW BI-LEVEL
571-0112-100 DIALIGHT-571-0112-100 Datasheet
32Kb / 2P
   2mm LED CBI Circuit Board Indicator (DIN 41494 Compatible), Bi-Level
570-0100-XXX DIALIGHT-570-0100-XXX Datasheet
26Kb / 2P
   2mm LED CBI Circuit Board Indicator (DIN 41494 Compatible), Tri-Level
569-011X-X00 DIALIGHT-569-011X-X00 Datasheet
43Kb / 3P
   3mm LED CBI Circuit Board Indicator High Density Narrow Bi-Level
571-0112-100F DIALIGHT-571-0112-100F Datasheet
36Kb / 2P
   2mm LED CBI짰 Circuit Board Indicator (DIN 41494 Compatible), Bi-Level
553-0122-300F DIALIGHT-553-0122-300F Datasheet
80Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
553-0111F DIALIGHT-553-0111F Datasheet
84Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
553-XXXX DIALIGHT-553-XXXX Datasheet
79Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com