Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS70939DBVR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS70939DBVR
Description  150-mA, 30-V, 1-A IQ Voltage Regulators with Enable
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS70939DBVR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS70939DBVR Datasheet HTML 7Page - Texas Instruments TPS70939DBVR Datasheet HTML 8Page - Texas Instruments TPS70939DBVR Datasheet HTML 9Page - Texas Instruments TPS70939DBVR Datasheet HTML 10Page - Texas Instruments TPS70939DBVR Datasheet HTML 11Page - Texas Instruments TPS70939DBVR Datasheet HTML 12Page - Texas Instruments TPS70939DBVR Datasheet HTML 13Page - Texas Instruments TPS70939DBVR Datasheet HTML 14Page - Texas Instruments TPS70939DBVR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Channel 2
(1 V / div)
Channel 1
(1 V / div)
Time (500 ms / div)
G034
Channel 1 = V
2 = V
I
= 150 mA
TPS70933
IN
OUT
Channel
OUT
Channel 2
(1 V / div)
Channel 1
(500 mV / div)
Time (50 s / div)
m
G032
Channel 1 = EN
2 = V
V
= 4.3 V
C
= 2.2 F
TPS70933
Channel
OUT
IN
OUT
m
Channel 2
(1 V / div)
Channel 1
(1 V / div)
Time (500 ms / div)
G033
Channel 1 = V
2 = V
I
= 3 mA
TPS70933
IN
OUT
Channel
OUT
Channel 4
(2 V / div)
Channel 2
(50 mV / div)
Time (50 s / div)
m
G030
Channel 2 = V
4 = V
I
= 10 mA
OUT
IN
OUT
Channel
Channel 4
(2 V / div)
Channel 2
(50 mV / div)
Time (50 s / div)
m
G031
Channel 2 = V
4 = V
I
= 50 mA
OUT
IN
OUT
Channel
TPS709
www.ti.com
SBVS186E – MARCH 2012 – REVISED NOVEMBER 2013
TYPICAL CHARACTERISTICS (continued)
Over operating temperature range (TJ = –40°C to +125°C), IOUT = 10 mA, VEN = 2 V, COUT = 2.2 μF, and VIN = VOUT(TYP) +
1 V or 2.7 V (whichever is greater), unless otherwise noted. Typical values are at TJ = +25°C.
Figure 31. TPS70933 LINE TRANSIENT
Figure 32. TPS70933 LINE TRANSIENT
(4.3 V to 5.3 V)
(4.3 V to 5.3 V)
Figure 33. POWER-UP WITH ENABLE
Figure 34. POWER-UP AND POWER-DOWN RESPONSE
Figure 35. POWER-UP AND POWER-DOWN RESPONSE
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11


Similar Part No. - TPS70939DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS70939DBVR TI1-TPS70939DBVR Datasheet
1Mb / 34P
[Old version datasheet]   150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS70939DBVR TI1-TPS70939DBVR Datasheet
1Mb / 34P
[Old version datasheet]   150-mA, 30-V, 1-uA IQ Voltage Regulators with Enable
TPS70939DBVR TI1-TPS70939DBVR Datasheet
1Mb / 36P
[Old version datasheet]   TPS709 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS70939DBVR TI-TPS70939DBVR Datasheet
2Mb / 39P
[Old version datasheet]   TPS709 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
More results

Similar Description - TPS70939DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS709 TI1-TPS709_16 Datasheet
1Mb / 34P
[Old version datasheet]   150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709-Q1 TI1-TPS709-Q1_16 Datasheet
1Mb / 32P
[Old version datasheet]   150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI1-TPS709_17 Datasheet
1Mb / 34P
[Old version datasheet]   150-mA, 30-V, 1-uA IQ Voltage Regulators with Enable
TPS709 TI-TPS709_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS709xx 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI1-TPS709_V01 Datasheet
1Mb / 36P
[Old version datasheet]   TPS709 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI-TPS709_V02 Datasheet
2Mb / 39P
[Old version datasheet]   TPS709 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709-Q1 TI-TPS709-Q1_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS709-Q1 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS706 TI1-TPS706_16 Datasheet
1Mb / 31P
[Old version datasheet]   150-mA, 6.5-V, 1-關A IQ Voltage Regulators with Enable
TPS706 TI-TPS706_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS706 150-mA, 6.5-V, 1-關A IQ Voltage Regulators with Enable
TPS70912 TI1-TPS70912 Datasheet
179Kb / 11P
[Old version datasheet]   150-mA, 30-V, UltraLow IQ, Low-Dropout Regulators with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com