Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CT-6EP Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # CT-6EP
Description  SINGLE TURN CERMET TRIMMERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CT-6EP Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  CT-6EP Datasheet HTML 1Page - List of Unclassifed Manufacturers CT-6EP Datasheet HTML 2Page - List of Unclassifed Manufacturers CT-6EP Datasheet HTML 3Page - List of Unclassifed Manufacturers CT-6EP Datasheet HTML 4Page - List of Unclassifed Manufacturers CT-6EP Datasheet HTML 5Page - List of Unclassifed Manufacturers CT-6EP Datasheet HTML 6Page - List of Unclassifed Manufacturers CT-6EP Datasheet HTML 7Page - List of Unclassifed Manufacturers CT-6EP Datasheet HTML 8Page - List of Unclassifed Manufacturers CT-6EP Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
■ Specifications are subject to change without notice. Specifications in this catalog are for reference. The formal specification sheets will be submitted upon request.
COPAL ELECTRONICS
Nominal resistance values (
Ω)
Resistance code
Maximum input voltage (V)
Maximum wiper current (mA)
Test item
Test conditions
Specifications
Thermal shock
Humidity
Shock
Vibration
Load life
Low temp. operation
High temp. exposure
Immersion seal
Soldering heat
Mechanical angle
Operating torque
Stop strength
Rotational life
Thrust to rotor
Solderability
Teminal strength
Nominal resistance range
Resistance tolerance
Power ratings
Resistance law
Maximum input voltage
Maximum wiper current
Effective electrical angle
End resistance
C.R.V.
Operating temp. range
Temp. coefficient
Insulation resistance
Dielectric strength
Net weight
ΔR/R
:Change in total resistance
S.S.
:Setting stability
ELECTRICAL CHARACTERISTICS
MECHANICAL CHARACTERISTICS
10
Ω ~ 2 MΩ
± 10 %
0.5 W (70 °C) 0 W (120 °C)
Linear law
DC200 V or power rating, whichever is smaller
100 mA or power rating, whichever is smaller
220 ° (1 turn)
1 % or 2
Ω, whichever is greater
1 % or 3
Ω, whichever is greater
−55 ~ 120 °C
10
Ω ~ 20 Ω : ± 250 10-6/°C maximum
50
Ω ~ 2 MΩ : ± 100 10-6/°C maximum
1000 M
Ω minimum (DC500 V)
AC900 V, 60 s
Approx. 0.51 g (CT-6EP, EW, ER, EV)
Approx. 0.65 g (CT-6ES, EX, EH, EN)
Approx. 0.92 g (CT-6EF)
260 ° (1 turn)
2 ~ 20 mN·m {20 ~ 204 gf·cm}
50 mN·m {510 gf·cm} minimum
200 cycles [ΔR/R
± (2 Ω+3 %)]
10 N {1.02 kgf} minimum
245
± 3 °C, 2 ~ 3 s
10 N {1.02 kgf} minimum
Tensile strength
ENVIRONMENTAL CHARACTERISTICS
−65 ~ 125 °C (0.5 h), 5 cycles
[ΔR/R
≦ 1 %]
[S.S.
≦ 1 %]
−10 ~ 65 °C (80 ~ 98 %),
10 cycles, 240 h
[ΔR/R
≦ 2 %]
981 m/s
2, 6 ms
6 directions for 3 times each
[ΔR/R
≦ 1 %]
[S.S.
≦ 1 %]
Amplitude 1.52 mm or
Acceleration 196 m/s
2,
10 ~ 2000 Hz, 3 directions, 12 times each
70 °C, 0.5 W, 1000 h
[ΔR/R
≦ 3 %]
[S.S.
≦ 1 %]
−55 °C, 2 h
[ΔR/R
≦ 2 %]
[S.S.
≦ 2 %]
120 °C, 250 h
[ΔR/R
≦ 3 %]
[S.S.
≦ 2 %]
85 °C, 60 s
No leaks (No continuous bubbles)
[ΔR/R
≦ 1 %]
MAXIMUM INPUT RATINGS
A
10
100
1.00
100
A
20
200
2.00
100
50
500
5.00
100
100
101
7.07
70.7
200
201
10.0
50.0
500
501
15.8
31.6
1 k
102
22.4
22.4
2 k
202
31.6
15.8
5 k
502
50.0
10.0
10 k
103
70.7
7.07
20 k
203
100
5.00
50 k
503
158
3.16
100 k
104
200
2.00
200 k
204
200
1.00
500 k
504
200
0.40
1 M
105
200
0.20
2 M
205
200
0.10
The products indi-
cated by
A mark are
manufactured upon
receipt of order basis.
CT-6
CERMET TRIMMERS
{ }Reference only
Flow
260
± 3 °C、5 ~ 6 s, two times
maximum
Manual soldering
:380
± 10 °C, 3 ~ 4 s


Similar Part No. - CT-6EP

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
CT-6EP COPAL-CT-6EP Datasheet
180Kb / 9P
   SINGLE TURN CERMET TRIMMERS
More results

Similar Description - CT-6EP

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
FT63EP100 COPAL-FT63EP100 Datasheet
161Kb / 7P
   SINGLE TURN CERMET TRIMMERS
CT6EP103 COPAL-CT6EP103 Datasheet
180Kb / 9P
   SINGLE TURN CERMET TRIMMERS
logo
List of Unclassifed Man...
RJ-13SR102 ETC2-RJ-13SR102 Datasheet
121Kb / 4P
   SINGLE TURN CERMET TRIMMERS
logo
Copal Electronics
RJ-4 COPAL-RJ-4 Datasheet
270Kb / 3P
   SINGLE TURN CERMET TRIMMERS
logo
List of Unclassifed Man...
RJ-6S205 ETC2-RJ-6S205 Datasheet
120Kb / 4P
   SINGLE TURN CERMET TRIMMERS
logo
Copal Electronics
FT-63 COPAL-FT-63 Datasheet
161Kb / 7P
   SINGLE TURN CERMET TRIMMERS
logo
List of Unclassifed Man...
CT-6ETV5K ETC2-CT-6ETV5K Datasheet
216Kb / 9P
   SINGLE TURN CERMET TRIMMERS
CT6EP501 ETC2-CT6EP501 Datasheet
216Kb / 9P
   SINGLE TURN CERMET TRIMMERS
logo
Copal Electronics
FT63ETH100 COPAL-FT63ETH100 Datasheet
161Kb / 7P
   SINGLE TURN CERMET TRIMMERS
CT-6 COPAL-CT-6 Datasheet
180Kb / 9P
   SINGLE TURN CERMET TRIMMERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com