Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3964SLB Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # A3964SLB
Description  DUAL FULL-BRIDGE PWM MOTOR DRIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3964SLB Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button A3964SLB Datasheet HTML 2Page - Allegro MicroSystems A3964SLB Datasheet HTML 3Page - Allegro MicroSystems A3964SLB Datasheet HTML 4Page - Allegro MicroSystems A3964SLB Datasheet HTML 5Page - Allegro MicroSystems A3964SLB Datasheet HTML 6Page - Allegro MicroSystems A3964SLB Datasheet HTML 7Page - Allegro MicroSystems A3964SLB Datasheet HTML 8Page - Allegro MicroSystems A3964SLB Datasheet HTML 9Page - Allegro MicroSystems A3964SLB Datasheet HTML 10Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
3964
DUAL FULL-BRIDGE
PWM MOTOR DRIVER
If desired, the reference input voltage can be filtered
by placing a capacitor from REFIN to ground. The ground
return for this capacitor as well as RB should be indepen-
dent from the high-current power-ground trace to avoid
changes in REFIN due to IR drops.
Thermal Considerations. For reliable operation, it is
recommended that the maximum junction temperature be
kept below 110
°C to 125°C. The junction temperature can
be measured best by attaching a thermocouple to the
power tab/batwing of the device and measuring the tab
temperature, TTAB . The junction temperature can then be
approximated by using the formula:
TJ ≈ TTAB + (2 ILOAD VF RθJT)
where VF can be chosen from the electrical specification
table for the given level of ILOAD. The value for RθJT is
approximately 6
°C/W for both package styles.
The power dissipation of the batwing packages can be
improved by 20 to 30% by adding a section of printed
circuit board copper (typically 6 to 18 square centimeters)
connected to the batwing terminals of the device.
The thermal performance in applications that run at
high load currents and/or high duty cycles can be im-
proved by adding external diodes from each output to
ground in parallel with the internal diodes. Fast-recovery
(
≤200 ns) diodes should be used to minimize switching
losses.
The load supply terminal, VBB, should be decoupled
with an electrolytic capacitor (
≥47 µF is recommended)
placed as close to the device as is physically practical.
To minimize the effect of system ground IR drops on the
logic and reference input signals the system ground should
have a low-resistance return to the load supply voltage.
See also “Current Sensing” and “Thermal Consider-
ations” above.
Fixed Off-Time Selection. With increasing values of tOFF,
switching losses will decrease, low-level load current
regulation will improve, EMI will be reduced, the PWM
frequency will decrease, and ripple current will increase.
The value of tOFF can be chosen for optimization of these
parameters. For applications where audible noise is a
concern, typical values of tOFF are chosen to be in the
range of 15 to 35
µs.


Similar Part No. - A3964SLB

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3964SLB-T ALLEGRO-A3964SLB-T Datasheet
267Kb / 10P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
A3964SLB-T ALLEGRO-A3964SLB-T Datasheet
347Kb / 7P
   Dual Full-Bridge PWM Motor Driver
A3964SLBTR-T ALLEGRO-A3964SLBTR-T Datasheet
267Kb / 10P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
A3964SLBTR-T ALLEGRO-A3964SLBTR-T Datasheet
347Kb / 7P
   Dual Full-Bridge PWM Motor Driver
More results

Similar Description - A3964SLB

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3962 ALLEGRO-3962 Datasheet
86Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
2919 ALLEGRO-2919_06 Datasheet
285Kb / 9P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
2916 ALLEGRO-2916 Datasheet
1Mb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
L6219DS ALLEGRO-L6219DS Datasheet
182Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
A3966 ALLEGRO-A3966 Datasheet
299Kb / 8P
   Dual Full-Bridge PWM Motor Driver
A2919 ALLEGRO-A2919 Datasheet
336Kb / 8P
   Dual Full-Bridge PWM Motor Driver
logo
AMtek SEMICONDUCTORS CO...
AM2170 AMTEK-AM2170 Datasheet
211Kb / 10P
   Dual Full-Bridge PWM Motor Driver
OCT. 2008 V1.2
logo
Allegro MicroSystems
2918 ALLEGRO-2918 Datasheet
191Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
3961 ALLEGRO-3961 Datasheet
91Kb / 10P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
A3964 ALLEGRO-A3964 Datasheet
347Kb / 7P
   Dual Full-Bridge PWM Motor Driver
A2916 ALLEGRO-A2916 Datasheet
315Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com