Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CT-6EN Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # CT-6EN
Description  SINGLE TURN CERMET TRIMMERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CT-6EN Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  CT-6EN Datasheet HTML 1Page - List of Unclassifed Manufacturers CT-6EN Datasheet HTML 2Page - List of Unclassifed Manufacturers CT-6EN Datasheet HTML 3Page - List of Unclassifed Manufacturers CT-6EN Datasheet HTML 4Page - List of Unclassifed Manufacturers CT-6EN Datasheet HTML 5Page - List of Unclassifed Manufacturers CT-6EN Datasheet HTML 6Page - List of Unclassifed Manufacturers CT-6EN Datasheet HTML 7Page - List of Unclassifed Manufacturers CT-6EN Datasheet HTML 8Page - List of Unclassifed Manufacturers CT-6EN Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
■ Specifications are subject to change without notice. Specifications in this catalog are for reference. The formal specification sheets will be submitted upon request.
COPAL ELECTRONICS
Resistance code &
Production date code
7
+ 0.4
0
7
+ 0.4
– 0.1
2.5
2.5
3
1
2
Adjustment
0.6 W
× 2.6 L × 1.6 D
3 –
0.45
φ
Lead-free Identification mark
5.8
3
1
2
2.5 2.5
16
±2
13.5
±2
260
° Nom.
7
Resistance code &
Production date code
3 –
0.45
φ
0.6 W
× 2.6 L × 1.6 D
Lead-free Identification mark
5.8
7
±2
3
1
2
1.8 1.8
260
° Nom.
7
Resistance code &
Production date code
3 –
0.45
φ
0.6 W
× 2.6 L × 1.6 D
Lead-free Identification mark
5.8
7
±2
260
° Nom.
7
Resistance code &
Production date code
Lead-free Identification mark
3 –
0.45
φ
3
1
2
2.5 2.5
0.6 W
× 2.6 L × 1.6 D
CT-6
CERMET TRIMMERS
OUTLINE DIMENSIONS
Unless otherwise specified, tolerance:
± 0.3 (Unit: mm)
● CT-6EP
Top adjustment
● CT-6EW
Top adjustment
● CT-6EV
Top adjustment
● CT-6ES
Side adjustment
★Pin pitch in W type is different from P type.
CW rotation
1
2
3


Similar Part No. - CT-6EN

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
CT-6EN COPAL-CT-6EN Datasheet
180Kb / 9P
   SINGLE TURN CERMET TRIMMERS
More results

Similar Description - CT-6EN

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
FT63EP100 COPAL-FT63EP100 Datasheet
161Kb / 7P
   SINGLE TURN CERMET TRIMMERS
CT6EP103 COPAL-CT6EP103 Datasheet
180Kb / 9P
   SINGLE TURN CERMET TRIMMERS
logo
List of Unclassifed Man...
RJ-13SR102 ETC2-RJ-13SR102 Datasheet
121Kb / 4P
   SINGLE TURN CERMET TRIMMERS
logo
Copal Electronics
RJ-4 COPAL-RJ-4 Datasheet
270Kb / 3P
   SINGLE TURN CERMET TRIMMERS
logo
List of Unclassifed Man...
RJ-6S205 ETC2-RJ-6S205 Datasheet
120Kb / 4P
   SINGLE TURN CERMET TRIMMERS
logo
Copal Electronics
FT-63 COPAL-FT-63 Datasheet
161Kb / 7P
   SINGLE TURN CERMET TRIMMERS
logo
List of Unclassifed Man...
CT-6ETV5K ETC2-CT-6ETV5K Datasheet
216Kb / 9P
   SINGLE TURN CERMET TRIMMERS
CT6EP501 ETC2-CT6EP501 Datasheet
216Kb / 9P
   SINGLE TURN CERMET TRIMMERS
logo
Copal Electronics
FT63ETH100 COPAL-FT63ETH100 Datasheet
161Kb / 7P
   SINGLE TURN CERMET TRIMMERS
CT-6 COPAL-CT-6 Datasheet
180Kb / 9P
   SINGLE TURN CERMET TRIMMERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com