Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32923B2684K000 Datasheet(PDF) 7 Page - EPCOS

Part # B32923B2684K000
Description  EMI Suppression Capacitors (MKP) Not for new design
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32923B2684K000 Datasheet(HTML) 7 Page - EPCOS

Back Button B32923B2684K000 Datasheet HTML 2Page - EPCOS B32923B2684K000 Datasheet HTML 3Page - EPCOS B32923B2684K000 Datasheet HTML 4Page - EPCOS B32923B2684K000 Datasheet HTML 5Page - EPCOS B32923B2684K000 Datasheet HTML 6Page - EPCOS B32923B2684K000 Datasheet HTML 7Page - EPCOS B32923B2684K000 Datasheet HTML 8Page - EPCOS B32923B2684K000 Datasheet HTML 9Page - EPCOS B32923B2684K000 Datasheet HTML 10Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Ordering codes and packing units
Lead spacing
mm
CR
µF
Max. dimensions
w
× h × l
mm
Ordering code
(composition see
below)
Ammo
pack
pcs./unit
Reel
pcs./unit
Untaped
pcs./unit
For new design, please refer to the B3292xE/F data sheet for CR
≥ 2.2 µF and to the B3292xC/D
data sheet for CR < 2.2
µF.
Composition of ordering code
+ =
Capacitance tolerance code:
*** = Packaging code:
M =
±20%
K =
±10%
289 = Ammo pack
189 = Reel
000 = Untaped (lead length 6
1 mm)
10
0.047
6.0
× 12.0 × 13.0 B32921A2473+***
680
1100
1000
0.068
6.0
× 12.0 × 13.0 B32921A2683M***
680
1100
1000
0.10
6.0
× 12.0 × 13.0 B32921A2104M***
680
1100
1000
15
0.068
6.0
× 11.0 × 18.0 B32922A2683+***
960
1100
1000
0.10
6.0
× 11.0 × 18.0 B32922A2104+***
960
1100
1000
0.15
7.0
× 12.5 × 18.0 B32922A2154+***
830
900
1000
0.22
8.0
× 14.0 × 18.0 B32922T2224+***
730
750
500
0.22
8.0
× 14.0 × 18.0 B32922T3224+***
730
750
500
0.22
8.5
× 14.5 × 18.0 B32922A2224+***
680
700
500
0.33
9.0
× 17.5 × 18.0 B32922A2334+***
640
700
500
0.33
13.0
× 14.0 × 18.0 B32922T2334+***
500
300
0.33
13.0
× 14.0 × 18.0 B32922T3334+***
500
300
22.5
0.33
7.5
× 14.0 × 26.5 B32923T3334+***
550
500
570
0.33
8.5
× 16.5 × 26.5 B32923A2334+***
480
500
510
0.47
8.5
× 16.5 × 26.5 B32923A2474M***
480
500
510
0.47
10.5
× 16.5 × 26.5 B32923B2474+***
390
400
540
0.68
10.5
× 18.5 × 26.5 B32923A2684M***
390
400
540
0.68
10.5
× 20.5 × 26.5 B32923B2684+***
390
400
540
1.0
12.0
× 22.0 × 26.5 B32923A2105M***
450
27.5
1.0
11.0
× 21.0 × 31.5 B32924A2105+***
350
320
1.5
13.5
× 23.0 × 31.5 B32924A2155M***
250
260
1.5
14.0
× 24.5 × 31.5 B32924B2155+***
260
2.2
18.0
× 27.5 × 31.5 B32924A2225+***
200
3.3
21.0
× 31.0 × 31.5 B32924A2335M***
180
4.7
22.0
× 36.5 × 31.5 B32924A2475M***
160
37.5
3.3
18.0
× 32.5 × 41.5 B32926A2335+***
90
4.7
20.0
× 39.5 × 41.5 B32926A2475M***
75
5.6
20.0
× 39.5 × 41.5 B32926A2565M***
75
6.8
28.0
× 42.5 × 41.5 B32926A2685M***
55
8.2
28.0
× 42.5 × 41.5 B32926A2825M***
55
B32921A/B/T ... B32926A/B/T
X2 / 305 VAC
Not for new design
Page 4 of 7
Please read Important notes
at the end of this document.


Similar Part No. - B32923B2684K000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32923B2684K000 EPCOS-B32923B2684K000 Datasheet
326Kb / 10P
   Film Capacitors EMI Suppression Capacitors (MKP) Not for new design
More results

Similar Description - B32923B2684K000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32924A2225K189 EPCOS-B32924A2225K189 Datasheet
326Kb / 10P
   Film Capacitors EMI Suppression Capacitors (MKP) Not for new design
B32924C3105M EPCOS-B32924C3105M Datasheet
324Kb / 8P
   EMI Suppression Capacitors (MKP)
B32023A3683M EPCOS-B32023A3683M Datasheet
313Kb / 5P
   EMI Suppression Capacitors (MKP)
logo
TDK Electronics
B32921 TDK-B32921_16 Datasheet
648Kb / 24P
   EMI Suppression Capacitors (MKP)
logo
EPCOS
B32021A3222M EPCOS-B32021A3222M Datasheet
313Kb / 5P
   EMI Suppression Capacitors (MKP)
B32021A3472M EPCOS-B32021A3472M Datasheet
341Kb / 21P
   EMI Suppression Capacitors (MKP)
B32922C3334K189 EPCOS-B32922C3334K189 Datasheet
384Kb / 22P
   EMI Suppression Capacitors (MKP)
B81130C1103289 EPCOS-B81130C1103289 Datasheet
331Kb / 6P
   EMI Suppression Capacitors (MKP)
B32921CD EPCOS-B32921CD Datasheet
324Kb / 8P
   EMI Suppression Capacitors (MKP)
logo
TDK Electronics
B81123 TDK-B81123_16 Datasheet
333Kb / 19P
   EMI Suppression Capacitors (MKP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com