Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFM32GG332F512 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # EFM32GG332F512
Description  High Performance 32-bit processor @ up to 48 MHz
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EFM32GG332F512 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button EFM32GG332F512 Datasheet HTML 6Page - List of Unclassifed Manufacturers EFM32GG332F512 Datasheet HTML 7Page - List of Unclassifed Manufacturers EFM32GG332F512 Datasheet HTML 8Page - List of Unclassifed Manufacturers EFM32GG332F512 Datasheet HTML 9Page - List of Unclassifed Manufacturers EFM32GG332F512 Datasheet HTML 10Page - List of Unclassifed Manufacturers EFM32GG332F512 Datasheet HTML 11Page - List of Unclassifed Manufacturers EFM32GG332F512 Datasheet HTML 12Page - List of Unclassifed Manufacturers EFM32GG332F512 Datasheet HTML 13Page - List of Unclassifed Manufacturers EFM32GG332F512 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 67 page
background image
Preliminary
...the world's most energy friendly microcontrollers
2013-06-28 - EFM32GG332FXX - d0126_Rev1.10
10
www.energymicro.com
3 Electrical Characteristics
3.1 Test Conditions
3.1.1 Typical Values
The typical data are based on TAMB=25°C and VDD=3.0 V, as defined in Table 3.2 (p. 10) , by simu-
lation and/or technology characterisation unless otherwise specified.
3.1.2 Minimum and Maximum Values
The minimum and maximum values represent the worst conditions of ambient temperature, supply volt-
age and frequencies, as defined in Table 3.2 (p. 10) , by simulation and/or technology characterisa-
tion unless otherwise specified.
3.2 Absolute Maximum Ratings
The absolute maximum ratings are stress ratings, and functional operation under such conditions are
not guaranteed. Stress beyond the limits specified in Table 3.1 (p. 10) may affect the device reliability
or cause permanent damage to the device. Functional operating conditions are given in Table 3.2 (p.
10) .
Table 3.1. Absolute Maximum Ratings
Symbol
Parameter
Condition
Min
Typ
Max
Unit
TSTG
Storage temperature range
-40
150
1
°C
TS
Maximum soldering tem-
perature
Latest IPC/JEDEC J-STD-020
Standard
260
°C
VDDMAX
External main supply volt-
age
0
3.8
V
VIOPIN
Voltage on any I/O pin
-0.3
VDD+0.3 V
1Based on programmed devices tested for 10000 hours at 150ºC. Storage temperature affects retention of preprogrammed cal-
ibration values stored in flash. Please refer to the Flash section in the Electrical Characteristics for information on flash data re-
tention for different temperatures.
3.3 General Operating Conditions
3.3.1 General Operating Conditions
Table 3.2. General Operating Conditions
Symbol
Parameter
Min
Typ
Max
Unit
TAMB
Ambient temperature range
-40
85
°C
VDDOP
Operating supply voltage
1.85
3.8
V
fAPB
Internal APB clock frequency
48
MHz
fAHB
Internal AHB clock frequency
48
MHz


Similar Part No. - EFM32GG332F512

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32GG332F512-QFP64 SILABS-EFM32GG332F512-QFP64 Datasheet
1Mb / 71P
   Read-while-write support
More results

Similar Description - EFM32GG332F512

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EFM32GG230 ETC2-EFM32GG230 Datasheet
3Mb / 66P
   High Performance 32-bit processor up to 48 MHz
logo
Silicon Laboratories
EFM32LG330 SILABS-EFM32LG330 Datasheet
1Mb / 66P
   High Performance 32-bit processor up to 48 MHz memory Protection Unit
EFM32GG232 SILABS-EFM32GG232 Datasheet
1Mb / 71P
   High Performance 32-bit processor
logo
Intel Corporation
376 INTEL-376 Datasheet
1Mb / 95P
   376TM HIGH PERFORMANCE 32-BIT EMBEDDED PROCESSOR
80960HA INTEL-80960HA Datasheet
828Kb / 102P
   80960HA/HD/HT 32-Bit High-Performance Superscalar Processor
80960CA-33 INTEL-80960CA-33 Datasheet
977Kb / 68P
   80960CA-33, -25, -16 32-BIT HIGH-PERFORMANCE EMBEDDED PROCESSOR
80960CA-25 INTEL-80960CA-25 Datasheet
1Mb / 62P
   SPECIAL ENVIRONMENT 80960CA-25, -16 32-BIT HIGH-PERFORMANCE EMBEDDED PROCESSOR
logo
Renesas Technology Corp
RX23E-A RENESAS-RX23E-A Datasheet
1Mb / 98P
   32-MHz, 32-bit RX MCUs with up to 256-KB flash memory,
logo
Intel Corporation
80960CF-30 INTEL-80960CF-30 Datasheet
1Mb / 62P
   SPECIAL ENVIRONMENT 80960CF-30, -25, -16 32-BIT HIGH-PERFORMANCE SUPERSCALAR PROCESSOR
logo
Nuvoton Technology Corp...
N571P032 NUVOTON-N571P032 Datasheet
649Kb / 19P
   32-BIT VOICE PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com