Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1086D50L-U Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP1086D50L-U
Description  1.5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1086D50L-U Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP1086D50L-U Datasheet HTML 2Page - Diodes Incorporated AP1086D50L-U Datasheet HTML 3Page - Diodes Incorporated AP1086D50L-U Datasheet HTML 4Page - Diodes Incorporated AP1086D50L-U Datasheet HTML 5Page - Diodes Incorporated AP1086D50L-U Datasheet HTML 6Page - Diodes Incorporated AP1086D50L-U Datasheet HTML 7Page - Diodes Incorporated AP1086D50L-U Datasheet HTML 8Page - Diodes Incorporated AP1086D50L-U Datasheet HTML 9Page - Diodes Incorporated AP1086D50L-U Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
AP1086
1.5A LOW DROPOUT POSITIVE ADJUSTABLE OR
FIXED-MODE REGULATOR
AP1086
Document number: DS31028 Rev. 6 - 2
6 of 10
www.diodes.com
June 2010
© Diodes Incorporated
Ordering Information
AP1086 X XX X - X
Low Dropout Regulator
Package
Vout
K : TO263-3L
D : TO252-3L
T : TO220-3L
Blank = Adj
15 = 1.5V
18 = 1.8V
25 = 2.5V
33 = 3.3V
50 = 5.0V
Packing
U : Tube
13 : Taping & Reel
Lead Free
G : Green
L : Lead Free
Device
Package
Code
Packaging
(Note 5)
Tube
13” Tape and Reel
Quantity
Part Number
Suffix
Quantity
Part Number
Suffix
AP1086DXXL-13
D
TO252-3L
NA
NA
2500/Tape & Reel
-13
AP1086DXXG-13
D
TO252-3L
NA
NA
2500/Tape & Reel
-13
AP1086KXXL-13
K
TO263-3L
NA
NA
800/Tape & Reel
-13
AP1086KXXG-13
K
TO263-3L
NA
NA
800/Tape & Reel
-13
AP1086TXXL-U
T
TO220-3L
50
-U
NA
NA
AP1086TXXG-U
T
TO220-3L
50
-U
NA
NA
Notes:
5. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.


Similar Part No. - AP1086D50L-U

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1086D50L-U DIODES-AP1086D50L-U Datasheet
168Kb / 8P
   1.5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1086 Rev. 2
More results

Similar Description - AP1086D50L-U

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1086 DIODES-AP1086 Datasheet
168Kb / 8P
   1.5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1086 Rev. 2
logo
GTM CORPORATION
GE1086 GTM-GE1086 Datasheet
265Kb / 4P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Anachip Corp
AP1086 ANACHIP-AP1086 Datasheet
207Kb / 9P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
GJ1086 GTM-GJ1086 Datasheet
270Kb / 4P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GU1086 GTM-GU1086 Datasheet
302Kb / 4P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Advanced Power Electron...
APE1086 A-POWER-APE1086 Datasheet
279Kb / 6P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
G3U1086 GTM-G3U1086 Datasheet
302Kb / 4P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
E-Tech Electronics LTD
GE1086 ETL-GE1086 Datasheet
268Kb / 4P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GU1086 ETL-GU1086 Datasheet
304Kb / 4P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Anachip Corp
AP1186 ANACHIP-AP1186 Datasheet
191Kb / 8P
   1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com