Selected language     English  ▼


E-250 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. E-250
Description  STANDARD TOLERANCE
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 1 page
background image
A
C
L
0.102
+0.003
-0.001
0.133
+0.003
-0.001
0.118
+0.003
-0.001
Recommended Mounting Holes
0.500 [12.7mm]
A
0.156 [4.0mm]
T
D
0.078 [2.0mm]
0.310 [7.9mm]
Ø.172
+.003
-.001
C
TYP.
0.168
+0.003
-0.001
TYP.
1. GENERAL SPECIFICATIONS: BIVAR MOLDED COMPONENT SPECIFICATION BV00-E101.
STANDARD TOLERANCE
( UNLESS OTHERWISE SPECIFIED )
Shane Irving
D. Green
CHECKED:
.XX
± .01
.XXX
± .005
.X
± .1
DECIMALS
DESIGNED:
E-XXX
D
08/10/98
CAD GENERATED DOCUMENT, DO NOT MEASURE DRAWING.
CAGE CODE : 32559
12/03/02
DATE:
1
1
SHEET #
OF
TEL: (949) 951-8808
FAX: (949) 951-3974
4 THOMAS, IRVINE, CA. 92618
ECON-O-GIDE PRESS-IN CARD GUIDE
PART NO:
TITLE:
± 1°
ANGULAR
DATE:
®
REVISION:
Engineering Update w/o Changes
REV.
D
02/26/04
DESCRIPTION
DATE
APPROVED
M. C.
2. MATERIAL: NYLON 6, 10% GLASS, 94V-0, BLACK. BIVAR MATERIAL CODE 12-BK.
RTP 299A X 59354CFR, BLACK OR MODIFIED PLASTICS MN6-FG10SE BK.
E-1000
E-1300
E-1350
E-1400
E-1150
E-1200
E-1250
E-1050
E-1100
PART
NO.
E-650
PART
NO.
E-850
E-900
E-950
E-800
E-750
E-700
E-400
E-350
E-500
E-600
E-550
E-450
E-250
E-300
E-200
84006-16
10.0 (254.0)
.093 (2.4)
.093 (2.4)
.078 (2.0)
10.547(267.9)
12.047(306.0)
13.0 (330.2)
13.5 (342.9)
14.0 (355.6)
11.5 (292.1)
12.0 (304.8)
12.5 (317.5)
10.5 (266.7)
11.0 (279.4)
9.031(229.4)
6.024 (153.0)
4.516 (114.7)
5.274 (134.0)
84006-17
84006-18
84006-19
84006-20
84006-21
84006-22
84006-23
84006-24
.156 (4.0)
.156 (4.0)
.141 (3.6)
C
+.016 (.41)
-.032 (.81)
DESC
DWG. NO.
T
±.005 (.1)
D
±.005 (.1)
A
+.016 (.41)
-.032 (.81)
L
±.062 (1.6)
D
±.005 (.1)
.078 (2.0)
.078 (2.0)
.078 (2.0)
.078 (2.0)
.078 (2.0)
.078 (2.0)
6.5 (165.1)
A
+.016 (.41)
-.047 (1.2)
6.031 (153.2)
L
±.062 (1.6)
8.5 (215.9)
9.0 (228.6)
9.5 (241.3)
7.531(191.3)
8.0 (203.2)
7.5 (190.5)
7.0 (177.8)
C
+.016 (.41)
-.032 (.81)
3.766 (95.7)
N/A
5.016 (127.4)
4.0 (101.6)
3.5 (88.9)
5.0 (127.0)
5.5 (139.7)
6.0 (152.4)
4.5 (114.3)
3.016 (76.6)
2.5 (63.5)
3.0 (76.2)
2.0 (50.8)
1.516 (38.5)
1.016 (25.8)
N/A
N/A
N/A
N/A
84006-09
84006-13
84006-14
84006-15
DESC
DWG. NO.
84006-12
84006-11
84006-10
T
±.007 (.2)
.141 (3.6)
.125 (3.2)
84006-07
84006-08
84006-04
84006-05
84006-06
84006-03
84006-02
84006-01
.125 (3.2)
.125 (3.2)
.125 (3.2)
.125 (3.2)
-
±0.005
±0.005




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl