Selected language     English  ▼


M-22S10100 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. M-22S10100
Description  WIREWOUND MULTITURN TYPE Mseries
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 2 page
background image
100
200
500
1 k
2 k
5 k
10k
20 k
50 k
100 k
M series
POTENTIOMETERS
Item
Part number
Resistance torelance
%
Independent linearity
%
End resistance, maximum
Effective electrical angle
Mechanical angle
Power rating
W
Dielectric strength
Vrms
Insulation resistance
M
Ω minimum
Rotational torque
mN·m {gf·cm} maximum
Stop strength
N·m {kgf·cm} maximum
Strength of tighten screw
N·m {kgf·cm} maximum
Peak noise
Ω maximum
Temp. coefficient of resistance
ppm/°C
Operating temp. range
°C
Rotational life
Net weight
g
M-13 series
M-22 series
M-1303
M-1305
M-22S10
M-22E10
± 5
2 % or 4
Ω, whichever is greater
0.5 % or 1
Ω, whichever is greater
± 0.5
± 0.2
± 50
−40 ~ 85
15000 cycles
25000 cycles
Approx. 7
Approx. 19
Approx. 17
Protection grade
IP
−40
1080°
0.75
1
2
1080°
1800°
3600°
1000 (at DC 500 V)
1000 1 min
14.7 {150}
9.81 {100}
0.147 {1.5}
0.196 {2}
0.98 {10}
M-22E10-000
0.784 {8}
M-22E10-050
0.588 {6}
20 (at 4 min
-1)
±10°
1800° ±
10°
3600°
+10°
0
STANDARD SPECIFICATIONS
NOMINAL RESISTANCE • RESOLUTION • RATED VOLTAGE • RATED CURRENT
Nominal resistance value (
Ω)
0.041
14.1
141.8
0.036
20.0
100.0
0.029
31.6
63.2
0.025
44.7
44.7
0.020
63.2
31.6
0.014
100.0
20.0
0.018
141.1
14.1
0.014
200.1
10.1
0.011
316.2
200.0
6.3
A 0.009
A 450.0
A 200.0
A 4.47
Resolution(%)
M-22S10
M-22E10
M-22S10
M-22E10
M-22S10
M-22E10
Rated voltage(V)
Rated current(mA)
Nominal resistance value (
Ω)
100
200
500
1 k
2 k
5 k
10 k
20 k
0.190
0.137
8.7
10.0
86.2
100.0
A 0.154
0.095
A 12.2
14.1
A 61.5
70.9
0.115
0.078
19.4
22.4
38.7
44.6
0.072
0.057
27.4
31.6
28.5
31.6
0.056
0.047
38.7
44.7
19.4
22.4
0.069
0.051
61.2
70.7
12.3
14.1
0.053
0.039
86.6
100.0
8.7
10.0
0.038
0.032
122.5
141.4
6.1
7.1
Resolution
(%)
M-1303
M-1305
M-1303
M-1305
M-1303
M-1305
Rated voltage
(V)
Rated current
(mA)
RATED POWER DERATING CURVE
The products indicated by
A mark are manufactured upon receipt of order basis.
100
Ambient temperature (C
°)
– 40
+ 40
+ 85
Specifications are subject to change without notice.




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl