Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GAL22V10D-7LPN Datasheet(PDF) 11 Page - Lattice Semiconductor

Part # GAL22V10D-7LPN
Description  Product Change Notifications (PCNs) have been issued to discontinue all devices in this data sheet.
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

GAL22V10D-7LPN Datasheet(HTML) 11 Page - Lattice Semiconductor

Back Button GAL22V10D-7LPN Datasheet HTML 7Page - Lattice Semiconductor GAL22V10D-7LPN Datasheet HTML 8Page - Lattice Semiconductor GAL22V10D-7LPN Datasheet HTML 9Page - Lattice Semiconductor GAL22V10D-7LPN Datasheet HTML 10Page - Lattice Semiconductor GAL22V10D-7LPN Datasheet HTML 11Page - Lattice Semiconductor GAL22V10D-7LPN Datasheet HTML 12Page - Lattice Semiconductor GAL22V10D-7LPN Datasheet HTML 13Page - Lattice Semiconductor GAL22V10D-7LPN Datasheet HTML 14Page - Lattice Semiconductor GAL22V10D-7LPN Datasheet HTML 15Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Specifications GAL22V10
9
tpd
A
Input or I/O to Comb. Output
1
10
3
15
3
20
3
25
ns
tco
A
Clock to Output Delay
1
7
2
8
2
10
2
15
ns
tcf2
Clock to Feedback Delay
2.5
2.5
8
13
ns
tsu
Setup Time, Input or Fdbk before Clk↑
6
10
12
15
ns
th
Hold Time, Input or Fdbk after Clk↑
0—
0—
0
0
ns
A
Maximum Clock Frequency with
83.3
55.5
41.6
33.3
MHz
External Feedback, 1/(tsu + tco)
fmax3
A
Maximum Clock Frequency with
110
80
45.4
35.7
MHz
Internal Feedback, 1/(tsu + tcf)
A
Maximum Clock Frequency with
125
83.3
50
38.5
MHz
No Feedback
twh
Clock Pulse Duration, High
4
6
10
13
ns
twl
Clock Pulse Duration, Low
4
6
10
13
ns
ten
B
Input or I/O to Output Enabled
1
10
3
15
3
20
3
25
ns
tdis
C
Input or I/O to Output Disabled
1
9
3
15
3
20
3
25
ns
tar
A
Input or I/O to Asynch. Reset of Reg.
1
13
3
20
3
25
3
25
ns
tarw
Asynch. Reset Pulse Duration
8
15
20
25
ns
tarr
Asynch. Reset to Clk↑ Recovery Time
8
10
20
25
ns
tspr
Synch. Preset to Clk↑ Recovery Time
8
10
14
15
ns
Specifications GAL22V10D
-10
MIN. MAX.
-25
MIN. MAX.
-20
MIN. MAX.
-15
MIN. MAX.
Over Recommended Operating Conditions
UNITS
1) Refer to Switching Test Conditions section.
2) Calculated from fmax with internal feedback. Refer to fmax Description section.
3) Refer to fmax Description section.
SYMBOL
PARAMETER
MAXIMUM*
UNITS
TEST CONDITIONS
C
I
Input Capacitance
8
pF
V
CC = 5.0V, VI = 2.0V
C
I/O
I/O Capacitance
8
pF
V
CC = 5.0V, VI/O = 2.0V
*Characterized but not 100% tested.
PARAM.
TEST
COND.1
DESCRIPTION
COM / IND
IND
COM / IND
COM / IND
Capacitance (T
A = 25
°C, f = 1.0 MHz)
AC Switching Characteristics


Similar Part No. - GAL22V10D-7LPN

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
GAL22V10D-7LPN LATTICE-GAL22V10D-7LPN Datasheet
718Kb / 23P
   All Devices Discontinued
GAL22V10D-7LPN LATTICE-GAL22V10D-7LPN Datasheet
718Kb / 23P
   All Devices Discontinued
GAL22V10D-7LPN LATTICE-GAL22V10D-7LPN Datasheet
718Kb / 23P
   GAL 22V10 Device Datasheet
GAL22V10D-7LPNI LATTICE-GAL22V10D-7LPNI Datasheet
718Kb / 23P
   All Devices Discontinued
GAL22V10D-7LPNI LATTICE-GAL22V10D-7LPNI Datasheet
718Kb / 23P
   All Devices Discontinued
More results

Similar Description - GAL22V10D-7LPN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1278 STMICROELECTRONICS-AN1278 Datasheet
303Kb / 44P
   Many mechanical components in the automotive sector have been replaced
logo
Maxim Integrated Produc...
DS3644 MAXIM-DS3644 Datasheet
24Kb / 4P
   A description of this device can be found in the product data sheet
3/29/2010
logo
PHOENIX CONTACT
REL-KSR-G24 PHOENIX-REL-KSR-G24 Datasheet
103Kb / 3P
   This product has been replaced by a newer version.
ELR1 PHOENIX-ELR1 Datasheet
136Kb / 4P
   This product has been replaced by a newer version.
logo
Silicon Laboratories
1208022 SILABS-1208022 Datasheet
145Kb / 2P
   Data sheet has been updated to include C8051T626-B-GM
logo
PHOENIX CONTACT
ST-OE2-5DC PHOENIX-ST-OE2-5DC Datasheet
135Kb / 5P
   This product has been replaced by a newer version.
1656987 PHOENIX-1656987 Datasheet
96Kb / 3P
   This product has been replaced by a newer version.
EMG45-IR1 PHOENIX-EMG45-IR1 Datasheet
115Kb / 4P
   This product has been replaced by a newer version.
CRIMPFOX-25 PHOENIX-CRIMPFOX-25 Datasheet
74Kb / 2P
   This product has been replaced by a newer version.
logo
Lite-On Technology Corp...
CNY17F-3S-TA LITEON-CNY17F-3S-TA Datasheet
461Kb / 10P
   Photocoupler Product Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com