Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1086K15L-13 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP1086K15L-13
Description  1.5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1086K15L-13 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP1086K15L-13 Datasheet HTML 1Page - Diodes Incorporated AP1086K15L-13 Datasheet HTML 2Page - Diodes Incorporated AP1086K15L-13 Datasheet HTML 3Page - Diodes Incorporated AP1086K15L-13 Datasheet HTML 4Page - Diodes Incorporated AP1086K15L-13 Datasheet HTML 5Page - Diodes Incorporated AP1086K15L-13 Datasheet HTML 6Page - Diodes Incorporated AP1086K15L-13 Datasheet HTML 7Page - Diodes Incorporated AP1086K15L-13 Datasheet HTML 8Page - Diodes Incorporated AP1086K15L-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
AP1086
1.5A LOW DROPOUT POSITIVE ADJUSTABLE OR
FIXED-MODE REGULATOR
AP1086
Document number: DS31028 Rev. 6 - 2
4 of 10
www.diodes.com
June 2010
© Diodes Incorporated
Functional Description
Introduction
The AP1086 adjustable or fixed-mode Low Dropout (LDO) regulator is a 3 terminal device which can easily be
programmed by internal mask change to any voltages within the range of 1.25V to VIN-1.4V. The AP1086 only
needs 1.4V differential between VIN and VOUT to maintain output regulation. In addition, the output voltage
tolerances are also extremely tight and they include the transient response as part of the specification. For
example, Intel VRE specification calls for a total of +/- 100mV including initial tolerance, load regulation and 0 to
1.5A load step.
The AP1086 is specifically designed to meet the fast current transient needs as well as providing an accurate
initial voltage, reducing the overall system cost with the need for fewer output capacitors.
Load Regulation
Since the AP1086 is only a 3 terminal device, it is not possible to provide true remote sensing of the output
voltage at the load. But it can supply good load regulation by internal feedback bypass the external loss such as
adjustable mode.
Stability
The AP1086 requires the use of an output capacitor as part of the frequency compensation in order to make the
regulator stable. For most applications a minimum of 10uF aluminum electrolytic capacitor insures both stability
and good transient response.
Thermal Design
The AP1086 incorporates an internal thermal shutdown that protects the device when the junction temperature
exceeds the maximum allowable junction temperature. Although this device can operate with junction
temperatures in the range of 150
oC, it is recommended that the selected heat sink be chosen such that during
maximum continuous load operation the junction temperature is kept below the temperature.
Layout Consideration
The output capacitors must be located as close to the VOUT terminal of the device as possible. It is recommended
to use a section of a layer of the PC board as a plane to connect the VOUT pin to the output capacitors to prevent
any high frequency oscillation that may result due to excessive trace inductance.


Similar Part No. - AP1086K15L-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1086K15L-13 DIODES-AP1086K15L-13 Datasheet
168Kb / 8P
   1.5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1086 Rev. 2
More results

Similar Description - AP1086K15L-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1086 DIODES-AP1086 Datasheet
168Kb / 8P
   1.5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1086 Rev. 2
logo
GTM CORPORATION
GE1086 GTM-GE1086 Datasheet
265Kb / 4P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Anachip Corp
AP1086 ANACHIP-AP1086 Datasheet
207Kb / 9P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
GJ1086 GTM-GJ1086 Datasheet
270Kb / 4P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GU1086 GTM-GU1086 Datasheet
302Kb / 4P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Advanced Power Electron...
APE1086 A-POWER-APE1086 Datasheet
279Kb / 6P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
G3U1086 GTM-G3U1086 Datasheet
302Kb / 4P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
E-Tech Electronics LTD
GE1086 ETL-GE1086 Datasheet
268Kb / 4P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GU1086 ETL-GU1086 Datasheet
304Kb / 4P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Anachip Corp
AP1186 ANACHIP-AP1186 Datasheet
191Kb / 8P
   1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com