Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GAL22V10D-15QPN Datasheet(PDF) 9 Page - Lattice Semiconductor

Part # GAL22V10D-15QPN
Description  Product Change Notifications (PCNs) have been issued to discontinue all devices in this data sheet.
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

GAL22V10D-15QPN Datasheet(HTML) 9 Page - Lattice Semiconductor

Back Button GAL22V10D-15QPN Datasheet HTML 5Page - Lattice Semiconductor GAL22V10D-15QPN Datasheet HTML 6Page - Lattice Semiconductor GAL22V10D-15QPN Datasheet HTML 7Page - Lattice Semiconductor GAL22V10D-15QPN Datasheet HTML 8Page - Lattice Semiconductor GAL22V10D-15QPN Datasheet HTML 9Page - Lattice Semiconductor GAL22V10D-15QPN Datasheet HTML 10Page - Lattice Semiconductor GAL22V10D-15QPN Datasheet HTML 11Page - Lattice Semiconductor GAL22V10D-15QPN Datasheet HTML 12Page - Lattice Semiconductor GAL22V10D-15QPN Datasheet HTML 13Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
Specifications GAL22V10
7
Supply voltage V
CC ....................................... -0.5 to +7V
Input voltage applied ........................... -2.5 to V
CC +1.0V
Off-state output voltage applied ........... -2.5 to V
CC +1.0V
Storage Temperature .................................. -65 to 150°C
Ambient Temperature with
Power Applied ......................................... -55 to 125°C
1. Stresses above those listed under the “Absolute Maximum
Ratings” may cause permanent damage to the device. These
are stress only ratings and functional operation of the device
at these or at any other conditions above those indicated in
the operational sections of this specification is not implied
(while programming, follow the programming specifications).
Commercial Devices:
Ambient Temperature (T
A) ............................. 0 to +75°C
Supply voltage (V
CC)
with Respect to Ground ..................... +4.75 to +5.25V
Industrial Devices:
Ambient Temperature (T
A) ............................ -40 to 85°C
Supply voltage (V
CC)
with Respect to Ground ..................... +4.50 to +5.50V
Specifications GAL22V10D
COMMERCIAL
ICC
Operating Power
VIL
= 0.5V VIH = 3.0V
L-4/-5/-7
90
140
mA
Supply Current
ftoggle
= 15MHz Outputs Open
L-10
90
130
mA
L-15/-25
75
90
mA
Q-10/-15/-25
45
55
mA
VIL
Input Low Voltage
Vss – 0.5
0.8
V
VIH
Input High Voltage
2.0
Vcc+1
V
IIL1
Input or I/O Low Leakage Current
0V ≤ VIN ≤ VIL (MAX.)
–100
μA
IIH
Input or I/O High Leakage Current
3.5V ≤ VIN ≤ VCC
——
10
μA
VOL
Output Low Voltage
IOL
= MAX. Vin = VIL or VIH
0.4
V
VOH
Output High Voltage
IOH
= MAX. Vin = VIL or VIH
2.4
V
IOL
Low Level Output Current
16
mA
IOH
High Level Output Current
–3.2
mA
IOS2
Output Short Circuit Current
VCC
= 5V
VOUT
= 0.5V T
A = 25°C
–30
–130
mA
Over Recommended Operating Conditions (Unless Otherwise Specified)
SYMBOL
PARAMETER
CONDITION
MIN.
TYP.3
MAX.
UNITS
INDUSTRIAL
ICC
Operating Power
VIL
= 0.5V VIH = 3.0V
L-7/-10
90
160
mA
Supply Current
ftoggle
= 15MHz Outputs Open
L-15/-20/-25
75
130
mA
1) The leakage current is due to the internal pull-up on all pins. See Input Buffer section for more information.
2) One output at a time for a maximum duration of one second. Vout = 0.5V was selected to avoid test problems caused by tester
ground degradation. Characterized but not 100% tested.
3) Typical values are at Vcc = 5V and TA = 25 °C
Absolute Maximum Ratings1
Recommended Operating Conditions
DC Electrical Characteristics


Similar Part No. - GAL22V10D-15QPN

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
GAL22V10D-15QPN LATTICE-GAL22V10D-15QPN Datasheet
718Kb / 23P
   All Devices Discontinued
GAL22V10D-15QPN LATTICE-GAL22V10D-15QPN Datasheet
718Kb / 23P
   All Devices Discontinued
GAL22V10D-15QPN LATTICE-GAL22V10D-15QPN Datasheet
718Kb / 23P
   GAL 22V10 Device Datasheet
More results

Similar Description - GAL22V10D-15QPN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1278 STMICROELECTRONICS-AN1278 Datasheet
303Kb / 44P
   Many mechanical components in the automotive sector have been replaced
logo
Maxim Integrated Produc...
DS3644 MAXIM-DS3644 Datasheet
24Kb / 4P
   A description of this device can be found in the product data sheet
3/29/2010
logo
PHOENIX CONTACT
REL-KSR-G24 PHOENIX-REL-KSR-G24 Datasheet
103Kb / 3P
   This product has been replaced by a newer version.
ELR1 PHOENIX-ELR1 Datasheet
136Kb / 4P
   This product has been replaced by a newer version.
logo
Silicon Laboratories
1208022 SILABS-1208022 Datasheet
145Kb / 2P
   Data sheet has been updated to include C8051T626-B-GM
logo
PHOENIX CONTACT
ST-OE2-5DC PHOENIX-ST-OE2-5DC Datasheet
135Kb / 5P
   This product has been replaced by a newer version.
1656987 PHOENIX-1656987 Datasheet
96Kb / 3P
   This product has been replaced by a newer version.
EMG45-IR1 PHOENIX-EMG45-IR1 Datasheet
115Kb / 4P
   This product has been replaced by a newer version.
CRIMPFOX-25 PHOENIX-CRIMPFOX-25 Datasheet
74Kb / 2P
   This product has been replaced by a newer version.
logo
Lite-On Technology Corp...
CNY17F-3S-TA LITEON-CNY17F-3S-TA Datasheet
461Kb / 10P
   Photocoupler Product Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com