Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMMBT3904WT1 Datasheet(PDF) 11 Page - ON Semiconductor

Part # SMMBT3904WT1
Description  General Purpose Transistors NPN and PNP Silicon
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SMMBT3904WT1 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button SMMBT3904WT1 Datasheet HTML 4Page - ON Semiconductor SMMBT3904WT1 Datasheet HTML 5Page - ON Semiconductor SMMBT3904WT1 Datasheet HTML 6Page - ON Semiconductor SMMBT3904WT1 Datasheet HTML 7Page - ON Semiconductor SMMBT3904WT1 Datasheet HTML 8Page - ON Semiconductor SMMBT3904WT1 Datasheet HTML 9Page - ON Semiconductor SMMBT3904WT1 Datasheet HTML 10Page - ON Semiconductor SMMBT3904WT1 Datasheet HTML 11Page - ON Semiconductor SMMBT3904WT1 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MMBT3904WT1, NPN, SMMBT3904WT1, NPN, MMBT3906WT1, PNP
http://onsemi.com
11
MMBT3906WT1
Figure 37. Temperature Coefficients
IC, COLLECTOR CURRENT (mA)
-0.5
0
0.5
1.0
0
60
80
120
140
160
180
20
40
100
200
-1.0
-1.5
-2.0
+25
°C TO +125°C
-55
°C TO +25°C
+25
°C TO +125°C
-55
°C TO +25°C
qVC FOR VCE(sat)
qVS FOR VBE(sat)
MMBT3906WT1
Cibo
Cobo
Figure 38. Capacitance
REVERSE BIAS VOLTAGE (VOLTS)
2.0
3.0
5.0
7.0
10
1.0
0.1
1.0
2.0 3.0
5.0 7.0 10
20 30 40
0.2 0.3
0.5 0.7
TJ = 25°C
TJ = 125°C
MMBT3906WT1
Figure 39. Current Gain Bandwidth Product
vs. Collector Current
Figure 40. Safe Operating Area
IC, COLLECTOR CURRENT (mA)
VCE, COLLECTOR EMITTER VOLTAGE (V)
1000
100
10
1
0.1
10
100
1000
100
10
1
0.1
0.001
0.01
0.1
1
VCE = 1 V
TA = 25°C
1 mS
Thermal Limit
1 S
100 mS 10 mS


Similar Part No. - SMMBT3904WT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SMMBT3904WT1G ONSEMI-SMMBT3904WT1G Datasheet
134Kb / 13P
   General Purpose Transistors
November, 2015 ??Rev. 9
More results

Similar Description - SMMBT3904WT1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBT3904WT1 LRC-MMBT3904WT1 Datasheet
455Kb / 9P
   General Purpose Transistors(NPN and PNP Silicon)
logo
Micro Electronics
2N3705 MICRO-ELECTRONICS-2N3705 Datasheet
311Kb / 4P
   PNP NPN SILICON GENERAL PURPOSE AF TRANSISTORS
2N3702 MICRO-ELECTRONICS-2N3702 Datasheet
299Kb / 4P
   PNP/NPN SILICON GENERAL PURPOSE AF TRANSISTORS
logo
NXP Semiconductors
PEMZ7 PHILIPS-PEMZ7 Datasheet
80Kb / 12P
   NPN/PNP general purpose transistors
2001 Nov 07
PUMZ1 NXP-PUMZ1 Datasheet
111Kb / 7P
   NPN/PNP general purpose transistors
2004 Oct 15
PEMZ7 NXP-PEMZ7 Datasheet
142Kb / 9P
   NPN/PNP general purpose transistors
2001 Nov 07
logo
Nexperia B.V. All right...
PUMZ1 NEXPERIA-PUMZ1 Datasheet
291Kb / 8P
   NPN/PNP general purpose transistors
2004 Oct 15
logo
NXP Semiconductors
PEMZ1 PHILIPS-PEMZ1 Datasheet
49Kb / 8P
   NPN/PNP general purpose transistors
2001 Nov 07
PEMZ1 NXP-PEMZ1 Datasheet
114Kb / 7P
   NPN/PNP general purpose transistors
2001 Nov 07
logo
Unisonic Technologies
PUMZ1 UTC-PUMZ1_15 Datasheet
119Kb / 3P
   NPN/PNP GENERAL PURPOSE TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com