Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT4401L Datasheet(PDF) 2 Page - ON Semiconductor

Part # MMBT4401L
Description  Switching Transistor NPN Silicon
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBT4401L Datasheet(HTML) 2 Page - ON Semiconductor

  MMBT4401L Datasheet HTML 1Page - ON Semiconductor MMBT4401L Datasheet HTML 2Page - ON Semiconductor MMBT4401L Datasheet HTML 3Page - ON Semiconductor MMBT4401L Datasheet HTML 4Page - ON Semiconductor MMBT4401L Datasheet HTML 5Page - ON Semiconductor MMBT4401L Datasheet HTML 6Page - ON Semiconductor MMBT4401L Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MMBT4401L, SMMBT4401L
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Breakdown Voltage (Note 3)
(IC = 1.0 mAdc, IB = 0)
V(BR)CEO
40
Vdc
Collector−Base Breakdown Voltage
(IC = 0.1 mAdc, IE = 0)
V(BR)CBO
60
Vdc
Emitter−Base Breakdown Voltage
(IE = 0.1 mAdc, IC = 0)
V(BR)EBO
6.0
Vdc
Base Cutoff Current
(VCE = 35 Vdc, VEB = 0.4 Vdc)
IBEV
0.1
mAdc
Collector Cutoff Current
(VCE = 35 Vdc, VEB = 0.4 Vdc)
ICEX
0.1
mAdc
ON CHARACTERISTICS (Note 3)
DC Current Gain
(IC = 0.1 mAdc, VCE = 1.0 Vdc)
(IC = 1.0 mAdc, VCE = 1.0 Vdc)
(IC = 10 mAdc, VCE = 1.0 Vdc)
(IC = 150 mAdc, VCE = 1.0 Vdc)
(IC = 500 mAdc, VCE = 2.0 Vdc)
hFE
20
40
80
100
40
300
Collector−Emitter Saturation Voltage
(IC = 150 mAdc, IB = 15 mAdc)
(IC = 500 mAdc, IB = 50 mAdc)
VCE(sat)
0.4
0.75
Vdc
Base −Emitter Saturation Voltage
(IC = 150 mAdc, IB = 15 mAdc)
(IC = 500 mAdc, IB = 50 mAdc)
VBE(sat)
0.75
0.95
1.2
Vdc
SMALL−SIGNAL CHARACTERISTICS
Current−Gain − Bandwidth Product
(IC = 20 mAdc, VCE = 10 Vdc, f = 100 MHz)
fT
250
MHz
Collector−Base Capacitance
(VCB = 5.0 Vdc, IE = 0, f = 1.0 MHz)
Ccb
6.5
pF
Emitter−Base Capacitance
(VEB = 0.5 Vdc, IC = 0, f = 1.0 MHz)
Ceb
30
pF
Input Impedance
(IC = 1.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz)
hie
1.0
15
kW
Voltage Feedback Ratio
(IC = 1.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz)
hre
0.1
8.0
X 10−4
Small−Signal Current Gain
(IC = 1.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz)
hfe
40
500
Output Admittance
(IC = 1.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz)
hoe
1.0
30
mmhos
SWITCHING CHARACTERISTICS
Delay Time
(VCC = 30 Vdc, VEB = 2.0 Vdc,
IC = 150 mAdc, IB1 = 15 mAdc)
td
15
ns
Rise Time
tr
20
Storage Time
(VCC = 30 Vdc, IC = 150 mAdc,
IB1 = IB2 = 15 mAdc)
ts
225
ns
Fall Time
tf
30
3. Pulse Test: Pulse Width ≤ 300 ms, Duty Cycle ≤ 2.0%.
Figure 1. Turn−On Time
Figure 2. Turn−Off Time
SWITCHING TIME EQUIVALENT TEST CIRCUITS
Scope rise time < 4.0 ns
*Total shunt capacitance of test jig connectors, and oscilloscope
+16 V
-2.0 V
< 2.0 ns
0
1.0 to 100
ms,
DUTY CYCLE
≈ 2.0%
1.0 k
W
+30 V
200
W
CS* < 10 pF
+16 V
-14 V
0
< 20 ns
1.0 to 100
ms,
DUTY CYCLE
≈ 2.0%
1.0 k
W
+30 V
200
W
CS* < 10 pF
-4.0 V


Similar Part No. - MMBT4401L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBT4401L ONSEMI-MMBT4401L Datasheet
176Kb / 7P
   Switching Transistor
October, 2016 ??Rev. 11
logo
Unisonic Technologies
MMBT4401L-AE3-R UTC-MMBT4401L-AE3-R Datasheet
117Kb / 6P
   NPN GENERAL PURPOSE AMPLIFIER
MMBT4401L-AE3-R UTC-MMBT4401L-AE3-R Datasheet
274Kb / 6P
   NPN GENERAL PURPOSE AMPLIFIER
MMBT4401L-AL3-R UTC-MMBT4401L-AL3-R Datasheet
274Kb / 6P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Motorola, Inc
MMBT4401LT1 MOTOROLA-MMBT4401LT1 Datasheet
301Kb / 8P
   Switching Transistor
More results

Similar Description - MMBT4401L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MJE13007 STMICROELECTRONICS-MJE13007 Datasheet
29Kb / 4P
   SILICON NPN SWITCHING TRANSISTOR
logo
Weitron Technology
MMBT4401 WEITRON-MMBT4401 Datasheet
461Kb / 6P
   Switching Transistor NPN Silicon
logo
ON Semiconductor
BSV52LT1 ONSEMI-BSV52LT1 Datasheet
51Kb / 4P
   Switching Transistor (NPN Silicon)
March, 2001 ??Rev. 1
logo
Infineon Technologies A...
PZT3904 INFINEON-PZT3904 Datasheet
48Kb / 5P
   NPN Silicon Switching Transistor
Nov-30-2001
logo
Siemens Semiconductor G...
SXT2222A SIEMENS-SXT2222A Datasheet
155Kb / 6P
   NPN Silicon Switching Transistor
logo
ON Semiconductor
MMBT4401LT1 ONSEMI-MMBT4401LT1 Datasheet
213Kb / 8P
   Switching Transistor(NPN Silicon)
September, 2004 ??Rev. 4
logo
STMicroelectronics
BU406 STMICROELECTRONICS-BU406_03 Datasheet
56Kb / 4P
   SILICON NPN SWITCHING TRANSISTOR
logo
New Jersey Semi-Conduct...
BUV42 NJSEMI-BUV42 Datasheet
114Kb / 4P
   SILICON NPN SWITCHING TRANSISTOR
logo
ON Semiconductor
MMBT4401WT1 ONSEMI-MMBT4401WT1 Datasheet
119Kb / 6P
   Switching Transistor NPN Silicon
February, 2004 ??Rev. 1
logo
Unisonic Technologies
BU406 UTC-BU406_15 Datasheet
213Kb / 4P
   SILICON NPN SWITCHING TRANSISTOR
logo
STMicroelectronics
MJE13007A STMICROELECTRONICS-MJE13007A Datasheet
63Kb / 4P
   SILICON NPN SWITCHING TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com