Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT3906WT1G Datasheet(PDF) 9 Page - ON Semiconductor

Part # MMBT3906WT1G
Description  General Purpose Transistors NPN and PNP Silicon
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBT3906WT1G Datasheet(HTML) 9 Page - ON Semiconductor

Back Button MMBT3906WT1G Datasheet HTML 4Page - ON Semiconductor MMBT3906WT1G Datasheet HTML 5Page - ON Semiconductor MMBT3906WT1G Datasheet HTML 6Page - ON Semiconductor MMBT3906WT1G Datasheet HTML 7Page - ON Semiconductor MMBT3906WT1G Datasheet HTML 8Page - ON Semiconductor MMBT3906WT1G Datasheet HTML 9Page - ON Semiconductor MMBT3906WT1G Datasheet HTML 10Page - ON Semiconductor MMBT3906WT1G Datasheet HTML 11Page - ON Semiconductor MMBT3906WT1G Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MMBT3904WT1, NPN, SMMBT3904WT1, NPN, MMBT3906WT1, PNP
http://onsemi.com
9
MMBT3906WT1
h PARAMETERS
Figure 28. Current Gain
IC, COLLECTOR CURRENT (mA)
70
100
200
300
50
Figure 29. Output Admittance
IC, COLLECTOR CURRENT (mA)
Figure 30. Input Impedance
IC, COLLECTOR CURRENT (mA)
Figure 31. Voltage Feedback Ratio
IC, COLLECTOR CURRENT (mA)
30
100
70
10
30
2.0
3.0
5.0
7.0
10
1.0
0.1
0.2
1.0
2.0
5.0
0.5
10
0.5
0.7
2.0
5.0
10
20
1.0
0.2
0.5
0.1
0.2
1.0
2.0
5.0
10
0.5
0.1
0.2
1.0
2.0
5.0
10
0.5
7.0
5.0
0.1
0.2
1.0
2.0
5.0
10
0.5
(VCE = −10 Vdc, f = 1.0 kHz, TA = 25°C)
50
20
MMBT3906WT1
MMBT3906WT1
MMBT3906WT1
MMBT3906WT1
0.3
0.7
3.0
7.0
0.3
0.7
3.0
7.0
0.3
0.7
3.0
7.0
0.3
0.7
3.0
7.0
0.3
0.7
3.0
7.0
STATIC CHARACTERISTICS
Figure 32. DC Current Gain
IC, COLLECTOR CURRENT (mA)
100
1000
10
1.0
TJ = 150°C
25
°C
-55
°C
10
100
1000
VCE = 1 V
MMBT3906WT1


Similar Part No. - MMBT3906WT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBT3906WT1G ONSEMI-MMBT3906WT1G Datasheet
166Kb / 12P
   General Purpose Transistors
January, 2011 ??Rev. 7
MMBT3906WT1G ONSEMI-MMBT3906WT1G Datasheet
134Kb / 13P
   General Purpose Transistors
November, 2015 ??Rev. 9
More results

Similar Description - MMBT3906WT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBT3904WT1 LRC-MMBT3904WT1 Datasheet
455Kb / 9P
   General Purpose Transistors(NPN and PNP Silicon)
logo
Micro Electronics
2N3705 MICRO-ELECTRONICS-2N3705 Datasheet
311Kb / 4P
   PNP NPN SILICON GENERAL PURPOSE AF TRANSISTORS
2N3702 MICRO-ELECTRONICS-2N3702 Datasheet
299Kb / 4P
   PNP/NPN SILICON GENERAL PURPOSE AF TRANSISTORS
logo
NXP Semiconductors
PEMZ7 PHILIPS-PEMZ7 Datasheet
80Kb / 12P
   NPN/PNP general purpose transistors
2001 Nov 07
PUMZ1 NXP-PUMZ1 Datasheet
111Kb / 7P
   NPN/PNP general purpose transistors
2004 Oct 15
PEMZ7 NXP-PEMZ7 Datasheet
142Kb / 9P
   NPN/PNP general purpose transistors
2001 Nov 07
logo
Nexperia B.V. All right...
PUMZ1 NEXPERIA-PUMZ1 Datasheet
291Kb / 8P
   NPN/PNP general purpose transistors
2004 Oct 15
logo
NXP Semiconductors
PEMZ1 PHILIPS-PEMZ1 Datasheet
49Kb / 8P
   NPN/PNP general purpose transistors
2001 Nov 07
PEMZ1 NXP-PEMZ1 Datasheet
114Kb / 7P
   NPN/PNP general purpose transistors
2001 Nov 07
logo
Unisonic Technologies
PUMZ1 UTC-PUMZ1_15 Datasheet
119Kb / 3P
   NPN/PNP GENERAL PURPOSE TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com