Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT4401LT3G Datasheet(PDF) 6 Page - ON Semiconductor

Part # MMBT4401LT3G
Description  Switching Transistor NPN Silicon
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBT4401LT3G Datasheet(HTML) 6 Page - ON Semiconductor

  MMBT4401LT3G Datasheet HTML 1Page - ON Semiconductor MMBT4401LT3G Datasheet HTML 2Page - ON Semiconductor MMBT4401LT3G Datasheet HTML 3Page - ON Semiconductor MMBT4401LT3G Datasheet HTML 4Page - ON Semiconductor MMBT4401LT3G Datasheet HTML 5Page - ON Semiconductor MMBT4401LT3G Datasheet HTML 6Page - ON Semiconductor MMBT4401LT3G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MMBT4401L, SMMBT4401L
http://onsemi.com
6
STATIC CHARACTERISTICS
Figure 17. Base−Emitter Saturation Voltage vs.
Collector Current
Figure 18. Base−Emitter Turn On Voltage vs.
Collector Current
IC, COLLECTOR CURRENT (A)
IC, COLLECTOR CURRENT (A)
1
0.1
0.01
0.001
0.0001
0.3
0.4
0.5
0.6
0.7
0.9
1.0
1.1
1
0.1
0.01
0.001
0.0001
0.3
0.4
0.5
0.6
0.7
0.9
1.0
0.8
150°C
25°C
−55°C
0.8
150°C
25°C
−55°C
IC/IB = 10
VCE = 2.0 V
Figure 19. Input Capacitance vs. Emitter Base
Voltage
Figure 20. Output Capacitance vs. Collector
Base Voltage
Veb, EMITTER BASE VOLTAGE (V)
Vcb, COLLECTOR BASE VOLTAGE (V)
6
3
2
1
0
9
11
13
15
19
21
50
30
25
10
0
1.5
2.5
3.5
4.5
6.5
8.5
17
5.5
4
5
5
1520
3540
45
7.5
Figure 21. Safe Operating Area
Figure 22. Current−Gain−Bandwidth Product
VCE, COLLECTOR EMITTER VOLTAGE (V)
IC, COLLECTOR CURRENT (mA)
100
10
1
0.001
0.01
1
10
0.1
10
1000
0.1
100
1
100
1000
10 msec
1 sec
VCE = 1.0 V
TA = 25°C


Similar Part No. - MMBT4401LT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBT4401LT3G ONSEMI-MMBT4401LT3G Datasheet
160Kb / 7P
   Switching Transistor
October, 2011 ??Rev. 10
MMBT4401LT3G ONSEMI-MMBT4401LT3G Datasheet
176Kb / 7P
   Switching Transistor
October, 2016 ??Rev. 11
More results

Similar Description - MMBT4401LT3G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MJE13007 STMICROELECTRONICS-MJE13007 Datasheet
29Kb / 4P
   SILICON NPN SWITCHING TRANSISTOR
logo
Weitron Technology
MMBT4401 WEITRON-MMBT4401 Datasheet
461Kb / 6P
   Switching Transistor NPN Silicon
logo
ON Semiconductor
BSV52LT1 ONSEMI-BSV52LT1 Datasheet
51Kb / 4P
   Switching Transistor (NPN Silicon)
March, 2001 ??Rev. 1
logo
Infineon Technologies A...
PZT3904 INFINEON-PZT3904 Datasheet
48Kb / 5P
   NPN Silicon Switching Transistor
Nov-30-2001
logo
Siemens Semiconductor G...
SXT2222A SIEMENS-SXT2222A Datasheet
155Kb / 6P
   NPN Silicon Switching Transistor
logo
ON Semiconductor
MMBT4401LT1 ONSEMI-MMBT4401LT1 Datasheet
213Kb / 8P
   Switching Transistor(NPN Silicon)
September, 2004 ??Rev. 4
logo
STMicroelectronics
BU406 STMICROELECTRONICS-BU406_03 Datasheet
56Kb / 4P
   SILICON NPN SWITCHING TRANSISTOR
logo
New Jersey Semi-Conduct...
BUV42 NJSEMI-BUV42 Datasheet
114Kb / 4P
   SILICON NPN SWITCHING TRANSISTOR
logo
ON Semiconductor
MMBT4401WT1 ONSEMI-MMBT4401WT1 Datasheet
119Kb / 6P
   Switching Transistor NPN Silicon
February, 2004 ??Rev. 1
logo
Unisonic Technologies
BU406 UTC-BU406_15 Datasheet
213Kb / 4P
   SILICON NPN SWITCHING TRANSISTOR
logo
STMicroelectronics
MJE13007A STMICROELECTRONICS-MJE13007A Datasheet
63Kb / 4P
   SILICON NPN SWITCHING TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com