Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1086K15G-13 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP1086K15G-13
Description  1.5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1086K15G-13 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP1086K15G-13 Datasheet HTML 1Page - Diodes Incorporated AP1086K15G-13 Datasheet HTML 2Page - Diodes Incorporated AP1086K15G-13 Datasheet HTML 3Page - Diodes Incorporated AP1086K15G-13 Datasheet HTML 4Page - Diodes Incorporated AP1086K15G-13 Datasheet HTML 5Page - Diodes Incorporated AP1086K15G-13 Datasheet HTML 6Page - Diodes Incorporated AP1086K15G-13 Datasheet HTML 7Page - Diodes Incorporated AP1086K15G-13 Datasheet HTML 8Page - Diodes Incorporated AP1086K15G-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
AP1086
1.5A LOW DROPOUT POSITIVE ADJUSTABLE OR
FIXED-MODE REGULATOR
AP1086
Document number: DS31028 Rev. 6 - 2
2 of 10
www.diodes.com
June 2010
© Diodes Incorporated
Pin Descriptions
Pin Name
I/O
Pin #
Description
Adj (GND)
1
Adjustable (Ground only for fixed mode)
VOUT
O
2
The output of the regulator. A minimum of 10uF capacitor must be connected
from this pin to ground to insure stability.
VIN
I
3
The input pin of regulator. Typically a large storage capacitor is connected
from this pin to ground to insure that the input voltage does not sag below the
minimum dropout voltage during the load transient response. This pin must
always be 1.4V higher than VOUT in order for the device to regulate properly.
Functional Block Diagram
3
Thermal
Shutdown
1
2
VOUT
Adj
1.25V
+
+
CURRENT
LIMIT
VIN
+
-
+
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VIN
DC Supply Voltage
-0.3 to 12
V
TST
Storage Temperature
-65 to +150
oC
TMJ
Maximum Junction Temperature
150
oC
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
Top
Operating Junction Temperature Range
0
125
oC


Similar Part No. - AP1086K15G-13

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1086K15 ANACHIP-AP1086K15 Datasheet
207Kb / 9P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
AP1086K15A ANACHIP-AP1086K15A Datasheet
207Kb / 9P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
AP1086K15L ANACHIP-AP1086K15L Datasheet
207Kb / 9P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
AP1086K15L-13 DIODES-AP1086K15L-13 Datasheet
168Kb / 8P
   1.5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1086 Rev. 2
AP1086K15L-U DIODES-AP1086K15L-U Datasheet
168Kb / 8P
   1.5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1086 Rev. 2
More results

Similar Description - AP1086K15G-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1086 DIODES-AP1086 Datasheet
168Kb / 8P
   1.5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1086 Rev. 2
logo
GTM CORPORATION
GE1086 GTM-GE1086 Datasheet
265Kb / 4P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Anachip Corp
AP1086 ANACHIP-AP1086 Datasheet
207Kb / 9P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
GJ1086 GTM-GJ1086 Datasheet
270Kb / 4P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GU1086 GTM-GU1086 Datasheet
302Kb / 4P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Advanced Power Electron...
APE1086 A-POWER-APE1086 Datasheet
279Kb / 6P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
G3U1086 GTM-G3U1086 Datasheet
302Kb / 4P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
E-Tech Electronics LTD
GE1086 ETL-GE1086 Datasheet
268Kb / 4P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GU1086 ETL-GU1086 Datasheet
304Kb / 4P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Anachip Corp
AP1186 ANACHIP-AP1186 Datasheet
191Kb / 8P
   1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com