Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV271SN2T1G Datasheet(PDF) 7 Page - ON Semiconductor

Part # TLV271SN2T1G
Description  Single-Channel, Rail-to-Rail Output, 3 MHz BW Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TLV271SN2T1G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button TLV271SN2T1G Datasheet HTML 3Page - ON Semiconductor TLV271SN2T1G Datasheet HTML 4Page - ON Semiconductor TLV271SN2T1G Datasheet HTML 5Page - ON Semiconductor TLV271SN2T1G Datasheet HTML 6Page - ON Semiconductor TLV271SN2T1G Datasheet HTML 7Page - ON Semiconductor TLV271SN2T1G Datasheet HTML 8Page - ON Semiconductor TLV271SN2T1G Datasheet HTML 9Page - ON Semiconductor TLV271SN2T1G Datasheet HTML 10Page - ON Semiconductor TLV271SN2T1G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
TLV271
http://onsemi.com
7
FREQUENCY (Hz)
Figure 13. PSRR vs. Frequency
RL = 2 kW,
Input = 200 mVpp,
AV = 1,
VDD = 2.5 V to 10 V,
TA = 25°C
0
100
1k
10k
100k
1
100
10k
100k
1k
1M
10M
FREQUENCY (Hz)
Figure 14. Open Loop Gain and Phase vs.
Frequency
140
Phase
10 V
Gain
10 V
TEMPERATURE (°C)
Figure 15. Gain Bandwidth Product vs.
Temperature
4.5
−40
10 V
5 V
2.7 V
RL = 2k
CL = 10 pF
0
SUPPLY VOLTAGE (V)
Figure 16. Slew Rate vs. Supply Voltage
4
0.5
1
1.5
2
2.5
3.5
3
2
1
0
SR+ @ 105°C
120
100
80
60
40
20
0
−20
−20
0
20
40
60
80
100
−10
−20
−30
−40
−50
−60
−70
−80
−90
−100
−110
Phase
5 V
Phase
2.7 V
Gain
5 V
Gain
2.7 V
2.5 V
4
3.5
3
2.5
2
3
SR− @ 105°C
180
135
90
45
0
SR+ @ 25°C
SR− @ 25°C
SR+ @ −40°C
SR− @ −40°C
10


Similar Part No. - TLV271SN2T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TLV271SN2T1G ONSEMI-TLV271SN2T1G Datasheet
968Kb / 12P
   Single-Channel, Rail-to-Rail Output, 3 MHz BW Operational Amplifier
April, 2013 ??Rev. 3
TLV271SN2T1G ONSEMI-TLV271SN2T1G Datasheet
1Mb / 26P
   Operational Amplifier, Rail-to-Rail Output, 3 MHz BW
July, 2020 - Rev. 7
More results

Similar Description - TLV271SN2T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TLV271SN2T1G ONSEMI-TLV271SN2T1G Datasheet
968Kb / 12P
   Single-Channel, Rail-to-Rail Output, 3 MHz BW Operational Amplifier
April, 2013 ??Rev. 3
TLV271 ONSEMI-TLV271 Datasheet
1Mb / 26P
   Operational Amplifier, Rail-to-Rail Output, 3 MHz BW
July, 2020 - Rev. 7
NCS20071 ONSEMI-NCS20071 Datasheet
967Kb / 24P
   Rail-to-Rail Output, BW Operational Amplifier
July, 2014 ??Rev. 1
NCS20071 ONSEMI-NCS20071_V01 Datasheet
1Mb / 30P
   Operational Amplifier, Railto-Rail Output, 3 MHz BW
September, 2018 - Rev. 14
logo
STMicroelectronics
TS9511 STMICROELECTRONICS-TS9511 Datasheet
505Kb / 11P
   Precision rail-to-rail input/output 3 MHz single operational amplifier
July 2013 Rev 6
logo
New Japan Radio
NJU7056 NJRC-NJU7056 Datasheet
242Kb / 8P
   Rail-to-Rail Output Single CMOS Operational Amplifier
NJM2730F-TE1 NJRC-NJM2730F-TE1 Datasheet
298Kb / 9P
   Rail-to-Rail Input/Output Single Operational Amplifier
logo
Unisonic Technologies
LV321 UTC-LV321_18 Datasheet
427Kb / 10P
   RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
logo
ON Semiconductor
NCS2001 ONSEMI-NCS2001_13 Datasheet
184Kb / 16P
   Rail-to-Rail, Single Operational Amplifier
June, 2013 ??Rev. 17
logo
New Japan Radio
NJM2746M-TE1 NJRC-NJM2746M-TE1 Datasheet
311Kb / 6P
   Single Supply, Rail-to-Rail Output Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com