Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SMA16AT3G Datasheet(PDF) 3 Page - ON Semiconductor

Part # 1SMA16AT3G
Description  400 Watt Peak Power Zener Transient Voltage Suppressors Unidirectional
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1SMA16AT3G Datasheet(HTML) 3 Page - ON Semiconductor

  1SMA16AT3G Datasheet HTML 1Page - ON Semiconductor 1SMA16AT3G Datasheet HTML 2Page - ON Semiconductor 1SMA16AT3G Datasheet HTML 3Page - ON Semiconductor 1SMA16AT3G Datasheet HTML 4Page - ON Semiconductor 1SMA16AT3G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
1SMA5.0AT3G Series, SZ1SMA5.0AT3G Series
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS
Device*
Device
Marking
VRWM
(Note 6)
IR @
VRWM
Breakdown Voltage
VC @ IPP
(Note 8)
C Typ.
(Note 9)
VBR (Volts) (Note 7)
@ IT
VC
IPP
Volts
mA
Min
Nom
Max
mA
Volts
Amps
pF
1SMA5.0AT3G
QE
5.0
400
6.4
6.7
7.0
10
9.2
43.5
2035
1SMA6.0AT3G
QG
6.0
400
6.67
7.02
7.37
10
10.3
38.8
1730
1SMA6.5AT3G
QK
6.5
250
7.22
7.6
7.98
10
11.2
35.7
1605
1SMA8.0AT3G
QR
8.0
25
8.89
9.36
9.83
1
13.6
29.4
1035
1SMA8.5AT3G
QT
8.5
5.0
9.44
9.92
10.4
1
14.4
27.8
1265
1SMA9.0AT3G
QV
9.0
2.5
10
10.55
11.1
1
15.4
26.0
1200
1SMA10AT3G
QX
10
2.5
11.1
11.7
12.3
1
17.0
23.5
1090
1SMA11AT3G
QZ
11
2.5
12.2
12.85
13.5
1
18.2
22.0
1000
1SMA12AT3G
RE
12
2.5
13.3
14.0
14.7
1
19.9
20.1
925
1SMA13AT3G
RG
13
2.5
14.4
15.15
15.9
1
21.5
18.6
860
1SMA14AT3G
RH
14
2.5
15.6
16.4
17.2
1
23.2
17.2
800
1SMA15AT3G
RM
15
2.5
16.7
17.6
18.5
1
24.4
16.4
758
1SMA16AT3G
RP
16
2.5
17.8
18.75
19.7
1
26.0
15.4
715
1SMA17AT3G
RR
17
2.5
18.9
19.9
20.9
1
27.6
14.5
680
1SMA18AT3G
RT
18
2.5
20
21.05
22.1
1
29.2
13.7
645
1SMA20AT3G
RV
20
2.5
22.2
23.35
24.5
1
32.4
12.3
585
1SMA22AT3G
RX
22
2.5
24.4
25.65
26.9
1
35.5
11.3
540
1SMA24AT3G
RZ
24
2.5
26.7
28.1
29.5
1
38.9
10.3
500
1SMA26AT3G
SE
26
2.5
28.9
30.4
31.9
1
42.1
9.5
460
1SMA28AT3G
SG
28
2.5
31.1
32.75
34.4
1
45.4
8.8
430
1SMA30AT3G
SK
30
2.5
33.3
35.05
36.8
1
48.4
8.3
405
1SMA33AT3G
SM
33
2.5
36.7
38.65
40.6
1
53.3
7.5
375
1SMA36AT3G
SP
36
2.5
40
42.1
44.2
1
58.1
6.9
345
1SMA40AT3G
SR
40
2.5
44.4
46.75
49.1
1
64.5
6.2
315
1SMA43AT3G
ST
43
2.5
47.8
50.3
52.8
1
69.4
5.8
295
1SMA45AT3G
SV
45
2.5
50
52.65
55.3
1
72.2
5.5
280
1SMA48AT3G
SX
48
2.5
53.3
56.1
58.9
1
77.4
5.2
265
1SMA54AT3G
TE
54
2.5
60
63.15
66.3
1
87.1
4.6
240
1SMA58AT3G
TG
58
2.5
64.4
67.8
71.5
1
93.6
4.3
225
1SMA70AT3G
TP
70
2.5
77.8
81.9
86.0
1
113
3.5
190
1SMA75AT3G
TR
75
2.5
83.3
87.7
92.1
1
121
3.3
180
6. A transient suppressor is normally selected according to the working peak reverse voltage (VRWM), which should be equal to or greater than
the DC or continuous peak operating voltage level.
7. VBR measured at pulse test current IT at an ambient temperature of 25C.
8. Surge current waveform per Figure 2 and derate per Figure 3.
9. Bias voltage = 0 V, F = 1.0 MHz, TJ = 25C.
†Please see 1SMA10CAT3 to 1SMA75CAT3 for Bidirectional devices.
* Include SZ-prefix devices where applicable.


Similar Part No. - 1SMA16AT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1SMA16AT3G ONSEMI-1SMA16AT3G Datasheet
64Kb / 5P
   400 Watt Peak Power Zener Transient Voltage Suppressors
July, 2006 ??Rev. 9
1SMA16AT3G ONSEMI-1SMA16AT3G Datasheet
144Kb / 5P
   400 Watt Peak Power Zener Transient Voltage Suppressors
May, 2010 ??Rev. 11
1SMA16AT3G ONSEMI-1SMA16AT3G Datasheet
148Kb / 5P
   400 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 14
1SMA16AT3G ONSEMI-1SMA16AT3G Datasheet
148Kb / 5P
   400 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 14
logo
Littelfuse
1SMA16AT3G LITTELFUSE-1SMA16AT3G Datasheet
723Kb / 5P
   The 1SMA5.0AT3G series is designed to protect voltage sensitive components from high voltage
More results

Similar Description - 1SMA16AT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SZ1SMA24CAT3 ONSEMI-SZ1SMA24CAT3 Datasheet
145Kb / 5P
   400 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 12
1SMA10CAT3 ONSEMI-1SMA10CAT3_07 Datasheet
86Kb / 5P
   400 Watt Peak Power Zener Transient Voltage Suppressors
October, 2007 - Rev. 10
SZ1SMA30CAT3G ONSEMI-SZ1SMA30CAT3G Datasheet
129Kb / 5P
   400 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 12
1SMA5.0AT3 ONSEMI-1SMA5.0AT3_10 Datasheet
144Kb / 5P
   400 Watt Peak Power Zener Transient Voltage Suppressors
May, 2010 ??Rev. 11
1SMA5.0AT3 ONSEMI-1SMA5.0AT3 Datasheet
55Kb / 6P
   400 Watt Peak Power Zener Transient Voltage Suppressors
April, 2004 ??Rev. 6
1SMA10CAT3 ONSEMI-1SMA10CAT3 Datasheet
50Kb / 6P
   400 Watt Peak Power Zener Transient Voltage Suppressors
April, 2004 ??Rev. 6
1SMA5 ONSEMI-1SMA5_06 Datasheet
64Kb / 5P
   400 Watt Peak Power Zener Transient Voltage Suppressors
July, 2006 ??Rev. 9
1SMA10CAT3 ONSEMI-1SMA10CAT3_06 Datasheet
58Kb / 5P
   400 Watt Peak Power Zener Transient Voltage Suppressors
May, 2006 ??Rev. 9
1SMA10CAT3G ONSEMI-1SMA10CAT3G Datasheet
145Kb / 5P
   400 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 14
SZ1SMA24AT3G ONSEMI-SZ1SMA24AT3G Datasheet
148Kb / 5P
   400 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 14
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com