Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LF1508TISSQTO Datasheet(PDF) 11 Page - Microchip Technology

Part # PIC16LF1508TISSQTO
Description  20-Pin Flash, 8-Bit Microcontrollers with nanoWatt XLP Technology
Download  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF1508TISSQTO Datasheet(HTML) 11 Page - Microchip Technology

Back Button PIC16LF1508TISSQTO Datasheet HTML 7Page - Microchip Technology PIC16LF1508TISSQTO Datasheet HTML 8Page - Microchip Technology PIC16LF1508TISSQTO Datasheet HTML 9Page - Microchip Technology PIC16LF1508TISSQTO Datasheet HTML 10Page - Microchip Technology PIC16LF1508TISSQTO Datasheet HTML 11Page - Microchip Technology PIC16LF1508TISSQTO Datasheet HTML 12Page - Microchip Technology PIC16LF1508TISSQTO Datasheet HTML 13Page - Microchip Technology PIC16LF1508TISSQTO Datasheet HTML 14Page - Microchip Technology PIC16LF1508TISSQTO Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 384 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41609A-page 11
PIC16(L)F1508/9
TABLE 1-2:
PIC16(L)F1508/9 PINOUT DESCRIPTION
Name
Function
Input
Type
Output
Type
Description
RA0/AN0/C1IN+/DACOUT1/
ICSPDAT/ICDDAT
RA0
TTL
CMOS General purpose I/O.
AN0
AN
A/D Channel input.
C1IN+
AN
Comparator positive input.
DACOUT1
AN
Digital-to-Analog Converter output.
ICSPDAT
ST
CMOS ICSP™ Data I/O.
ICDDAT
ST
CMOS In-Circuit Debug data.
RA1/AN1/CLC4IN1/VREF+/
C1IN0-/C2IN0-/ICSPCLK/
ICDCLK
RA1
TTL
CMOS General purpose I/O.
AN1
AN
A/D Channel input.
CLC4IN1
ST
Configurable Logic Cell source input.
VREF+
AN
A/D Positive Voltage Reference input.
C1IN0-
AN
Comparator negative input.
C2IN0-
AN
Comparator negative input.
ICSPCLK
ST
ICSP Programming Clock.
ICDCLK
ST
In-Circuit Debug Clock.
RA2/AN2/C1OUT/DACOUT2/
T0CKI/INT/PWM3/CLC1(1)/
CWG1FLT
RA2
ST
CMOS General purpose I/O.
AN2
AN
A/D Channel input.
C1OUT
CMOS Comparator output.
DACOUT2
AN
Digital-to-Analog Converter output.
T0CKI
ST
Timer0 clock input.
INT
ST
External interrupt.
PWM3
CMOS PWM output.
CLC1
CMOS Configurable Logic Cell source output.
CWG1FLT
ST
Complementary Waveform Generator Fault input.
RA3/CLC1IN0/VPP/T1G(2)/SS(2)/
MCLR
RA3
TTL
General purpose input with IOC and WPU.
CLC1IN0
ST
Configurable Logic Cell source input.
VPP
HV
Programming voltage.
T1G
ST
Timer1 Gate input.
SS
ST
Slave Select input.
MCLR
ST
Master Clear with internal pull-up.
RA4/AN3/SOSCO/
CLKOUT/T1G
RA4
TTL
CMOS General purpose I/O.
AN3
AN
A/D Channel input.
SOSCO
XTAL
XTAL
Secondary Oscillator Connection.
CLKOUT
CMOS FOSC/4 output.
T1G
ST
Timer1 Gate input.
RA5/CLKIN/T1CKI/NCO1CLK/
SOSCI
RA5
TTL
CMOS General purpose I/O.
CLKIN
CMOS
External clock input (EC mode).
T1CKI
ST
Timer1 clock input.
NCO1CLK
ST
Numerically Controlled Oscillator Clock source input.
SOSCI
XTAL
XTAL
Secondary Oscillator Connection.
Legend: AN = Analog input or output CMOS= CMOS compatible input or output
OD
= Open Drain
TTL = TTL compatible input
ST
= Schmitt Trigger input with CMOS levels I2C™ = Schmitt Trigger input with I2C
HV = High Voltage
XTAL = Crystal
levels
Note 1: Default location for peripheral pin function. Alternate location can be selected using the APFCON register.
2: Alternate location for peripheral pin function selected by the APFCON register.


Similar Part No. - PIC16LF1508TISSQTO

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16LF1508T-EMLQTP MICROCHIP-PIC16LF1508T-EMLQTP Datasheet
4Mb / 384P
   20-Pin Flash, 8-Bit Microcontrollers with nanoWatt XLP Technology
08/02/11
PIC16LF1508T-EMLSQTP MICROCHIP-PIC16LF1508T-EMLSQTP Datasheet
4Mb / 384P
   20-Pin Flash, 8-Bit Microcontrollers with nanoWatt XLP Technology
08/02/11
PIC16LF1508T-EPQTP MICROCHIP-PIC16LF1508T-EPQTP Datasheet
4Mb / 384P
   20-Pin Flash, 8-Bit Microcontrollers with nanoWatt XLP Technology
08/02/11
PIC16LF1508T-EPSQTP MICROCHIP-PIC16LF1508T-EPSQTP Datasheet
4Mb / 384P
   20-Pin Flash, 8-Bit Microcontrollers with nanoWatt XLP Technology
08/02/11
PIC16LF1508T-ESOQTP MICROCHIP-PIC16LF1508T-ESOQTP Datasheet
4Mb / 384P
   20-Pin Flash, 8-Bit Microcontrollers with nanoWatt XLP Technology
08/02/11
More results

Similar Description - PIC16LF1508TISSQTO

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16LF1508 MICROCHIP-PIC16LF1508 Datasheet
4Mb / 384P
   20-Pin Flash, 8-Bit Microcontrollers with nanoWatt XLP Technology
2011
PIC16F1508-I MICROCHIP-PIC16F1508-I Datasheet
4Mb / 384P
   20-Pin Flash, 8-Bit Microcontrollers with nanoWatt XLP Technology
08/02/11
PIC18F1XK22 MICROCHIP-PIC18F1XK22 Datasheet
3Mb / 388P
   20-Pin Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC16LF720 MICROCHIP-PIC16LF720_11 Datasheet
2Mb / 244P
   20-Pin Flash Microcontrollers with nanoWatt XLP Technology
2011
PIC16F720 MICROCHIP-PIC16F720 Datasheet
2Mb / 244P
   20-Pin Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC12F1840 MICROCHIP-PIC12F1840_11 Datasheet
3Mb / 382P
   8-Pin Flash Microcontrollers with nanoWatt XLP Technology
2011
PIC12F1840 MICROCHIP-PIC12F1840 Datasheet
3Mb / 376P
   8-Pin Flash Microcontrollers with nanoWatt XLP Technology
2011
PIC12F1822 MICROCHIP-PIC12F1822 Datasheet
4Mb / 398P
   8/14-Pin Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC16F1825 MICROCHIP-PIC16F1825 Datasheet
4Mb / 420P
   14/20-Pin Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC18F13K50 MICROCHIP-PIC18F13K50 Datasheet
6Mb / 414P
   20-Pin USB Flash Microcontrollers with nanoWatt XLP??Technology
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com