Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

356-311-04 Datasheet(PDF) 3 Page - Marl International Limited

Part # 356-311-04
Description  Quick-Mount Panel Mount Indicator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

356-311-04 Datasheet(HTML) 3 Page - Marl International Limited

  356-311-04 Datasheet HTML 1Page - Marl International Limited 356-311-04 Datasheet HTML 2Page - Marl International Limited 356-311-04 Datasheet HTML 3Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Marl Part No.
LED Part
Number
Peak Wave
Length
λ
p(nm)
Emitted Colour
Lens
Appearance
Electro-Optical
Data @ 20mA
Viewing
Angle
Termination
Typ Vf
(VDC)
LED lv
(mcd)
TYP
TYP
356-308-04
308
610
AMBER
WHITE DIFFUSED
2.0
100
120
PINS
356-308-04-40
12IN FLYING LEADS
356-320-04
320
470
BLUE
WHITE DIFFUSED
4.0
200
120
PINS
356-320-04-40
12IN FLYING LEADS
356-314-04
314
568
GREEN
WHITE DIFFUSED
2.1
30
120
PINS
356-314-04-40
12IN FLYING LEADS
356-302-04
302
625
HE RED
WHITE DIFFUSED
2.0
30
120
PINS
356-302-04-40
12IN FLYING LEADS
356-305-04
305
645
RED
WHITE DIFFUSED
1.7
40
120
PINS
356-305-04-40
12IN FLYING LEADS
356-311-04
311
585
YELLOW
WHITE DIFFUSED
2.1
30
120
PINS
356-311-04-40
12IN FLYING LEADS
Marl Part No.
LED Part
Number
Colour
Temperature
Emitted Colour
Lens
Appearance
Electro-Optical
Data @ 20mA
Viewing
Angle
Termination
Typ Vf
(VDC)
LED lv
(mcd)
TYP
TYP
356-998-04
998
5000K
NEUTRAL
WHITE
WHITE DIFFUSED
3.2
2500
120
PINS
356-998-04-40
12IN FLYING LEADS
MARL BUSINESS PARK, ULVERSTON, UK. LA12 9BN
Tel: +44 (0)1229 582 430. Web: www.leds.co.uk
356 Series
3
3
Quick-Mount Panel Mount Indicator
Provisional


Similar Part No. - 356-311-04

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
356-308-04 MARL-356-308-04 Datasheet
266Kb / 3P
   Quick-Mount Panel Mount Indicator
356-308-04 MARL-356-308-04_15 Datasheet
266Kb / 3P
   Provisional
More results

Similar Description - 356-311-04

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
357-508-04 MARL-357-508-04 Datasheet
281Kb / 3P
   Quick-Mount Panel Mount Indicator
357-508-04 MARL-357-508-04 Datasheet
281Kb / 3P
   Quick-Mount Panel Mount Indicator
356-308-04 MARL-356-308-04 Datasheet
266Kb / 3P
   Quick-Mount Panel Mount Indicator
logo
P-tec Corporation
PL518-1G13 P-TEC-PL518-1G13 Datasheet
77Kb / 1P
   Panel Mount Indicator
logo
Visual Communications C...
CNX722FV VCC-CNX722FV Datasheet
541Kb / 2P
   Panel Mount Indicator
logo
LUMEX INC.
SSI-LXMP059IDQ9222 LUMEX-SSI-LXMP059IDQ9222 Datasheet
111Kb / 1P
   RECTANGULAR PANEL MOUNT INDICATOR
logo
Visual Communications C...
5100F VCC-5100F Datasheet
140Kb / 2P
   LED Panel Mount Indicator
logo
LUMEX INC.
SSI-LXMP059GDQ9222 LUMEX-SSI-LXMP059GDQ9222 Datasheet
112Kb / 1P
   RECTANGULAR PANEL MOUNT INDICATOR
logo
Visual Communications C...
CNX48X VCC-CNX48X Datasheet
610Kb / 1P
   Ruggedized LED Panel Mount Indicator
logo
Marl International Limi...
571-520-04 MARL-571-520-04 Datasheet
284Kb / 3P
   Std Metal Panel Mount Indicator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com