Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

531-521-75 Datasheet(PDF) 3 Page - Marl International Limited

Part # 531-521-75
Description  industrial panel lamps
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

531-521-75 Datasheet(HTML) 3 Page - Marl International Limited

  531-521-75 Datasheet HTML 1Page - Marl International Limited 531-521-75 Datasheet HTML 2Page - Marl International Limited 531-521-75 Datasheet HTML 3Page - Marl International Limited 531-521-75 Datasheet HTML 4Page - Marl International Limited 531-521-75 Datasheet HTML 5Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
to order
de-rating information
BS EN ISO 9001:2008
approved manufacturer
531 series
0.0
100.0
80.0
60.0
40.0
20.0
55
5
0
15
25
35
45
Ambient Temperature Ta (°C)
Derating Graph D
10
20
30
40
50
0.0
100.0
80.0
60.0
40.0
20.0
55
5
0
15
25
35
45
Ambient Temperature Ta (°C)
Derating Graph F
10
20
30
40
50
0.0
100.0
80.0
60.0
40.0
20.0
55
5
0
15
25
35
45
Ambient Temperature Ta (°C)
Derating Graph I
10
20
30
40
50
8.5
to order please contact us on: t: +44 (0)1229 582 430 f: +44 (0)1229 585 155
e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the intention of
providing information, which must not be copied or released to a third party without prior written consent from marl
international limited. the information provided does not constitute part of any order or contract and should not be regarded as a
representation relating to either products or service. no responsibility can be assumed for inaccuracies or printing errors. marl
international limited reserve the right to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 531 - version 2013-12-03-173441
page 3 of 5


Similar Part No. - 531-521-75

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
531-521-75 MARL-531-521-75 Datasheet
248Kb / 2P
   PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
531-521-75 MARL-531-521-75 Datasheet
317Kb / 5P
   횠12.7mm mounting Robust bright nickel plated brass housing
531-521-75 MARL-531-521-75 Datasheet
276Kb / 2P
   PANEL INDICATOR LED
More results

Similar Description - 531-521-75

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
507-501-21_1312 MARL-507-501-21_1312 Datasheet
434Kb / 5P
   Industrial panel lamps
534-501-75_1312 MARL-534-501-75_1312 Datasheet
382Kb / 5P
   industrial panel lamps
511-501-21_1312 MARL-511-501-21_1312 Datasheet
432Kb / 5P
   industrial panel lamps
514-105-21_1309 MARL-514-105-21_1309 Datasheet
373Kb / 4P
   industrial panel lamps
538-501-75_1312 MARL-538-501-75_1312 Datasheet
395Kb / 5P
   industrial panel lamps
524-501-21_1312 MARL-524-501-21_1312 Datasheet
434Kb / 5P
   industrial panel lamps
528-501-21_1312 MARL-528-501-21_1312 Datasheet
432Kb / 5P
   industrial panel lamps
537-501-75_1312 MARL-537-501-75_1312 Datasheet
316Kb / 5P
   industrial panel lamps
508-501-21_1312 MARL-508-501-21_1312 Datasheet
433Kb / 5P
   industrial panel lamps
512-501-21_1312 MARL-512-501-21_1312 Datasheet
432Kb / 5P
   industrial panel lamps
520-301-21_1309 MARL-520-301-21_1309 Datasheet
423Kb / 5P
   industrial panel lamps
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com