Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A5349CA Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # A5349CA
Description  AC SMOKE DETECTOR WITH INTERCONNECT AND TIMER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A5349CA Datasheet(HTML) 7 Page - Allegro MicroSystems

  A5349CA Datasheet HTML 1Page - Allegro MicroSystems A5349CA Datasheet HTML 2Page - Allegro MicroSystems A5349CA Datasheet HTML 3Page - Allegro MicroSystems A5349CA Datasheet HTML 4Page - Allegro MicroSystems A5349CA Datasheet HTML 5Page - Allegro MicroSystems A5349CA Datasheet HTML 6Page - Allegro MicroSystems A5349CA Datasheet HTML 7Page - Allegro MicroSystems A5349CA Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
I/O OPERATION
Dwg. WC-004
HORN
ON
OFF
HORN NOT SELF COMPLETING
WHEN IN REMOTE ONLY ALARM
INTERNAL
CLOCK
HORN
V2 IN
I/O
4 CYCLES
2 CYCLES
40 ms
1.67 s
72 CLOCK CYCLES
V2 OUT
I/O
INTERNAL
CLOCK
LOCAL ALARM MODE
REMOTE ALARM MODE
HORN
ON
OFF
HORN
5349
AC SMOKE DETECTOR
with INTERCONNECT
and TIMER


Similar Part No. - A5349CA

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A5347CA ALLEGRO-A5347CA Datasheet
91Kb / 8P
   SMOKE DETECTOR WITH INTERCONNECT AND TIMER
A5348 ALLEGRO-A5348 Datasheet
282Kb / 9P
   The A5348 is a low-current, BiCMOS circuit providing all of the required features for an ionization-type smoke detector.
A5348CA ALLEGRO-A5348CA Datasheet
90Kb / 8P
   SMOKE DETECTOR WITH INTERCONNECT AND TIMER
A5348CA ALLEGRO-A5348CA Datasheet
282Kb / 9P
   The A5348 is a low-current, BiCMOS circuit providing all of the required features for an ionization-type smoke detector.
A5348CA-T ALLEGRO-A5348CA-T Datasheet
282Kb / 9P
   The A5348 is a low-current, BiCMOS circuit providing all of the required features for an ionization-type smoke detector.
More results

Similar Description - A5349CA

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
5348 ALLEGRO-5348 Datasheet
90Kb / 8P
   SMOKE DETECTOR WITH INTERCONNECT AND TIMER
5347 ALLEGRO-5347 Datasheet
91Kb / 8P
   SMOKE DETECTOR WITH INTERCONNECT AND TIMER
A5367CA ALLEGRO-A5367CA Datasheet
169Kb / 10P
   SMOKE DETECTOR WITH INTERCONNECT AND TIMER
A5338 ALLEGRO-A5338 Datasheet
248Kb / 8P
   Smoke Detector with Interconnect and Timer
5368 ALLEGRO-5368 Datasheet
89Kb / 8P
   SMOKE DETECTOR WITH INTERCONNECT AND TIMER
5358 ALLEGRO-5358 Datasheet
98Kb / 12P
   PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT AND TIMER
logo
Sensitron
A5366 SENSITRON-A5366 Datasheet
402Kb / 13P
   Photoelectric Smoke Detector with Interconnect and Timer
logo
Allegro MicroSystems
A5366CA ALLEGRO-A5366CA Datasheet
190Kb / 12P
   PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT AND TIMER
A5358CAT ALLEGRO-A5358CAT Datasheet
325Kb / 13P
   Photoelectric Smoke Detector with Interconnect and Timer
A5303 ALLEGRO-A5303 Datasheet
380Kb / 14P
   Photoelectric Smoke Detector with Interconnect, Timer, and Latching Alarm Indicator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com