Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5358 Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # 5358
Description  PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT AND TIMER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

5358 Datasheet(HTML) 5 Page - Allegro MicroSystems

  5358 Datasheet HTML 1Page - Allegro MicroSystems 5358 Datasheet HTML 2Page - Allegro MicroSystems 5358 Datasheet HTML 3Page - Allegro MicroSystems 5358 Datasheet HTML 4Page - Allegro MicroSystems 5358 Datasheet HTML 5Page - Allegro MicroSystems 5358 Datasheet HTML 6Page - Allegro MicroSystems 5358 Datasheet HTML 7Page - Allegro MicroSystems 5358 Datasheet HTML 8Page - Allegro MicroSystems 5358 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Test
Limits
Characteristic
Symbol
Test Conditions
Pin
VDD
Min.
Typ.
Max.
Units
Strobe Pulse Period
tst1
No Local or Remote Smoke
4
9
9.6
11.9
s
tst2
After 1 of 3 Valid Samples
4
9
2.42
2.70
2.96
s
tst3
After 2 of 3 Valid Samples
4
9
1.21
1.34
1.47
s
and During Local Alarm
tst4
Remote Alarm
4
9
9.67
10.8
11.8
s
tst5
Chamber Test or Low Supply
4
9
38.9
47.1
s
Test, No Local Alarm
tst6
Pushbutton Test, No Alarm
4
9
300
336
370
ms
Strobe Pulse Width
tw(st)
4
9
9.5
11.5
ms
IRED Pulse Period
tired1
No Local or Remote Smoke
6
9
9.6
11.9
s
tired2
After 1 of 3 Valid Samples
6
9
2.42
2.70
2.96
s
tired3
After 2 of 3 Valid Samples
6
9
1.21
1.34
1.47
s
and During Local Alarm
tired4
Remote Alarm
6
9
9.67
10.8
11.8
s
tired5
Chamber Test, No Local Alarm
6
9
38.9
47.1
s
tired6
Pushbutton Test, No Alarm
6
9
300
336
370
ms
IRED Pulse Width
tw(ired)
6
9
94
116
µs
IRED Rise Time
tr(ired)
10% to 90%
6
30
µs
IRED Fall Time
tf(ired)
90% to 10%
6
200
µs
I/O to Active Delay
td(io)
Local Alarm
7
9–0–
s
Rising Edge on I/O to Alarm
tr(io)
No Local Alarm
7
9
1.34
s
Horn Warning Pulse Period
thorn
Low Supply and Degraded
8, 9
9
38.9
47.1
s
Chamber Sensitivity
Horn Warning Pulse Width
tw(horn)
Low Supply and Degraded
8, 9
9
9.5
11.5
ms
Chamber Sensitivity
Horn ON Time
ton(horn)
Local or Remote Alarm
8, 9
9
252
ms
Horn OFF Time
toff(horn)
Local or Remote Alarm
8, 9
9
84
ms
AC ELECTRICAL CHARACTERISTICS, continued.
* Limits over the operating temperature range are based on characterization data.
Characteristics are production tested at +25
°C only.
Typical values are at +25
°C and are given for circuit design information only.
5358
PHOTOELECTRIC SMOKE DETECTOR
with INTERCONNECT and TIMER


Similar Part No. - 5358

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
53587-1 AIC-53587-1 Datasheet
369Kb / 24P
   STRATO-THERM Terminals & Splices for High Temperature Applications
logo
Festo Corporation.
535897 FESTO-535897 Datasheet
108Kb / 2P
   Air solenoid valve
535898 FESTO-535898 Datasheet
97Kb / 2P
   Air solenoid valve
535899 FESTO-535899 Datasheet
98Kb / 2P
   Air solenoid valve
logo
List of Unclassifed Man...
5358MTH1R ETC2-5358MTH1R Datasheet
529Kb / 22P
   THE WIDEST RANGE IN MINIATURE SWITCHES
More results

Similar Description - 5358

ManufacturerPart #DatasheetDescription
logo
Sensitron
A5366 SENSITRON-A5366 Datasheet
402Kb / 13P
   Photoelectric Smoke Detector with Interconnect and Timer
logo
Allegro MicroSystems
A5366CA ALLEGRO-A5366CA Datasheet
190Kb / 12P
   PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT AND TIMER
A5358CAT ALLEGRO-A5358CAT Datasheet
325Kb / 13P
   Photoelectric Smoke Detector with Interconnect and Timer
5348 ALLEGRO-5348 Datasheet
90Kb / 8P
   SMOKE DETECTOR WITH INTERCONNECT AND TIMER
5347 ALLEGRO-5347 Datasheet
91Kb / 8P
   SMOKE DETECTOR WITH INTERCONNECT AND TIMER
A5367CA ALLEGRO-A5367CA Datasheet
169Kb / 10P
   SMOKE DETECTOR WITH INTERCONNECT AND TIMER
A5338 ALLEGRO-A5338 Datasheet
248Kb / 8P
   Smoke Detector with Interconnect and Timer
5368 ALLEGRO-5368 Datasheet
89Kb / 8P
   SMOKE DETECTOR WITH INTERCONNECT AND TIMER
A5303 ALLEGRO-A5303 Datasheet
380Kb / 14P
   Photoelectric Smoke Detector with Interconnect, Timer, and Latching Alarm Indicator
A5303 ALLEGRO-A5303_16 Datasheet
799Kb / 15P
   Photoelectric Smoke Detector with Interconnect, Timer, and Latching Alarm Indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com