Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT5551LT1 Datasheet(PDF) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # MMBT5551LT1
Description  NPN EPITAXIAL SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

MMBT5551LT1 Datasheet(HTML) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  MMBT5551LT1 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD MMBT5551LT1 Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
WEJ
ELECTRONIC
CO.,LTD
HIGH VOLTAGE TRANSISTOR
Collector Dissipation:Pc-225mW(Ta=25 )
Collector-Emiller Voltage:
o
VCEO=160V
ABSOLUTE MAXIMUM RATINGS
(Ta=25 C)
o
Symbol
Rating
Unit
Collector-Base Voltage
Collector-Emitter Voltage
Emitter-Base Voltage
Collector Current
Collector Dissipation
Junction Temperature
Storage Temperature
Ta=25 C*
o
V
V
V
Ic
P
T
T
CBO
CEO
EBO
D
j
stg
180
160
6
600
225
150
-55~150
V
V
V
mA
mW
C
O
O
C
Characteristic
NPN EPITAXIAL SILICON TRANSISTOR
M M B T 5 5 5 1 L T 1
Electrical Characteristics
(Ta=25 C)
o
Parameter
Symbol
Condition
Unit
MAX.
TYP.
MIN.
Emitter-Base Breakdown Voltage
-Base Cutoff Current
DC Current Gain
Collector-Emitter Saturation Voltage
Current Gain-Bandwidth Product
Collector-Base Breakdown Voltage
Collector-Emitter Breakdown Voltage#
Collector
Emitter-Base Cutoff Current
DC Current Gain
DC Current Gain
Collector-Emitter Saturation Voltage
Base-Emitter Saturation Voltage
Base-Emitter Saturation Voltage
CEO
EBO
FE1
FE2
FE3
CE(sat)
CE(sat)
BE(sat)
BE(sat)
BV
I
h
h
h
V
V
V
V
BV
BV
I
f
CBO
EBO
CBO
T
I =100 A
I =1mA
I =10 A
C
C
E
I =0
I =0
I =0
V
=120V, V =0
V
=4V, I =0
V
=5V, I =1mA
V
=5V, I =-10mA
V
=5V, I =50mA
I =50mA, I =5mA
I =10mA, I =1mA
I =50mA, I =1mA
I =10mA, I =1mA
V
=10V, I =10mA,f=100MHz
E
B
C
CB
C
CB
C
CE
C
CE
C
CE
C
C
B
C
B
C
B
C
B
CE
C
V
V
V
nA
nA
180
160
6
80
80
30
50
50
250
0.5
0.15
1
1
300
MHz
V
V
V
V
*Total Device
Pulse Test: Pulse Width 300uS Duty cycle 2%
DEVICE MARKING:
2N5551S=Z1
#
Dissipation:FR=1X0.75X0.062 in Board Derate 25 C
o
100
3
1
2
SOT-23
1.BASE
2.EMITTER
3.COLLECTOR
1.
1.3
2.4
Unit:mm
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


Similar Part No. - MMBT5551LT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBT5551LT1 MOTOROLA-MMBT5551LT1 Datasheet
199Kb / 6P
   High Voltage Transistors
logo
ON Semiconductor
MMBT5551LT1 ONSEMI-MMBT5551LT1 Datasheet
199Kb / 6P
   High Voltage Transistors(NPN Silicon)
logo
Leshan Radio Company
MMBT5551LT1 LRC-MMBT5551LT1 Datasheet
165Kb / 4P
   High Voltage Transistors(NPN Silicon)
logo
ON Semiconductor
MMBT5551LT1 ONSEMI-MMBT5551LT1 Datasheet
97Kb / 6P
   High Voltage Transistors
December, 2004 ??Rev. 4
logo
Avic Technology
MMBT5551LT1 AVICTEK-MMBT5551LT1 Datasheet
38Kb / 1P
   SOT-23 Plastic-Encapsulate Transistors
More results

Similar Description - MMBT5551LT1

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MMBC1623L6 SAMSUNG-MMBC1623L6 Datasheet
29Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJY3008R FAIRCHILD-FJY3008R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
FJY3015R FAIRCHILD-FJY3015R Datasheet
290Kb / 4P
   NPN Epitaxial Silicon Transistor
BC817 FAIRCHILD-BC817_06 Datasheet
162Kb / 5P
   NPN Epitaxial Silicon Transistor
FJY3003R FAIRCHILD-FJY3003R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
PJD882 ETC-PJD882 Datasheet
184Kb / 3P
   NPN Epitaxial Silicon Transistor
logo
Continental Device Indi...
CSC2120 CDIL-CSC2120 Datasheet
87Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CD9581 CDIL-CD9581 Datasheet
113Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CSD545 CDIL-CSD545 Datasheet
182Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
logo
Samsung semiconductor
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Seme LAB
2N5014 SEME-LAB-2N5014 Datasheet
15Kb / 1P
   SILICON EPITAXIAL NPN TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com