Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LL4448 Datasheet(PDF) 3 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # LL4448
Description  High-speed switching diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

LL4448 Datasheet(HTML) 3 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  LL4448 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD LL4448 Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD LL4448 Datasheet HTML 3Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
WEJ
ELECTRONIC
CO.,LTD
Figure 3. Reverse current vs. reverse voltage
Figure 4. Diode capacitance vs. reverse voltage
Reverse voltage: VR(V)
Reverse voltage: VR(V)
Dimensions in mm
Cathode identification
0.3
3.5±0.2
Glass Case
Mini Melf / SOD 80
JEDEC DO 213 AA
LL4148-4448
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


Similar Part No. - LL4448

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
LL4448 SUNMATE-LL4448 Datasheet
77Kb / 2P
   150mA Surface Mount Fast Switching Diode
logo
Vishay Siliconix
LL4448 VISHAY-LL4448 Datasheet
292Kb / 5P
   Small Signal Fast Switching Diodes
Rev. 1.8, 24-Mar-06
logo
Guangdong Juxing Electr...
LL4448 JUXING-LL4448 Datasheet
548Kb / 2P
   500mW Hermetically Sealed Glass Fast Switching Diodes
logo
Taiwan Semiconductor Co...
LL4448 TSC-LL4448 Datasheet
44Kb / 1P
   500mW Hermetically Sealed Glass Fast Switching Diodes
logo
RFE international
LL4448 RFE-LL4448 Datasheet
77Kb / 1P
   SURFACE MOUNT: Switching Diodes MELF & SOT-23
More results

Similar Description - LL4448

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
   SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
logo
Rohm
DAN202FM ROHM-DAN202FM Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
DAP202FMFH ROHM-DAP202FMFH Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
BAV70HY ROHM-BAV70HY Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
BAV99FM ROHM-BAV99FM Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
BAW56HYFH ROHM-BAW56HYFH Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
DAN202FMFH ROHM-DAN202FMFH Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
DAP222ZM ROHM-DAP222ZM Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
1SS400CM ROHM-1SS400CM Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
BAW56HY ROHM-BAW56HY Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
DAN222ZM ROHM-DAN222ZM Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com