Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

677-930-21 Datasheet(PDF) 2 Page - Marl International Limited

Part # 677-930-21
Description  high performance panel lamps
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

677-930-21 Datasheet(HTML) 2 Page - Marl International Limited

  677-930-21 Datasheet HTML 1Page - Marl International Limited 677-930-21 Datasheet HTML 2Page - Marl International Limited 677-930-21 Datasheet HTML 3Page - Marl International Limited 677-930-21 Datasheet HTML 4Page - Marl International Limited 677-930-21 Datasheet HTML 5Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
technical data
Dimensions in mm (typical)
Not to scale
technical characteristics
Series
Max. Power
Dissipation
Max. Reverse
Voltage
Panel Cutout
Nut Mounting
Torque
Min. Mounting
Centres
Max. Panel
Thickness
units
mW
Vdc
mm
Nm
mm
mm
to order
Mounting hole to be clean and burr free
* = Current Version
^ = Voltage Version
BS EN ISO 9001:2008
approved manufacturer
677 series
3.2
23.8
6
7.5+0.1
0
Mounting Hole
Anode termination denoted by red indicator
housing material
Body
Nut
Panel Seal
Fresnel Lens
Encapsulation
Lock Washer
push on connectors
Header
Header
Header
Termination
925-000-00 is brass tin plated - for use
with 677 series lamps
Dimensions in mm (typical). Not to scale.
Black Anodised Aluminium
Nickel Plated Brass
Viton
Polycarbonate
PC5430 Resin
Spring Steel
Silver Flash Coated Brass
-
677
700
3*/1000^
8.1
0.6
14.5
1.5 - 13.0
optional flying lead terminations
Order Code
Suffix
Supply
Voltage
Wire
Colour
Wire
Length
No/Diameter
of Conductor
Diameter
Insulation
Comments
19
DC products
Red-anode/ Black-cathode
1000mm
Customised
lengths
available
19/0.15mm
1.2mm
to order please contact us on: t: +44 (0)1229 582 430 f: +44 (0)1229 585 155
e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the intention of
providing information, which must not be copied or released to a third party without prior written consent from marl
international limited. the information provided does not constitute part of any order or contract and should not be regarded as a
representation relating to either products or service. no responsibility can be assumed for inaccuracies or printing errors. marl
international limited reserve the right to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 677 - version 2013-12-03-173604
page 2 of 5


Similar Part No. - 677-930-21

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
677-930-21 MARL-677-930-21 Datasheet
292Kb / 3P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
677-930-21 MARL-677-930-21 Datasheet
254Kb / 2P
   PANEL INDICATOR LED
677-930-21-53 MARL-677-930-21-53 Datasheet
459Kb / 5P
   EMC version with internal stainless steel mesh 횠8.1mm mounting
677-930-21-53 MARL-677-930-21-53 Datasheet
459Kb / 5P
   high performance panel lamps
677-930-21-53 MARL-677-930-21-53 Datasheet
230Kb / 2P
   PANEL INDICATOR LED
More results

Similar Description - 677-930-21

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
604-301-04_1309 MARL-604-301-04_1309 Datasheet
460Kb / 4P
   high performance panel lamps
612-301-21_1309 MARL-612-301-21_1309 Datasheet
451Kb / 5P
   high performance panel lamps
671-290-22_1312 MARL-671-290-22_1312 Datasheet
374Kb / 4P
   high performance panel lamps
695-501-21_1312 MARL-695-501-21_1312 Datasheet
474Kb / 5P
   high performance panel lamps
699-501-75_1312 MARL-699-501-75_1312 Datasheet
359Kb / 4P
   high performance panel lamps
643-503-04_1312 MARL-643-503-04_1312 Datasheet
401Kb / 4P
   high performance panel lamps
651-105-21_1309 MARL-651-105-21_1309 Datasheet
430Kb / 5P
   high performance panel lamps
684-312-04_1309 MARL-684-312-04_1309 Datasheet
415Kb / 4P
   high performance panel lamps
623-503-22_1309 MARL-623-503-22_1309 Datasheet
326Kb / 4P
   high performance panel lamps
665-501-04-50_1312 MARL-665-501-04-50_1312 Datasheet
397Kb / 4P
   high performance panel lamps
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com