Selected language     English  ▼


KTD1351 Datasheet(PDF) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part No. KTD1351
Description  TRANSISTOR (NPN)
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Homepage  http://www.wej.cn
Logo 

   
 1 page
background image
WEJ
ELECTRONIC
CO.,LTD
KTD1351 TRANSISTOR (NPN)
FEATURES
Power dissipation
PCM:
2
W (Tamb=25
℃)
Collector current
ICM:
3
A
Collector-base voltage
V(BR)CBO:
60
V
Operating and storage junction temperature range
TJ, Tstg: -55
℃ to +150℃
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic= 100 µA,IE=0
60
V
Collector-emitter breakdown voltage
V(BR)CEO
Ic= 50mA, IB=0
60
V
Emitter-base breakdown voltage
V(BR)EBO
IE= 100 µA , IC=0
7
V
Collector cut-off current
ICBO
VCB= 60V, IE=0
100
µA
Emitter cut-off current
IEBO
VEB= 7V, IC=0
100
µA
DC current gain
hFE
VCE= 5V, IC= 0.5 A
60
300
Collector-emitter saturation voltage
VCE(sat)
VCE=2A, IB=0.2A
1
V
Base-emitter voltage
VBE
VCE= 5V, IC=0.5A
1
V
Transition frequency
fT
VCE=5V, IC=0.5A
2
MHZ
CLASSIFICATION OF hFE (1)
Rank
O
Y
GR
Range
60-120
100-200
150-300
1 2 3
TO-220
1. BASE
2. COLLECTOR
3. EMITTER
KTD1351
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl