Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

677-997-21-53 Datasheet(PDF) 4 Page - Marl International Limited

Part # 677-997-21-53
Description  high performance panel lamps
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

677-997-21-53 Datasheet(HTML) 4 Page - Marl International Limited

  677-997-21-53 Datasheet HTML 1Page - Marl International Limited 677-997-21-53 Datasheet HTML 2Page - Marl International Limited 677-997-21-53 Datasheet HTML 3Page - Marl International Limited 677-997-21-53 Datasheet HTML 4Page - Marl International Limited 677-997-21-53 Datasheet HTML 5Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
also available continued
to order
BS EN ISO 9001:2008
approved manufacturer
677 EMC series
Part
Number
Colour
Voltage
Vopr
677-521-23-15
Yellow
28 Vdc
677-521-23-19
Yellow
28 Vdc
677-521-24
Yellow
48 Vdc
677-523-22
Red
24 Vdc
677-523-23
Red
28 Vdc
677-524-21
Yellow
12 Vdc
677-524-22
Yellow
24 Vdc
677-525-22
Green
24 Vdc
677-525-23
Green
28 Vdc
677-530-23-50
Red/Green
28 Vdc
677-532-00-50
Green
100-265 Vac
677-532-00-51
Green
16-32 Vdc
677-532-00-52
Green
16-32 Vdc
677-532-04
Green
20 mA dc
677-532-20
Green
5/6 Vdc
677-532-20-19
Green
5/6 Vdc
677-532-21
Green
12 Vdc
677-532-21-15
Green
12 Vdc
677-532-21-19
Green
12 Vdc
677-532-22
Green
24 Vdc
677-532-22-50
Green
24 Vdc
677-532-23
Green
28 Vdc
677-532-23-05
Green
28 Vdc
677-532-23-15
Green
28 Vdc
677-532-23-19
Green
28 Vdc
677-532-23-50
Green
28 Vdc
677-532-23-54
Green
28 Vdc
677-532-24
Green
48 Vdc
677-532-46
Green
35 Vdc
677-532-48
Green
60 Vdc
677-532-48-50
Green
60 Vdc
677-532-75-19
Green
110 Vac 50 Hz
677-532-75-50
Green
110 Vac 50 Hz
677-532-75-51
Green
110 Vac 50 Hz
677-532-86
Green
115 Vac 60 Hz
677-532-86-15
Green
115 Vac 60 Hz
677-535-04-15
Red/Green
20 mA dc
677-540-23
Red
28 Vdc
677-590-22
Red
24 Vdc
677-930-20
Blue
5/6 Vdc
677-930-21
Blue
12 Vdc
677-930-21-19
Blue
12 Vdc
677-930-22
Blue
24 Vdc
677-930-23
Blue
28 Vdc
677-997-20
White
5/6 Vdc
677-997-21
White
12 Vdc
677-997-21-55
White
12 Vdc
677-997-22
White
24 Vdc
677-997-23
White
28 Vdc
677-997-23-15
White
28 Vdc
677-997-23-55
White
28 Vdc
677-997-75-15
White
110 Vac 50 Hz
Part
Number
Colour
Voltage
Vopr
677-997-75-19
White
110 Vac 50 Hz
677-997-75-50
White
110 Vac 50 Hz
677-997-86
White
115 Vac 60 Hz
to order please contact us on: t: +44 (0)1229 582 430 f: +44 (0)1229 585 155
e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the intention of
providing information, which must not be copied or released to a third party without prior written consent from marl
international limited. the information provided does not constitute part of any order or contract and should not be regarded as a
representation relating to either products or service. no responsibility can be assumed for inaccuracies or printing errors. marl
international limited reserve the right to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 677 EMC - version 2013-12-03-173607
page 4 of 5


Similar Part No. - 677-997-21-53

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
677-997-21-53 MARL-677-997-21-53 Datasheet
459Kb / 5P
   EMC version with internal stainless steel mesh 횠8.1mm mounting
677-997-21-53 MARL-677-997-21-53 Datasheet
230Kb / 2P
   PANEL INDICATOR LED
More results

Similar Description - 677-997-21-53

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
604-301-04_1309 MARL-604-301-04_1309 Datasheet
460Kb / 4P
   high performance panel lamps
612-301-21_1309 MARL-612-301-21_1309 Datasheet
451Kb / 5P
   high performance panel lamps
671-290-22_1312 MARL-671-290-22_1312 Datasheet
374Kb / 4P
   high performance panel lamps
677-501-21_1312 MARL-677-501-21_1312 Datasheet
459Kb / 5P
   high performance panel lamps
695-501-21_1312 MARL-695-501-21_1312 Datasheet
474Kb / 5P
   high performance panel lamps
699-501-75_1312 MARL-699-501-75_1312 Datasheet
359Kb / 4P
   high performance panel lamps
643-503-04_1312 MARL-643-503-04_1312 Datasheet
401Kb / 4P
   high performance panel lamps
651-105-21_1309 MARL-651-105-21_1309 Datasheet
430Kb / 5P
   high performance panel lamps
684-312-04_1309 MARL-684-312-04_1309 Datasheet
415Kb / 4P
   high performance panel lamps
623-503-22_1309 MARL-623-503-22_1309 Datasheet
326Kb / 4P
   high performance panel lamps
665-501-04-50_1312 MARL-665-501-04-50_1312 Datasheet
397Kb / 4P
   high performance panel lamps
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com