Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22963CYZPT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22963CYZPT
Description  ULTRA-LOW ON-RESISTANCE, 3A LOAD SWITCH WITH REVERSE CURRENT PROTECTION AND CONTROLLED TURN-ON
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22963CYZPT Datasheet(HTML) 4 Page - Texas Instruments

  TPS22963CYZPT Datasheet HTML 1Page - Texas Instruments TPS22963CYZPT Datasheet HTML 2Page - Texas Instruments TPS22963CYZPT Datasheet HTML 3Page - Texas Instruments TPS22963CYZPT Datasheet HTML 4Page - Texas Instruments TPS22963CYZPT Datasheet HTML 5Page - Texas Instruments TPS22963CYZPT Datasheet HTML 6Page - Texas Instruments TPS22963CYZPT Datasheet HTML 7Page - Texas Instruments TPS22963CYZPT Datasheet HTML 8Page - Texas Instruments TPS22963CYZPT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
TPS22963
TPS22964
SLVSBS6 – JUNE 2013
www.ti.com
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
VIN
Input voltage range
–0.3 to 6
V
VOUT
Output voltage range
–0.3 to 6
V
VON
ON pin voltage range
–0.3 to 6
V
IMAX
Maximum continuous switch current
3
A
IPLS
Maximum pulsed switch current, 100 µs pulse, 2% duty cycle, TA = –40°C to 85°C
4
A
TA
Operating free air temperature range
–40 to 85
°C
TJ
Maximum junction temperature
125
°C
TSTG
Storage temperature range
–65 to 150
°C
TLEAD
Maximum lead temperature (10s soldering time)
300
°C
Human-Body Model (HBM)
2000
Electrostatic discharge
ESD
V
protection
Charged Device Model (CDM)
500
THERMAL INFORMATION
TPS22963/TPS22964
THERMAL METRIC(1)
YZP
UNITS
6 PINS
θJA
Junction-to-ambient thermal resistance(2)
132.0
θJCtop
Junction-to-case (top) thermal resistance(3)
1.4
θJB
Junction-to-board thermal resistance(4)
22.8
°C/W
ψJT
Junction-to-top characterization parameter(5)
5.7
ψJB
Junction-to-board characterization parameter(6)
22.6
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
The junction-to-ambient thermal resistance under natural convection is obtained in a simulation on a JEDEC-standard, high-K board, as
specified in JESD51-7, in an environment described in JESD51-2a.
(3)
The junction-to-case (top) thermal resistance is obtained by simulating a cold plate test on the package top. No specific JEDEC-
standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
(4)
The junction-to-board thermal resistance is obtained by simulating in an environment with a ring cold plate fixture to control the PCB
temperature, as described in JESD51-8.
(5)
The junction-to-top characterization parameter,
ψJT, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining
θJA, using a procedure described in JESD51-2a (sections 6 and 7).
(6)
The junction-to-board characterization parameter,
ψJB, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining
θJA , using a procedure described in JESD51-2a (sections 6 and 7).
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
MIN
TYP
MAX
UNIT
VIN
Input voltage range
1
5.5
V
VOUT
Output voltage range
0
5.5
V
VIN = 2.5V to 5.5V
1.3
5.5
VIH, ON
High-level ON voltage
V
VIN = 1V to 2.49V
1.1
5.5
VIN = 2.5V to 5.5V
0
0.6
VIL, ON
Low-level ON voltage
V
VIN = 1V to 2.49V
0
0.4
CIN
Input capacitor
1(1)
µF
(1)
Refer to the application section
4
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS22963 TPS22964


Similar Part No. - TPS22963CYZPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22963CYZPT TI1-TPS22963CYZPT Datasheet
1Mb / 28P
[Old version datasheet]   5.5-V, 3-A, 13-m廓 On-Resistance Load Switch With Reverse Current Protection and Controlled Turn-On
TPS22963CYZPT TI-TPS22963CYZPT Datasheet
1Mb / 28P
[Old version datasheet]   TPS2296xC 5.5-V, 3-A, 13-mΩ On-Resistance Load Switch With Reverse Current Protection and Controlled Turn-On
REVISED JANUARY 2015
More results

Similar Description - TPS22963CYZPT

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE8998A A-POWER-APE8998A Datasheet
702Kb / 8P
   ULTRA LOW ON RESISTANCE 3A LOAD SWITCH WITH CONTROLLED TURN ON
logo
Texas Instruments
TPS22963 TI-TPS22963 Datasheet
569Kb / 20P
[Old version datasheet]   ULTRA-LOW ON-RESISTANCE, 3A LOAD SWITCH WITH REVERSE CURRENT
TPS22910A TI1-TPS22910A Datasheet
729Kb / 20P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
logo
Global Mixed-mode Techn...
G5016 GMT-G5016 Datasheet
107Kb / 1P
   Dual Ultra-Low On-Resistance Load Switch with Controlled Turn-On
logo
Advanced Power Electron...
APE8937 A-POWER-APE8937_16 Datasheet
1Mb / 14P
   ULTRA LOW ON RESISTANCE 6A LOAD SWITCH WITH CONTROLLED TURN ON
logo
Texas Instruments
TPS22913 TI1-TPS22913 Datasheet
864Kb / 22P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22913B TI1-TPS22913B Datasheet
864Kb / 22P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
logo
Advanced Power Electron...
APE8998B A-POWER-APE8998B_16 Datasheet
575Kb / 8P
   ULTRA LOW ON RESISTANCE 4A LOAD SWITCH WITH CONTROLLED TURN ON
logo
Texas Instruments
TPS22930 TI1-TPS22930_16 Datasheet
975Kb / 23P
[Old version datasheet]   Ultra Small, Low On-Resistance Load Switch With Controlled Turn-on
TPS22929D TI1-TPS22929D Datasheet
746Kb / 21P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com