Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSPB300B Datasheet(PDF) 7 Page - Marl International Limited

Part # NSPB300B
Description  BLUE LED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

NSPB300B Datasheet(HTML) 7 Page - Marl International Limited

Back Button NSPB300B Datasheet HTML 3Page - Marl International Limited NSPB300B Datasheet HTML 4Page - Marl International Limited NSPB300B Datasheet HTML 5Page - Marl International Limited NSPB300B Datasheet HTML 6Page - Marl International Limited NSPB300B Datasheet HTML 7Page - Marl International Limited NSPB300B Datasheet HTML 8Page - Marl International Limited NSPB300B Datasheet HTML 9Page - Marl International Limited NSPB300B Datasheet HTML 10Page - Marl International Limited NSPB300B Datasheet HTML 11Page - Marl International Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
-6-
(6) Heat Generation
· Thermal design of the end product is of paramount importance.
Please consider the heat generation
of the LED when making the system design.
The coefficient of temperature increase per input
electric power is affected by the thermal resistance of the circuit board and density of LED
placement on the board, as well as other components. It is necessary to avoid intense heat generation
and operate within the maximum ratings given in this specification.
· The operating current should be decided after considering the ambient maximum temperature of LEDs.
(7) Cleaning
· It is recommended that isopropyl alcohol be used as a solvent for cleaning the LEDs. When using
other solvents, it should be confirmed beforehand whether the solvents will dissolve the resin or not.
Freon solvents should not be used to clean the LEDs because of worldwide regulations.
· Do not clean the LEDs by the ultrasonic. When it is absolutely necessary, the influence of ultrasonic
cleaning on the LEDs depends on factors such as ultrasonic power and the assembled condition.
Before cleaning, a pre-test should be done to confirm whether any damage to the LEDs will occur.
(8) Safety Guideline for Human Eyes
· The International Electrical Commission (IEC) published in 2006 IEC 62471:2006 Photobiological
safety of lamps and lamp systems which includes LEDs within its scope. Meanwhile LEDs were
removed from the scope of the IEC 60825-1:2007 laser safety standard, the 2001 edition of which
included LED sources within its scope. However, keep in mind that some countries and regions have
adopted standards based on the IEC laser safety standard IEC 60825-1:2001 which includes LEDs
within its scope.
Following IEC 62471:2006, most of Nichia LEDs can be classified as belonging to either Exempt
Group or Risk Group 1. Optical characteristics of a LED such as output power, spectrum and light
distribution are factors that affect the risk group determination of the LED. Especially a high-power
LED, that emits light containing blue wavelengths, may be in Risk Group 2.
Great care should be taken when viewing directly the LED driven at high current or the LED with
optical instruments, which may greatly increase the hazard to your eyes.
Nichia STS-DA1-0330
<Cat.No.081104>


Similar Part No. - NSPB300B

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSPB300B NICHIA-NSPB300B Datasheet
217Kb / 15P
   BLUE LED
logo
AAEON Technology
NSPB300B AAEON-NSPB300B Datasheet
474Kb / 14P
   SPECIFICATIONS FOR NICHIA BLUE LED
logo
NICHIA CORPORATION
NSPB300B NICHIA-NSPB300B_14 Datasheet
234Kb / 16P
   SPECIFICATIONS FOR BLUE LED
logo
AAEON Technology
NSPB300B AAEON-NSPB300B_15 Datasheet
474Kb / 14P
   SPECIFICATIONS FOR NICHIA BLUE LED
More results

Similar Description - NSPB300B

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSPB310B NICHIA-NSPB310B Datasheet
227Kb / 15P
   BLUE LED
NSPB500AS NICHIA-NSPB500AS Datasheet
230Kb / 15P
   BLUE LED
NSPB513 NICHIA-NSPB513 Datasheet
228Kb / 15P
   BLUE LED
NSPB520S NICHIA-NSPB520S Datasheet
295Kb / 15P
   BLUE LED
logo
Lucky Light Electronic
LL-484BC1C-B4-3B LUCKY-LIGHT-LL-484BC1C-B4-3B Datasheet
135Kb / 7P
   Blue LED
logo
Marl International Limi...
NSPB500AS MARL-NSPB500AS Datasheet
489Kb / 14P
   BLUE LED
NSPB510AS MARL-NSPB510AS Datasheet
696Kb / 14P
   BLUE LED
logo
Lucky Light Electronic
LL-544BD2I-B4-3B-T LUCKY-LIGHT-LL-544BD2I-B4-3B-T_15 Datasheet
134Kb / 7P
   Blue LED
LL-304BC4B-B4-2GD LUCKY-LIGHT-LL-304BC4B-B4-2GD_15 Datasheet
134Kb / 7P
   Blue LED
LL-304BC2L-B4-3B LUCKY-LIGHT-LL-304BC2L-B4-3B Datasheet
135Kb / 7P
   Blue LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com