Electronic Components Datasheet Search |
|
TL1105DF250Q Datasheet(PDF) 1 Page - E-SWITCH |
|
TL1105DF250Q Datasheet(HTML) 1 Page - E-SWITCH |
1 / 3 page (None) = 4.3mm A= 5.0mm B= 9.5mm SP = 2.8mm SERIES OPERATING FORCE CONTACT MTL./ TERMINATION (None) = 4.3mm A= 5.0mm B= 9.5mm C= 8.0mm D = 13.0mm E= 7.3mm F= 7.0mm G= 9.7mm H = 12.5mm K = 13.5mm (Not available for LL Series) L = 17.0mm P= 8.5mm Y = 16.3mm T = 2.4mm SP = 2.8mm ACTUATOR ("L" Dimension) 1105 F100 F160 F250 Q = Silver R = Gold See Cap Options Caps available for SP option only. CAP (Where Avail.) CAP COLOR MODEL NO. Example Ordering Number TL _ 1105_ SP_ F160 _ Q _1R RED TACT SWITCHES - 6mm x 6mm SPECIFICATIONS Contact Rating: 50mA @ 12 VDC (50mA @ 50VDC-gold) Life Expectancy: 100,000 cycles Contact Resistance: 100mΩ max., typical @ 2-4 VDC 100mA for both silver and gold plated contacts Insulation Resistance: 100MΩ min. Dielectric Strength: 250 VAC Actuation Force: 100 ± 50 gf, 160 ± 50 gf, 250 ± 50 gf Operating Temperature: -20°C to 70°C Travel: 0.25 Typ MATERIALS Housing: Nylon or PBT Actuator: Nylon, Acetal or PBT Cover: Polyester Contacts: Gold or silver plated Terminals: Silver plated brass HOW TO ORDER TL TLE = Earth Ground LL = Long Life V = 3.85mm W = 3.15mm X = 5.85mm R = 6.15mm M = 6.85mm S = 8.35mm N = 11.85mm Q = 15.85mm J = 2.4mm JA = 2.8mm 1105 (Rt. Angle) F100 F160 F250 Q = Silver R = Gold See Cap Options Caps available for JA option only. TL LL = Long Life – Square Snap-on Actuator Head “L” Dimension is 6.35mm Note: Contact E-Switch for additional Operating Force Options. Specifications subject to change without notice. – Square Snap-on Actuator Head “L” Dimension is 7.5mm FEATURES & BENEFITS Reliable dome contact technology Strong tactile/audible feedback Multiple operating force options APPLICATIONS/MARKETS Telecommunications Consumer Electronics Audio/visual Medical Testing/instrumentation Computer/servers/peripherals Phone: 800-867-2717 Fax: 763-531-8235 24 SERIES TL1105 SWITCHES |
Similar Part No. - TL1105DF250Q |
|
Similar Description - TL1105DF250Q |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |