Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40490MHRHDRT Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS40490MHRHDRT
Description  5-V to 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40490MHRHDRT Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS40490MHRHDRT Datasheet HTML 6Page - Texas Instruments TPS40490MHRHDRT Datasheet HTML 7Page - Texas Instruments TPS40490MHRHDRT Datasheet HTML 8Page - Texas Instruments TPS40490MHRHDRT Datasheet HTML 9Page - Texas Instruments TPS40490MHRHDRT Datasheet HTML 10Page - Texas Instruments TPS40490MHRHDRT Datasheet HTML 11Page - Texas Instruments TPS40490MHRHDRT Datasheet HTML 12Page - Texas Instruments TPS40490MHRHDRT Datasheet HTML 13Page - Texas Instruments TPS40490MHRHDRT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
TPS40490
SLVSCB4 – OCTOBER 2013
www.ti.com
TYPICAL CHARACTERISTICS
Figure 1. Vref and Vout start-Up Vin=48V Vo=12V
Figure 2. SS Vin=24V, Cref=1nF, CVdr=1µF,
Cv3V=1µF, css=68nF, Io=5.5A
Figure 3. Start-up 15Vin Vo=5.8V, 6A, 5MHz
Figure 4. Start-up 22Vin Vo=5.8V, 6A, 5MHz
Figure 5. Soft-Start with Vout connected to Vdr_ext with
Figure 6. Detailed start-up operation, 24Vin, Vo=12V, 6A
diode +20
Ω 200µF Yellow=Vout, Purple=Vdr_ext Blue=Vdr,
Ch1 (yellow): FB pin (negative input to the error amplifier),
Green=IC current
Ch2 (blue): Vout,
10
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS40490


Similar Part No. - TPS40490MHRHDRT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40400 TI1-TPS40400 Datasheet
761Kb / 56P
[Old version datasheet]   3.0-V TO 20-V PMBus SYNCHRONOUS BUCK CONTROLLER
TPS40400 TI-TPS40400 Datasheet
1Mb / 72P
[Old version datasheet]   3.0-V TO 20-V PMBus SYNCHRONOUS BUCK CONTROLLER
TPS40400RHLR TI1-TPS40400RHLR Datasheet
761Kb / 56P
[Old version datasheet]   3.0-V TO 20-V PMBus SYNCHRONOUS BUCK CONTROLLER
TPS40400RHLR TI-TPS40400RHLR Datasheet
1Mb / 72P
[Old version datasheet]   3.0-V TO 20-V PMBus SYNCHRONOUS BUCK CONTROLLER
TPS40400RHLT TI1-TPS40400RHLT Datasheet
761Kb / 56P
[Old version datasheet]   3.0-V TO 20-V PMBus SYNCHRONOUS BUCK CONTROLLER
More results

Similar Description - TPS40490MHRHDRT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40170 TI1-TPS40170_11 Datasheet
1Mb / 49P
[Old version datasheet]   4.5-V TO 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
MARCH2011
TPS40170-EP TI-TPS40170-EP_15 Datasheet
1Mb / 50P
[Old version datasheet]   4.5-V TO 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
TPS40170QRGYRQ1 TI-TPS40170QRGYRQ1 Datasheet
1Mb / 49P
[Old version datasheet]   4.5-V TO 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
TPS40170 TI-TPS40170_15 Datasheet
1Mb / 47P
[Old version datasheet]   TPS40170 4.5 V to 60 V Wide Input Synchronous PWM Buck Controller
TPS40170-Q1 TI-TPS40170-Q1_15 Datasheet
1Mb / 51P
[Old version datasheet]   TPS40170-Q1 4.5-V to 60-V, Wide-Input, Synchronous PWM Buck Controller
logo
STMicroelectronics
L3751 STMICROELECTRONICS-L3751 Datasheet
4Mb / 41P
   Wide 6 V to 75 V input voltage synchronous buck controller
Rev 1 - April 2022
logo
Texas Instruments
TPS40304A TI-TPS40304A_1 Datasheet
527Kb / 20P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40304A TI-TPS40304A_15 Datasheet
726Kb / 19P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40345 TI1-TPS40345 Datasheet
1Mb / 26P
[Old version datasheet]   3-V to 20-V Input Synchronous Buck Controller
TPS40303 TI-TPS40303 Datasheet
1Mb / 29P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com