Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2596SX-ADJ Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2596SX-ADJ
Description  SIMPLE SWITCHER짰 Power Converter 150 kHz 3A Step-Down Voltage Regulator
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2596SX-ADJ Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM2596SX-ADJ Datasheet HTML 4Page - National Semiconductor (TI) LM2596SX-ADJ Datasheet HTML 5Page - National Semiconductor (TI) LM2596SX-ADJ Datasheet HTML 6Page - National Semiconductor (TI) LM2596SX-ADJ Datasheet HTML 7Page - National Semiconductor (TI) LM2596SX-ADJ Datasheet HTML 8Page - National Semiconductor (TI) LM2596SX-ADJ Datasheet HTML 9Page - National Semiconductor (TI) LM2596SX-ADJ Datasheet HTML 10Page - National Semiconductor (TI) LM2596SX-ADJ Datasheet HTML 11Page - National Semiconductor (TI) LM2596SX-ADJ Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
Typical Performance Characteristics
Continuous Mode Switching Waveforms
V
IN = 20V, VOUT = 5V, ILOAD =2A
L = 32 µH, C
OUT = 220 µF, COUT ESR=50 mΩ
Discontinuous Mode Switching Waveforms
V
IN = 20V, VOUT = 5V, ILOAD = 500 mA
L = 10 µH, C
OUT = 330 µF, COUT ESR=45 mΩ
01258317
Horizontal Time Base: 2 µs/div.
A: Output Pin Voltage, 10V/div.
B: Inductor Current 1A/div.
C: Output Ripple Voltage, 50 mV/div.
01258318
Horizontal Time Base: 2 µs/div.
A: Output Pin Voltage, 10V/div.
B: Inductor Current 0.5A/div.
C: Output Ripple Voltage, 100 mV/div.
Load Transient Response for Continuous Mode
V
IN = 20V, VOUT = 5V, ILOAD = 500 mA to 2A
L = 32 µH, C
OUT = 220 µF, COUT ESR=50 mΩ
Load Transient Response for Discontinuous Mode
V
IN = 20V, VOUT = 5V, ILOAD = 500 mA to 2A
L = 10 µH, C
OUT = 330 µF, COUT ESR=45 mΩ
01258319
Horizontal Time Base: 100 µs/div.
A: Output Voltage, 100 mV/div. (AC)
B: 500 mA to 2A Load Pulse
01258320
Horizontal Time Base: 200 µs/div.
A: Output Voltage, 100 mV/div. (AC)
B: 500 mA to 2A Load Pulse
Test Circuit and Layout Guidelines
Fixed Output Voltage Versions
01258322
CIN
— 470 µF, 50V, Aluminum Electrolytic Nichicon “PL Series”
COUT
— 220 µF, 25V Aluminum Electrolytic, Nichicon “PL Series”
D1
— 5A, 40V Schottky Rectifier, 1N5825
L1
— 68 µH, L38
www.national.com
8


Similar Part No. - LM2596SX-ADJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2596SX-ADJ TI1-LM2596SX-ADJ Datasheet
4Mb / 42P
[Old version datasheet]   LM2596 SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
TECH PUBLIC Electronics...
LM2596SX-ADJ TECHPUBLIC-LM2596SX-ADJ Datasheet
2Mb / 8P
   3A / 150kHz Step-Down DC-DC Converter
logo
Texas Instruments
LM2596SX-ADJ/NOPB TI1-LM2596SX-ADJ/NOPB Datasheet
4Mb / 42P
[Old version datasheet]   LM2596 SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
More results

Similar Description - LM2596SX-ADJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2596S-3.3 TI1-LM2596S-3.3 Datasheet
4Mb / 42P
[Old version datasheet]   LM2596 SIMPLE SWITCHER짰 Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2599 NSC-LM2599_00 Datasheet
817Kb / 32P
   SIMPLE SWITCHER짰 Power Converter 150 kHz 3A Step-Down Voltage Regulator, with Features
logo
Texas Instruments
LM2595 TI1-LM2595_13 Datasheet
3Mb / 41P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2595SX-3.3 TI1-LM2595SX-3.3 Datasheet
3Mb / 41P
[Old version datasheet]   LM2595 SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2595S-50 TI1-LM2595S-50 Datasheet
3Mb / 41P
[Old version datasheet]   LM2595 SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2596 NSC-LM2596 Datasheet
736Kb / 31P
   SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
Texas Instruments
LM2598 TI1-LM2598_13 Datasheet
2Mb / 45P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator with Features
LM2596SX-5.0 TI1-LM2596SX-5.0 Datasheet
4Mb / 42P
[Old version datasheet]   LM2596 SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
LM2599SX-50 TI1-LM2599SX-50 Datasheet
2Mb / 44P
[Old version datasheet]   LM2599 SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
LM2594 TI1-LM2594 Datasheet
1Mb / 41P
[Old version datasheet]   LM2594/LM2594HV SIMPLE SWITCHER짰 Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com