Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1857JRS Datasheet(PDF) 3 Page - Analog Devices

Part # AD1857JRS
Description  Stereo, Single Supply 16-, 18- and 20-Bit Sigma-Delta DACs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1857JRS Datasheet(HTML) 3 Page - Analog Devices

  AD1857JRS Datasheet HTML 1Page - Analog Devices AD1857JRS Datasheet HTML 2Page - Analog Devices AD1857JRS Datasheet HTML 3Page - Analog Devices AD1857JRS Datasheet HTML 4Page - Analog Devices AD1857JRS Datasheet HTML 5Page - Analog Devices AD1857JRS Datasheet HTML 6Page - Analog Devices AD1857JRS Datasheet HTML 7Page - Analog Devices AD1857JRS Datasheet HTML 8Page - Analog Devices AD1857JRS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
DIGITAL TIMING (Guaranteed over 0
°C to +70°C, AV
DD = DVDD = +5.0 V ± 5%)
Min
Max
Units
tDML
MCLK LO Pulse Width (256
× F
S Mode)
35
ns
tDMH
MCLK HI Pulse Width (256
× F
S Mode)
40
ns
tDMP
MCLK Period (256
× F
S Mode)
88.577
ns
tDML
MCLK LO Pulse Width (384
× F
S Mode)
25
ns
tDMH
MCLK HI Pulse Width (384
× F
S Mode)
25
ns
tDMP
MCLK Period (384
× F
S Mode)
59.0514
ns
tDBH
BCLK HI Pulse Width
20
ns
tDBL
BCLK LO Pulse Width
20
ns
tDBP
BCLK Period
354.308
ns
tDLS
L
RCLK Setup
20
ns
tDLH
L
RCLK Hold
5
ns
tDDS
SDATA Setup
5
ns
tDDH
SDATA Hold
10
ns
tPDRP
PD/RST LO Pulse Width
4 MCLK Periods
ns
(355 ns @ 11.2896 MHz)
POWER
Min
Typ
Max
Units
Supplies
Voltage, Analog and Digital
4.75
5
5.25
V
Analog Current
35
40
mA
Analog Current – Power-Down
30
60
µA
Digital Current
20
25
mA
Digital Current – Power-Down
5
11
mA
Dissipation
Operation – Both Supplies
275
325
mW
Operation – Analog Supply
175
200
mW
Operation – Digital Supply
100
125
mW
Power-Down – Both Supplies
25
56
mW
Power Supply Rejection Ratio
1 kHz 300 mV p-p Signal at Analog Supply Pins
–60
dB
20 kHz 300 mV p-p Signal at Analog Supply Pins
–50
dB
TEMPERATURE RANGE
Min
Typ
Max
Units
Specifications Guaranteed
25
°C
Functionality Guaranteed
0
70
°C
Storage
–55
125
°C
ABSOLUTE MAXIMUM RATINGS*
Min
Typ
Max
Units
DVDD to DGND
–0.3
6
V
AVDD to AGND
–0.3
6
V
Digital Inputs
DGND – 0.3
DVDD + 0.3
V
Analog Outputs
AGND – 0.3
AVDD + 0.3
V
AGND to DGND
–0.3
0.3
V
Reference Voltage
Indefinite Short Circuit to Ground
Soldering
+300
°C
10
sec
*Stresses greater than those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions
for extended periods may affect device reliability.
REV. 0
–3–
AD1857/AD1858


Similar Part No. - AD1857JRS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1857JRS AD-AD1857JRS Datasheet
263Kb / 16P
   Stereo, Single Supply 16-, 18- and 20-Bit Sigma-Delta DACs
REV. 0
AD1857JRSRL AD-AD1857JRSRL Datasheet
263Kb / 16P
   Stereo, Single Supply 16-, 18- and 20-Bit Sigma-Delta DACs
REV. 0
More results

Similar Description - AD1857JRS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1858 AD-AD1858_15 Datasheet
266Kb / 16P
   Stereo, Single Supply 16-, 18- and 20-Bit Sigma-Delta DACs
REV. 0
AD1857 AD-AD1857 Datasheet
263Kb / 16P
   Stereo, Single Supply 16-, 18- and 20-Bit Sigma-Delta DACs
REV. 0
AD1857 AD-AD1857_15 Datasheet
266Kb / 16P
   Stereo, Single Supply 16-, 18- and 20-Bit Sigma-Delta DACs
REV. 0
logo
STMicroelectronics
TDA7535 STMICROELECTRONICS-TDA7535_06 Datasheet
128Kb / 9P
   DELTA/SIGMA CASCADE 20 BIT STEREO DAC
logo
Texas Instruments
TLC320AD75C TI-TLC320AD75C Datasheet
211Kb / 43P
[Old version datasheet]   20-Bit Sigma-Delta Stereo ADA Circuit
logo
STMicroelectronics
TDA7535 STMICROELECTRONICS-TDA7535 Datasheet
160Kb / 9P
   DELTA/SIGMA CASCADE 20 BIT STEREO DAC
logo
Texas Instruments
TLC320AD75 TI1-TLC320AD75 Datasheet
224Kb / 43P
[Old version datasheet]   20-Bit Sigma-Delta Stereo ADA Circuit
logo
STMicroelectronics
TDA7535013TR STMICROELECTRONICS-TDA7535013TR Datasheet
157Kb / 12P
   Delta/sigma cascade 20 bit stereo DAC
logo
Cirrus Logic
CS5510 CIRRUS-CS5510 Datasheet
406Kb / 24P
   16-bit and 20-bit, 8-pin Sigma-Delta ADC
logo
Motorola, Inc
MC145073 MOTOROLA-MC145073 Datasheet
228Kb / 16P
   Dual 16-Bit Stereo Audio Sigma-Delta ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com