Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMV512K32HFGMPR Datasheet(PDF) 10 Page - Texas Instruments

Part # SMV512K32HFGMPR
Description  16-Mb RADIATION-HARDENED SRAM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SMV512K32HFGMPR Datasheet(HTML) 10 Page - Texas Instruments

Back Button SMV512K32HFGMPR Datasheet HTML 6Page - Texas Instruments SMV512K32HFGMPR Datasheet HTML 7Page - Texas Instruments SMV512K32HFGMPR Datasheet HTML 8Page - Texas Instruments SMV512K32HFGMPR Datasheet HTML 9Page - Texas Instruments SMV512K32HFGMPR Datasheet HTML 10Page - Texas Instruments SMV512K32HFGMPR Datasheet HTML 11Page - Texas Instruments SMV512K32HFGMPR Datasheet HTML 12Page - Texas Instruments SMV512K32HFGMPR Datasheet HTML 13Page - Texas Instruments SMV512K32HFGMPR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
SMV512K32-SP
SLVSA21H – JUNE 2011 – REVISED JULY 2013
www.ti.com
Table 5. AC Characteristics Write Cycle (1)
SYMBOL
PARAMETER
MIN
MAX
UNIT
FIGURE
Figure 7
Figure 9
tAVAV
Write-through cycle time
20
ns
Figure 10
Figure 12
Figure 8
tAVAV2
(2)
Write cycle time with GZ always high
13.8
ns
Figure 11
Figure 7
tETWH
Device enable to end of write (WZ-controlled)
12
ns
Figure 8
Figure 9
Figure 10
tETWH2
(3)
Device enable to end of write (E-controlled)
11
ns
Figure 12
Figure 10
tAVET
Address setup time for write (E-controlled)
1.4
ns
Figure 11
Figure 12
Figure 7
Figure 9
tEFQZ
E-controlled tri-state time
3.5
5
ns
Figure 10
Figure 12
Figure 7
tAVWL
Address setup time for write (WZ-controlled)
3.6
ns
Figure 8
Figure 9
Figure 7
tWLWH
Write pulse width
7.9
ns
Figure 8
Figure 9
Figure 7
tWHAX
(3)
Address hold time for write-through (WZ-controlled)
8.5
ns
Figure 9
tWHAX1
(2)
Address hold time for write (WZ-controlled) with GZ always high
2.3
ns
Figure 8
Figure 10
tEFAX
Address hold time for device enable (E-controlled)
0.1
ns
Figure 11
Figure 12
Figure 10
tETEF
(3)
Device enable pulse width (E-controlled)
19.5
ns
Figure 12
tETEF1
(2)
Device enable pulse width (E-controlled) with GZ always high
12.3
ns
Figure 11
Figure 7
Figure 8
tDVWH
Data setup time
8.2
ns
Figure 9
Figure 10
Figure 12
Figure 7
Figure 8
tWHDX
Data hold time
0.2
ns
Figure 9
Figure 10
Figure 12
Figure 7
Figure 9
tWHEF
Write disable time to device disable for write-through
8.5
ns
Figure 10
Figure 12
tWHEF1
(2)
Write disable time to device disable with GZ always high
2.3
ns
Figure 8
Figure 7
tWHWL
Write disable time. Write pulse width high for write-through.
12.1
ns
Figure 9
tWHWL1
(2)
Write disable time. Write pulse width high with GZ always high.
2.6
ns
Figure 8
Figure 7
tWHQX
WZ-controlled tri-state end time
3
ns
Figure 10
Figure 7
tWHQV
WZ-controlled output data valid
10
ns
Figure 10
tWLQZ
WZ-controlled tri-state time
2
3.3
ns
Figure 7
(1)
TC = -55°C to 125°C, VDD1 = 1.7 V to 1.9 V, VDD2 = 3 V to 3.6 V (unless otherwise noted).
(2)
Write-only operations with GZ fixed high (no write-through).
(3)
Parameters ensured by design and/or characterization if not production tested.
10
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: SMV512K32-SP


Similar Part No. - SMV512K32HFGMPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMV512K32HFG TI1-SMV512K32HFG Datasheet
421Kb / 26P
[Old version datasheet]   16-Mb RADIATION-HARDENED SRAM
SMV512K32HFG/EM TI1-SMV512K32HFG/EM Datasheet
421Kb / 26P
[Old version datasheet]   16-Mb RADIATION-HARDENED SRAM
More results

Similar Description - SMV512K32HFGMPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMV512K32-SP TI1-SMV512K32-SP Datasheet
421Kb / 26P
[Old version datasheet]   16-Mb RADIATION-HARDENED SRAM
logo
Intersil Corporation
HS-80C86RH INTERSIL-HS-80C86RH_00 Datasheet
321Kb / 29P
   Radiation Hardened 16-Bit CMOS Microprocessor
logo
Renesas Technology Corp
HS-80C86RH RENESAS-HS-80C86RH Datasheet
1Mb / 30P
   Radiation Hardened 16-Bit CMOS Microprocessor
August 2000
logo
Intersil Corporation
HS-80C86RH INTERSIL-HS-80C86RH Datasheet
239Kb / 37P
   Radiation Hardened 16-Bit CMOS Microprocessor
logo
Xilinx, Inc
DS692 XILINX-DS692 Datasheet
1Mb / 41P
   Radiation-Hardened
logo
Microsemi Corporation
2N3498 MICROSEMI-2N3498_1 Datasheet
111Kb / 3P
   RADIATION HARDENED
2N2906A MICROSEMI-2N2906A_1 Datasheet
105Kb / 6P
   RADIATION HARDENED
2N3634 MICROSEMI-2N3634_1 Datasheet
233Kb / 5P
   RADIATION HARDENED
2N2221A MICROSEMI-2N2221A_1 Datasheet
144Kb / 7P
   RADIATION HARDENED
logo
International Rectifier
IRHLUB7970Z4 IRF-IRHLUB7970Z4_10 Datasheet
231Kb / 11P
   RADIATION HARDENED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com