Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LFB215G51SG8A132 Datasheet(PDF) 7 Page - Murata Manufacturing Co., Ltd.

Part # LFB215G51SG8A132
Description  Filters for Communication Equipment
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LFB215G51SG8A132 Datasheet(HTML) 7 Page - Murata Manufacturing Co., Ltd.

  LFB215G51SG8A132 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LFB215G51SG8A132 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. LFB215G51SG8A132 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. LFB215G51SG8A132 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. LFB215G51SG8A132 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. LFB215G51SG8A132 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. LFB215G51SG8A132 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. LFB215G51SG8A132 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. LFB215G51SG8A132 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Filters for Communication Equipment
7
Continued from the preceding page.
LFL18_TC1 Series
(in mm)
All the technical data and Information contained herein are subject
to change without prior notice.
(1)
(2)
(3)
(6)
(5)
(4)
1.6
±0.1
0.3
±0.1
0.20+0.10/-0.15
0.2
±0.1
0.50
±0.05
0.6
±0.1
(1) : IN
(2)(5) : GND
(3) : OUT
(4)(6) : NC
A : Pin 1 Marking
A
Frequency Characteristics
0
10
20
30
40
50
60
70
80
90
0
5
10
15
20
25
30
35
40
45
2.0
5.0
8.0
Frequency Range (GHz)
Part Number
Nominal Center
Frequency (fo)
(MHz)
Bandwidth (BW)
(MHz)
Insertion Loss
in BW
(dB)
Attenuation
(Absolute Value) I)
(dB)
Attenuation
(Absolute Value) II)
(dB)
Application
LFL15620MTC1C037
620
fo
±150
0.4 max.
(at 25
°C)
28 min.
at 1920~1980MHz
-
CDMA
LFL15869MTC1B787
869.5
fo
±45.5
0.50 max.
(at 25
°C)
18 min.
at 2x(fo
±45.5)MHz
17 min.
at 3x(fo
±45.5)MHz
GSM850/900
LFL151G81TC1B786
1810
fo
±100
0.60 max.
(at 25
°C)
23 min.
at 3420~3570MHz
21 min.
at 3700~3820MHz
GSM1800/1900
LFL151G95TC1C157
2017.5
fo
±20
0.50 max.
(at 25
°C)
24 min.
at 2xf1 MHz
16 min.
at 3xf1 MHz
TD-SCDMA
LFL152G45TC1A219
2450
fo
±50
0.45 max.
(at 25
°C)
21 min.
at 2x(fo
±50.0)MHz
21 min.
at 3x(fo
±50.0)MHz
WLAN/BT
LFL18620MTC2C181
620.00
fo
±150.00
0.60 max.
(at 25
°C)
26 min.
at 1429~1501MHz
26 min.
at 1565-1607MHz
CDMA700
LFL18628MTC2C221
628.50
fo
±158.50
0.65 max.
(at 25
°C)
26 min.
at 1429~1501MHz
30 min.
at 1565-1607MHz
UMTS
(Band12/13/14/17)
LFL182G45TC1A108
2450
fo
±50
0.37 max.
(at 25
°C)
27 min.
at 4800~5000MHz
25 min.
at 7200~7500MHz
WLAN/BT
LFL182G45TC1A202
2450
fo
±50
0.40 max.
(at 25
°C)
27 min.
at 4800~5000MHz
30 min.
at 7200~7500MHz
WLAN/BT
LFL182G45TC3B746
2450
fo
±50
0.60 max.
(at 25
°C)
35 min.
at 2x(fo
±50)MHz
30 min.
at 3x(fo
±50)MHz
WLAN/BT
LFL182G50TC1B905
2500
fo
±200
0.4 max.
(at 25
°C)
21 min.
at 4600~5400MHz
22 min.
at 6900~8100MHz
WIMAX
LFL182G54TC1B838
2545
fo
±145
0.4 max.
(at 25
°C)
26 min.
at 4800~5390MHz
23 min.
at 7200~8085MHz
WIMAX
LFL183G55TC2B908
3550
fo
±250
0.45 max.
(at 25
°C)
17 min.
at 6600~7600MHz
20 min.
at 9900~11400MHz
WIMAX
LFL183G55TC3C218
3550.00
fo
±250.00
0.55 max.
(at 25
°C)
35 min.
at 6600~7600MHz
34 min.
at 9900~11400MHz
WIMAX
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
10.12.17


Similar Part No. - LFB215G51SG8A132

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LFB215G51SG8A132 MURATA-LFB215G51SG8A132 Datasheet
481Kb / 17P
   Filters for Communication Equipment
LFB215G51SG8A132 MURATA-LFB215G51SG8A132 Datasheet
474Kb / 17P
   Filters for Communication Equipment
logo
Murata Manufacturing Co...
LFB215G51SG8A132 MURATA1-LFB215G51SG8A132 Datasheet
485Kb / 17P
   Filters for Communication Equipment
06.12.25
LFB215G51SG8A132 MURATA1-LFB215G51SG8A132 Datasheet
153Kb / 9P
   Filters for Communication Equipment
10.12.17
LFB215G51SG8A132 MURATA1-LFB215G51SG8A132 Datasheet
474Kb / 17P
   Filters for Communication Equipment
06.12.25
More results

Similar Description - LFB215G51SG8A132

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LFB32426MSC1-603 MURATA1-LFB32426MSC1-603_V01 Datasheet
79Kb / 5P
   Filters for Communication Equipment
03.12.9
LFB32741MSA1-744 MURATA1-LFB32741MSA1-744 Datasheet
153Kb / 9P
   Filters for Communication Equipment
10.12.17
logo
Murata Manufacturing Co...
LFL215G78TC1A155 MURATA-LFL215G78TC1A155 Datasheet
474Kb / 17P
   Filters for Communication Equipment
516786 MURATA-516786 Datasheet
481Kb / 17P
   Filters for Communication Equipment
LFB212G45BA1A220 MURATA-LFB212G45BA1A220 Datasheet
129Kb / 9P
   Filters for Communication Equipment
logo
Murata Manufacturing Co...
SAWES881MCU2F00 MURATA1-SAWES881MCU2F00 Datasheet
485Kb / 17P
   Filters for Communication Equipment
06.12.25
LFE21560MHA1A004 MURATA1-LFE21560MHA1A004 Datasheet
474Kb / 17P
   Filters for Communication Equipment
06.12.25
SAFCC243MRB9X00 MURATA1-SAFCC243MRB9X00 Datasheet
85Kb / 4P
   Filters for Communication Equipment
03.12.9
logo
Murata Manufacturing Co...
LFB212G45BA1A234 MURATA-LFB212G45BA1A234 Datasheet
474Kb / 17P
   Filters for Communication Equipment
LFB155G37CB1C032 MURATA-LFB155G37CB1C032 Datasheet
129Kb / 9P
   Filters for Communication Equipment Chip Multilayer LC Filters (BPF)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com