Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M29F160FB55N3F2 Datasheet(PDF) 1 Page - Numonyx B.V

Part # M29F160FB55N3F2
Description  Top / Bottom Boot Block 5 V Supply Flash Memory
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M29F160FB55N3F2 Datasheet(HTML) 1 Page - Numonyx B.V

  M29F160FB55N3F2 Datasheet HTML 1Page - Numonyx B.V M29F160FB55N3F2 Datasheet HTML 2Page - Numonyx B.V M29F160FB55N3F2 Datasheet HTML 3Page - Numonyx B.V M29F160FB55N3F2 Datasheet HTML 4Page - Numonyx B.V M29F160FB55N3F2 Datasheet HTML 5Page - Numonyx B.V M29F160FB55N3F2 Datasheet HTML 6Page - Numonyx B.V M29F160FB55N3F2 Datasheet HTML 7Page - Numonyx B.V M29F160FB55N3F2 Datasheet HTML 8Page - Numonyx B.V M29F160FB55N3F2 Datasheet HTML 9Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 67 page
background image
July 2010
Rev 9
1/67
1
M29F 200FT, 400FT, 800FT, 160FT
M29F 200FB, 400FB, 800FB, 160FB
Top / Bottom Boot Block
5 V Supply Flash Memory
Features
Supply voltage
–VCC = 5 V
Access time: 55 ns
Program / Erase controller
– Embedded byte/word program algorithms
Erase Suspend and Resume modes
Low power consumption
– Standby and Automatic Standby
100,000 Program/Erase cycles per block
Electronic signature
– Manufacturer code: 0x01
– Top Device codes:
M29F200FT: 0x2251
M29F400FT: 0x2223
M29F800FT: 0x22D6
M29F160FT: 0x22D2
– Bottom Device codes:
M29F200FB: 0x2257
M29F400FB: 0x22AB
M29F800FB: 0x2258
M29F160FB: 0x22D8
RoHS packages available
–SO44
– TSOP48
– TFBGA
Automotive device grade 3:
– Temperature: –40 to 125 °C
Automotive device grade 6:
– Temperature: –40 to 85 °C
Automotive grade certified (AEC-Q100)
FBGA
TSOP48 (N)
12 x 20 mm
SO44 (M)
TFBGA48 (ZA)
6 x 8 mm
www.numonyx.com


Similar Part No. - M29F160FB55N3F2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29F160 STMICROELECTRONICS-M29F160 Datasheet
174Kb / 22P
   16 Mbit 2Mb x8 or 1Mb x16, Boot Block Single Supply Flash Memory
M29F160BB STMICROELECTRONICS-M29F160BB Datasheet
174Kb / 22P
   16 Mbit 2Mb x8 or 1Mb x16, Boot Block Single Supply Flash Memory
M29F160BB55N1T STMICROELECTRONICS-M29F160BB55N1T Datasheet
174Kb / 22P
   16 Mbit 2Mb x8 or 1Mb x16, Boot Block Single Supply Flash Memory
M29F160BB55N3T STMICROELECTRONICS-M29F160BB55N3T Datasheet
174Kb / 22P
   16 Mbit 2Mb x8 or 1Mb x16, Boot Block Single Supply Flash Memory
M29F160BB55N6T STMICROELECTRONICS-M29F160BB55N6T Datasheet
174Kb / 22P
   16 Mbit 2Mb x8 or 1Mb x16, Boot Block Single Supply Flash Memory
More results

Similar Description - M29F160FB55N3F2

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M29F800FT5AN6E2 NUMONYX-M29F800FT5AN6E2 Datasheet
1Mb / 67P
   Top / Bottom Boot Block 5 V Supply Flash Memory
logo
Intel Corporation
PA28F400B5T80 INTEL-PA28F400B5T80 Datasheet
344Kb / 44P
   5 VOLT BOOT BLOCK FLASH MEMORY
logo
STMicroelectronics
M28W640FCT STMICROELECTRONICS-M28W640FCT_06 Datasheet
534Kb / 77P
   64 Mbit (4Mbx16, Boot Block) 3V Supply Flash memory
logo
Intel Corporation
28F800C3 INTEL-28F800C3 Datasheet
1Mb / 68P
   Advanced Boot Block Flash Memory (C3)
logo
Numonyx B.V
M28W160CT NUMONYX-M28W160CT Datasheet
1Mb / 50P
   16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M28W320CT STMICROELECTRONICS-M28W320CT Datasheet
414Kb / 42P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
M29F102BB STMICROELECTRONICS-M29F102BB Datasheet
432Kb / 24P
   1 Mbit (64Kb x16, Boot Block) Single Supply Flash Memory
M28W640ECT STMICROELECTRONICS-M28W640ECT Datasheet
838Kb / 55P
   64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory
logo
Numonyx B.V
M28W320FCT NUMONYX-M28W320FCT Datasheet
1Mb / 69P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M28W320EBT STMICROELECTRONICS-M28W320EBT Datasheet
299Kb / 45P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com