Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC10-0505SF-E Datasheet(PDF) 4 Page - TDK Electronics

Part # CC10-0505SF-E
Description  Insulation type DC-DC converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CC10-0505SF-E Datasheet(HTML) 4 Page - TDK Electronics

  CC10-0505SF-E Datasheet HTML 1Page - TDK Electronics CC10-0505SF-E Datasheet HTML 2Page - TDK Electronics CC10-0505SF-E Datasheet HTML 3Page - TDK Electronics CC10-0505SF-E Datasheet HTML 4Page - TDK Electronics CC10-0505SF-E Datasheet HTML 5Page - TDK Electronics CC10-0505SF-E Datasheet HTML 6Page - TDK Electronics CC10-0505SF-E Datasheet HTML 7Page - TDK Electronics CC10-0505SF-E Datasheet HTML 8Page - TDK Electronics CC10-0505SF-E Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
・All specifications are subject to change without notice.
4
Derating Curve
Recommended measurements for
mounting board
Recommended measurements for
mounting board
Connection diagram
E
-
x
D
x
x
x
x
-
5
R
1
C
C
E
-
x
S
x
x
x
x
-
5
R
1
C
C
16.6±0.2
12.7
1.905
1.905
t=0.3
16.51
12.7
3
a
b
2
1
7-0.3×0.6
b
a
4
5
7
6
2.7
1.0
2.7
a
b
14.605
16.51
2-ø1.5 (land diameter ø2.5)
7-ø1.0 (land diameter ø2.0)
Unit: mm
Allowable tolerance is ±0.5 if not specified separately.
16.6±0.2
t=0.3
16.51
Coplanarity: 0.1 or lower
19.81
1.8
1.8
3
2
1
4
5
7
6
7-0.3×0.6
22.0
3.2
3.2
15.6
Unit: mm
Allowable tolerance is ±0.5 if not specified separately.
1
7
2
3
5
6
4 NC
–Vout
+Vout
TRM
RC
+Vin
–Vin
Terminal connections
No.1 +Vin
No.2 RC
No.3 –Vin
No.4 NC
No.5 –Vout
No.6 TRM
No.7 +Vout
1
7
2
3
5
6
4
COM
–Vout
+Vout
TRM
RC
+Vin
–Vin
Terminal connections
No.1 +Vin
No.2 RC
No.3 –Vin
No.4 –Vout
No.5 Common out
No.6 TRM
No.7 +Vout
Shape/Dimensions
Shape/Dimensions
Outer shape of
product
Outer shape of
product
Outline Drawing
CC1R5-xxxxxF-E(DIPtype)
CC1R5-xxxxxR-E(SMDtype)
CC1R5-E
a
b
Ambient temperature (°C)
a:0.5m/s(100LFM)
b:1m/s(200LFM)
Natural air cooling
-40 -20  0  20  40 60 80 100
100
80
60
40
20
0
Output power derating by ambient temperature
(common specification)


Similar Part No. - CC10-0505SF-E

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CC10-0505SF-E TDK-CC10-0505SF-E Datasheet
255Kb / 2P
   Ultra Compact, 1.5W to 25W Single and Dual DC-DC Converters
CC10-0505SF-E TDK-CC10-0505SF-E Datasheet
255Kb / 2P
   Ultra Compact, 1.5W to 25W Single and Dual DC-DC Converters
CC10-0505SF-E TDK-CC10-0505SF-E Datasheet
149Kb / 2P
   DC-DC Converters
More results

Similar Description - CC10-0505SF-E

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CC3-4805SR-E TDK-CC3-4805SR-E Datasheet
5Mb / 25P
   Insulation type DC-DC converter
CC101205SRE TDK-CC101205SRE Datasheet
5Mb / 25P
   Insulation type DC-DC converter
CC10-1205SR-E TDK-CC10-1205SR-E Datasheet
5Mb / 25P
   Insulation type DC-DC converter
CE-3101 TDK-CE-3101 Datasheet
30Kb / 2P
   Non-insulation, 8-pin SMD type, 1.2W output DC-DC Converter
logo
Minmax Technology Co., ...
MSHU100 MINMAX-MSHU100 Datasheet
266Kb / 4P
   DC/DC CONVERTER 2W, Reinforced Insulation, Medical Safety
MIHW2000 MINMAX-MIHW2000_11 Datasheet
289Kb / 4P
   DC/DC CONVERTER 3W, Reinforced Insulation, Medical Safety
MKW10M MINMAX-MKW10M Datasheet
329Kb / 4P
   DC/DC CONVERTER 10W, Reinforced Insulation, Medical Safety
MIDR03M MINMAX-MIDR03M Datasheet
311Kb / 4P
   DC/DC CONVERTER 3W, Reinforced Insulation, Medical Safety
MIHW1000 MINMAX-MIHW1000_11 Datasheet
263Kb / 4P
   DC/DC CONVERTER 3W, Reinforced Insulation, Medical Safety
MIHW3000 MINMAX-MIHW3000_11 Datasheet
654Kb / 4P
   DC/DC CONVERTER 6W, Reinforced Insulation, Medical Safety
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com