Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5832 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # 5832
Description  BiMOS II 32-BIT SERIAL-INPUT, LATCHED DRIVERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

5832 Datasheet(HTML) 3 Page - Allegro MicroSystems

  5832 Datasheet HTML 1Page - Allegro MicroSystems 5832 Datasheet HTML 2Page - Allegro MicroSystems 5832 Datasheet HTML 3Page - Allegro MicroSystems 5832 Datasheet HTML 4Page - Allegro MicroSystems 5832 Datasheet HTML 5Page - Allegro MicroSystems 5832 Datasheet HTML 6Page - Allegro MicroSystems 5832 Datasheet HTML 7Page - Allegro MicroSystems 5832 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
5832
BiMOS II 32-BIT
SERIAL-INPUT,
LATCHED DRIVERS
ELECTRICAL CHARACTERISTICS at TA = +25°C, VDD = 5 V (unless otherwise noted).
Limits
Characteristic
Symbol
Test Conditions
Min.
Max.
Units
Output Leakage Current
ICEX
VOUT = 40 V, TA = 70°C—
10
µA
Collector-Emitter
VCE(SAT)
lOUT = 50 mA
275
mV
Saturation Voltage
lOUT = 100 mA, “A” package
150
550
mV
lOUT = 100 mA, “EP” package
550
mV
Input Voltage
VIN(1)
3.5
5.3
V
VIN(0)
-0.3
+0.8
V
Input Current
lIN(1)
VIN = 3.5 V
1.0
µA
lIN(0)
VIN = 0.8 V
-1.0
µA
Input lmpedance
ZIN
VIN = 3.5 V
3.5
M
Serial Data Output Resistance
ROUT
—20
k
Supply Current
lDD
One output ON, lOUT = 100 mA
5.0
mA
All outputs OFF
50
µA
Output Rise Time
tr
lOUT = 100 mA, 10% to 90%
1.0
µs
Output Fall Time
tf
lOUT = 100 mA, 90% to 10%
1.0
µs
TYPICAL OUTPUT DRIVER
TYPICAL INPUT CIRCUIT
IN
VDD
Dwg. No. A-12,379A
Dwg. No. A-12,380A
OUT
VDD
675
NOTE: Positive (negative) current is defined as going into (coming out of) the specified device pin.


Similar Part No. - 5832

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
58325-1 MACOM-58325-1 Datasheet
153Kb / 6P
   Standard Terminals and Splices
logo
Littelfuse
58326-06 LITTELFUSE-58326-06 Datasheet
403Kb / 2P
   COMPACT LOW VOLTAGE DISCONNECT
2019 Rev: 020419
58328 LITTELFUSE-58328 Datasheet
252Kb / 1P
   58328 SERIES ROCKER SWITCHES
2019 Rev: 021119
More results

Similar Description - 5832

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A5832 ALLEGRO-A5832 Datasheet
222Kb / 9P
   BiMOS II 32-BIT SERIAL-INPUT, LATCHED DRIVERS
October 28, 2005
5841 ALLEGRO-5841 Datasheet
174Kb / 8P
   BiMOS II 8-BIT SERIAL-INPUT, LATCHED DRIVERS
A5821 ALLEGRO-A5821 Datasheet
246Kb / 8P
   BiMOS II 8-Bit Serial Input Latched Drivers
October 28, 2005
5821 ALLEGRO-5821 Datasheet
105Kb / 7P
   BiMOS II 8-BIT SERIAL-INPUT, LATCHED DRIVERS
5821AND ALLEGRO-5821AND Datasheet
143Kb / 8P
   BiMOS II 8-BIT SERIAL-INPUT, LATCHED DRIVERS
5833 ALLEGRO-5833 Datasheet
153Kb / 8P
   BiMOS II 32-BIT SERIAL-INPUT, LATCHED DRIVER
A5833 ALLEGRO-A5833 Datasheet
296Kb / 9P
   BiMOS II 32-Bit Serial Input Latched Driver
October 28, 2005
5895 ALLEGRO-5895 Datasheet
93Kb / 8P
   BiMOS II 8-BIT SERIAL INPUT, LATCHED SOURCE DRIVERS
5890 ALLEGRO-5890 Datasheet
150Kb / 8P
   BIMOS II 8-BIT SERIAL-INPUT, LATCHED SOURCE DRIVERS
5811 ALLEGRO-5811 Datasheet
156Kb / 8P
   BiMOS II 12-BIT SERIAL-INPUT, LATCHED SOURCE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com