Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62740 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62740
Description  360nA IQ Step Down Converter for Low Power Applications
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62740 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS62740 Datasheet HTML 7Page - Texas Instruments TPS62740 Datasheet HTML 8Page - Texas Instruments TPS62740 Datasheet HTML 9Page - Texas Instruments TPS62740 Datasheet HTML 10Page - Texas Instruments TPS62740 Datasheet HTML 11Page - Texas Instruments TPS62740 Datasheet HTML 12Page - Texas Instruments TPS62740 Datasheet HTML 13Page - Texas Instruments TPS62740 Datasheet HTML 14Page - Texas Instruments TPS62740 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
20
30
40
50
60
70
80
90
100
3.5
4
4.5
5
5.5
Input Voltage V (V)
IN
I
= 1 A
OUT
m
I
= 2 A
OUT
m
I
= 5 A
OUT
m
I
= 10 A
OUT
m
I
= 100 A
OUT
m
I
= 1mA
OUT
I
= 10mA
OUT
I
= 50mA
OUT
I
= 200mA
OUT
V
= 3.3V
L = 2.2 H (LPS3314 2R2)
C
= 10 F (0603)
CTRL = GND
OUT
OUT
m
m
1.746
1.764
1.782
1.8
1.818
1.836
1.854
0.001
0.01
0.1
1
10
100
1000
Output Current I
(mA)
OUT
V = 2.7V
IN
V
IN = 3.3V
V
IN = 3.6V
V
IN = 4.2V
V
IN = 5.0V
L = 2.2 H (LPS3314 2R2)
C
= 10 F (0603)
CTRL = GND
m
m
OUT
0
10
20
30
40
50
60
70
80
90
100
2
2.5
3
3.5
4
4.5
5
5.5
Input Voltage V (V)
IN
I
= 1 A
OUT
m
I
= 2 A
OUT
m
I
= 5 A
OUT
m
I
= 10 A
OUT
m
I
= 100 A
OUT
m
I
= 1mA
OUT
I
= 10mA
OUT
I
= 50mA
OUT
I
= 200mA
OUT
V
= 2.1V
L = 2.2 H (LPS3314 2R2)
C
= 10 F (0603)
CTRL = GND
OUT
OUT
m
m
20
30
40
50
60
70
80
90
100
2.5
3
3.5
4
4.5
5
5.5
Input Voltage V (V)
IN
I
= 1 A
OUT
m
I
= 2 A
OUT
m
I
= 5 A
OUT
m
I
= 10 A
OUT
m
I
= 100 A
OUT
m
I
= 1mA
OUT
I
= 10mA
OUT
I
= 50mA
OUT
I
= 200mA
OUT
V
= 2.5V
L = 2.2 H (LPS3314 2R2)
C
= 10 F (0603)
CTRL = GND
OUT
OUT
m
m
TPS62740
www.ti.com
SLVSB02A – NOVEMBER 2013 – REVISED NOVEMBER 2013
TYPICAL CHARACTERISTICS (continued)
Efficiency
Efficiency
vs
vs
Input Voltage VIN
Input Voltage VIN
Figure 12. Efficiency VOUT = 2.1V
Figure 13. Efficiency VOUT = 2.5V
Efficiency
Output Voltage VOUT
vs
vs
Input Voltage VIN
Output Current IOUT
Figure 14. Efficiency VOUT = 3.3V
Figure 15. Output voltage VOUT = 1.8V
Copyright © 2013, Texas Instruments Incorporated
11
Product Folder Links :TPS62740


Similar Part No. - TPS62740

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62740 TI1-TPS62740 Datasheet
2Mb / 32P
[Old version datasheet]   360nA IQ Step Down Converter For Low Power Applications
TPS62740DSSR TI1-TPS62740DSSR Datasheet
2Mb / 32P
[Old version datasheet]   360nA IQ Step Down Converter For Low Power Applications
TPS62740DSST TI1-TPS62740DSST Datasheet
2Mb / 32P
[Old version datasheet]   360nA IQ Step Down Converter For Low Power Applications
TPS62740EVM-186 TI-TPS62740EVM-186 Datasheet
453Kb / 14P
[Old version datasheet]   TPS62740EVM-186 Evaluation Module
TPS62740 TI1-TPS62740_16 Datasheet
2Mb / 32P
[Old version datasheet]   360nA IQ Step Down Converter For Low Power Applications
More results

Similar Description - TPS62740

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62740 TI1-TPS62740_16 Datasheet
2Mb / 32P
[Old version datasheet]   360nA IQ Step Down Converter For Low Power Applications
TPS82740A TI-TPS82740A_15 Datasheet
2Mb / 30P
[Old version datasheet]   TPS82740x 360nA IQ MicroSIPTM Step Down Converter Module for Low Power Applications
TPS62745 TI1-TPS62745_16 Datasheet
4Mb / 34P
[Old version datasheet]   Dual-cell Ultra Low IQ Step Down Converter for Low Power Wireless Applications
TPS62745 TI-TPS62745_15 Datasheet
4Mb / 34P
[Old version datasheet]   TPS62745 Dual-cell Ultra Low IQ Step Down Converter for Low Power Wireless Applications
TPS82740A TI1-TPS82740A_16 Datasheet
2Mb / 28P
[Old version datasheet]   MicroSIP Step Down Converter Module for Low Power Applications
logo
Linear Technology
LTC3892-2 LINER-LTC3892-2 Datasheet
426Kb / 8P
   60V, Low IQ Multiphase Synchronous Step-Down Converter
logo
Monolithic Power System...
EV2269-D-00A MPS-EV2269-D-00A Datasheet
759Kb / 6P
   30V, 1A, Low IQ Step-Down Converter Evaluation Board
logo
Richtek Technology Corp...
RTQ2102A-QA RICHTEK-RTQ2102A-QA Datasheet
254Kb / 16P
   1.5A, 6V, Low IQ ACOT Synchronous Step-Down Converter
October 2019
logo
ELMOS Semiconductor AG
E522.71 ELMOS-E522.71 Datasheet
307Kb / 2P
   LOW POWER STEP DOWN CONVERTER
logo
Texas Instruments
TPS62730 TI1-TPS62730_14 Datasheet
5Mb / 29P
[Old version datasheet]   Step Down Converter with Bypass Mode for Ultra Low Power Wireless Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com