Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS63051 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS63051
Description  SINGLE INDUCTOR BUCK-BOOST WITH 1A SWITCHES AND ADJUSTABLE SOFT START
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS63051 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS63051 Datasheet HTML 2Page - Texas Instruments TPS63051 Datasheet HTML 3Page - Texas Instruments TPS63051 Datasheet HTML 4Page - Texas Instruments TPS63051 Datasheet HTML 5Page - Texas Instruments TPS63051 Datasheet HTML 6Page - Texas Instruments TPS63051 Datasheet HTML 7Page - Texas Instruments TPS63051 Datasheet HTML 8Page - Texas Instruments TPS63051 Datasheet HTML 9Page - Texas Instruments TPS63051 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
TPS63051
SLVSAM8 – JULY 2013
www.ti.com
TYPICAL CHARACTERISTICS
TABLE OF GRAPHS
DESCRIPTION
FIGURE
Minimum average input
vs Input voltage (TPS63051, VOUT = 3.3V, TA={-40°C, 25°C, 85°C})
3
current
Maximum average input
vs Input voltage (TPS63051, VOUT = 3.3V, TA={-40°C, 25°C, 85°C})
4
current
Soft Start programmable
vs Input voltage (TPS63051, ILIM0=VIL, ILIM1= VIL; ILIM0=VIL, ILIM1= VIH; ILIM0=VIH, ILIM1= VIL;
5
average input current
ILIM0=VIH, ILIM1= VIH; VOUT = 3.3V)
Soft Start Time
vs Input voltage (TPS63051, CSS= Open, IOUT={100µA, 300mA, 500mA})
6
vs Input voltage (TPS63051, CSS= 1nF IOUT={100µA, 300mA, 500mA})
7
vs Input voltage (TPS63051, CSS= 1.8nF IOUT={100µA, 300mA, 500mA})
8
vs Input voltage (TPS63051, CSS= 2.2nF IOUT={100µA, 300mA, 500mA})
9
vs Input voltage (TPS63051, CSS= 3.3nF IOUT={100µA, 300mA, 500mA})
10
Efficiency
vs Output current (TPS63051, Power Save Enabled, VOUT = 3.3V)
11
vs Output current (TPS63051, Power Save Disabled, VOUT = 3.3V)
12
vs Input voltage (TPS63051, Power Save Enabled, VOUT = 3.3V, IOUT = {10; 500; 620mA})
13
vs Input voltage (TPS63051, Power Save Disabled, VOUT = 3.3V, IOUT = {10; 500; 620mA})
14
Output voltage
vs Output current (TPS63051, VOUT = 3.3V)
15
Waveforms
Output Voltage ripple in Buck-Boost mode and PFM to PWM transition (TPS63051, VIN =3.3V,
16
IOUT=145mA)
Output Voltage ripple in Boost mode and PFM (TPS63051, VIN =2.8V, IOUT=16mA)
17
Output Voltage ripple in Buck mode and PFM (TPS63051, VIN =4.2V, IOUT=16mA)
18
Switching waveform in Boost mode and PWM (TPS63051, VIN =2.5V, IOUT=300mA)
19
Switching waveform in Buck mode and PWM (TPS63051, VIN =4.5V, IOUT=300mA)
20
Switching waveform in Buck-Boost mode and PWM (TPS63051,VIN =3.4V, IOUT=300mA)
21
Load transient response (TPS63051, VIN =2.8V, Load change from 0mA to 300mA)
22
Load transient response (TPS63051, VIN=3.6V, Load change from 0mA to 300mA)
23
Line transient response (TPS63051, VOUT = 3.3V, IOUT = 500 mA)
24
Startup after enable (TPS63051, VOUT = 3.3V, VIN = 2.5V, IOUT = 0mA)
25
Startup after enable (TPS63051, VOUT = 3.3V, VIN = 4.2V, IOUT = 0mA)
26
6
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS63051


Similar Part No. - TPS63051

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS63051 TI1-TPS63051 Datasheet
2Mb / 28P
[Old version datasheet]   SINGLE INDUCTOR BUCK-BOOST WITH 1A SWITCHES AND ADJUSTABLE SOFT START
TPS63051 TI1-TPS63051 Datasheet
3Mb / 35P
[Old version datasheet]   Single Inductor Buck-Boost with 1A Switches and Adjustable Soft Start
TPS63051 TI1-TPS63051 Datasheet
3Mb / 20P
[Old version datasheet]   Single Inductor Buck-Boost With 1-A Switches and Adjustable Soft Start
TPS63051RMWR TI1-TPS63051RMWR Datasheet
3Mb / 20P
[Old version datasheet]   Single Inductor Buck-Boost With 1-A Switches and Adjustable Soft Start
TPS63051RMWT TI1-TPS63051RMWT Datasheet
3Mb / 20P
[Old version datasheet]   Single Inductor Buck-Boost With 1-A Switches and Adjustable Soft Start
More results

Similar Description - TPS63051

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS63050 TI1-TPS63050_14 Datasheet
3Mb / 35P
[Old version datasheet]   Single Inductor Buck-Boost with 1A Switches and Adjustable Soft Start
TPS63051 TI1-TPS63051_14 Datasheet
2Mb / 28P
[Old version datasheet]   SINGLE INDUCTOR BUCK-BOOST WITH 1A SWITCHES AND ADJUSTABLE SOFT START
TPS63050 TI1-TPS63050_16 Datasheet
3Mb / 20P
[Old version datasheet]   Single Inductor Buck-Boost With 1-A Switches and Adjustable Soft Start
logo
Mitsumi Electronics, Co...
MM3479 MITSUMI-MM3479 Datasheet
185Kb / 20P
   1A LDO with soft-start
MM3529 MITSUMI-MM3529 Datasheet
188Kb / 21P
   1A LDO with soft-start
logo
Monolithic Power System...
MP28163 MPS-MP28163 Datasheet
1Mb / 18P
   High Efficiency Single Inductor Buck-Boost Converter with 2.9A Switches
MP2155 MPS-MP2155 Datasheet
900Kb / 18P
   High Efficiency Single Inductor Buck-Boost Converter with 2.2A Switches
MP28164 MPS-MP28164 Datasheet
1Mb / 20P
   High-Efficiency, Single-Inductor, Buck-Boost Converter with 4.2A Switches
logo
Texas Instruments
TPS63000 TI-TPS63000_08 Datasheet
756Kb / 24P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
TPS63010 TI-TPS63010_09 Datasheet
686Kb / 28P
[Old version datasheet]   HIGHLY EFFICIENT, SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2-A SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com