Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCN5821LW Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # UCN5821LW
Description  BiMOS II 8-BIT SERIAL-INPUT, LATCHED DRIVERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

UCN5821LW Datasheet(HTML) 2 Page - Allegro MicroSystems

  UCN5821LW Datasheet HTML 1Page - Allegro MicroSystems UCN5821LW Datasheet HTML 2Page - Allegro MicroSystems UCN5821LW Datasheet HTML 3Page - Allegro MicroSystems UCN5821LW Datasheet HTML 4Page - Allegro MicroSystems UCN5821LW Datasheet HTML 5Page - Allegro MicroSystems UCN5821LW Datasheet HTML 6Page - Allegro MicroSystems UCN5821LW Datasheet HTML 7Page - Allegro MicroSystems UCN5821LW Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
5821 AND 5822
8-BIT SERIAL-INPUT,
LATCHED DRIVERS
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
MOS
BIPOLAR
OUT 1 OUT 2
LOGIC
GROUND
STROBE
OUTPUT ENABLE
(ACTIVE LOW)
SERIAL
DATA OUT
5
7
6
Dwg. FP-013A
OUT 3
CLOCK
SERIAL
DATA IN
SERIAL-PARALLEL SHIFT REGISTER
LATCHES
VDD
LOGIC
SUPPLY
1
2
3
16
OUT 6 OUT 7 OUT 8
15
14
11
10
9
OUT 4 OUT 5
13
12
8
4
POWER
GROUND
SUB
FUNCTIONAL BLOCK DIAGRAM
TYPICAL INPUT CIRCUITS
Dwg. No. A-14,314
Dwg. EP-010-3
IN
V
DD
Dwg. EP-010-4A
IN
V
DD
STROBE &
OUTPUT
ENABLE
CLOCK &
SERIAL
DATA IN
Copyright © 1985, 2000, Allegro MicroSystems, Inc.
Number of Outputs ON
UCN5821A Max. Allowable Duty Cycle
(IOUT = 200 mA
at Ambient Temperature of
VDD = 12 V)
25
°C40°C50°C60°C70°C
8
90%
79%
72%
65%
57%
7
100%
90%
82%
74%
65%
6
100%
100%
96%
86%
76%
5
100%
100%
100%
100%
91%
4
100%
100%
100%
100%
100%
3
100%
100%
100%
100%
100%
2
100%
100%
100%
100%
100%
1
100%
100%
100%
100%
100%
Number of Outputs ON
UCN5821LW Max. Allowable Duty Cycle
(IOUT = 200 mA
at Ambient Temperature of
VDD = 12 V)
25
°C40°C50°C60°C70°C
8
67%
59%
54%
49%
43%
7
77%
68%
62%
56%
49%
6
90%
79%
72%
65%
57%
5
100%
95%
86%
78%
68%
4
100%
100%
100%
98%
86%
3
100%
100%
100%
100%
100%
2
100%
100%
100%
100%
100%
1
100%
100%
100%
100%
100%
TYPICAL OUTPUT DRIVER
OUT
SUB
7.2K
3K
NOTE — There is an indeterminate resistance between logic ground and power
ground. For proper operation, these terminals must be externally connected
together.


Similar Part No. - UCN5821LW

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
UCN5821LW ALLEGRO-UCN5821LW Datasheet
105Kb / 7P
   BiMOS II 8-BIT SERIAL-INPUT, LATCHED DRIVERS
UCN5821LW ALLEGRO-UCN5821LW Datasheet
246Kb / 8P
   BiMOS II 8-Bit Serial Input Latched Drivers
October 28, 2005
More results

Similar Description - UCN5821LW

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
5841 ALLEGRO-5841 Datasheet
174Kb / 8P
   BiMOS II 8-BIT SERIAL-INPUT, LATCHED DRIVERS
A5821 ALLEGRO-A5821 Datasheet
246Kb / 8P
   BiMOS II 8-Bit Serial Input Latched Drivers
October 28, 2005
5821 ALLEGRO-5821 Datasheet
105Kb / 7P
   BiMOS II 8-BIT SERIAL-INPUT, LATCHED DRIVERS
5895 ALLEGRO-5895 Datasheet
93Kb / 8P
   BiMOS II 8-BIT SERIAL INPUT, LATCHED SOURCE DRIVERS
5890 ALLEGRO-5890 Datasheet
150Kb / 8P
   BIMOS II 8-BIT SERIAL-INPUT, LATCHED SOURCE DRIVERS
5832 ALLEGRO-5832 Datasheet
78Kb / 8P
   BiMOS II 32-BIT SERIAL-INPUT, LATCHED DRIVERS
A5832 ALLEGRO-A5832 Datasheet
222Kb / 9P
   BiMOS II 32-BIT SERIAL-INPUT, LATCHED DRIVERS
October 28, 2005
5811 ALLEGRO-5811 Datasheet
156Kb / 8P
   BiMOS II 12-BIT SERIAL-INPUT, LATCHED SOURCE DRIVERS
5815 ALLEGRO-5815 Datasheet
157Kb / 6P
   BiMOS II 8-BIT LATCHED SOURCE DRIVERS
5800 ALLEGRO-5800 Datasheet
117Kb / 12P
   BiMOS II LATCHED DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com