Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65233 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65233
Description  LNB VOLTAGE REGULATOR WITH I2C INTERFACE
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65233 Datasheet(HTML) 5 Page - Texas Instruments

  TPS65233 Datasheet HTML 1Page - Texas Instruments TPS65233 Datasheet HTML 2Page - Texas Instruments TPS65233 Datasheet HTML 3Page - Texas Instruments TPS65233 Datasheet HTML 4Page - Texas Instruments TPS65233 Datasheet HTML 5Page - Texas Instruments TPS65233 Datasheet HTML 6Page - Texas Instruments TPS65233 Datasheet HTML 7Page - Texas Instruments TPS65233 Datasheet HTML 8Page - Texas Instruments TPS65233 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
TPS65233
www.ti.com
SLVSC22A – AUGUST 2013 – REVISED SEPTEMBER 2013
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted, all voltages are with respect to GND)
Voltage range at VIN, LX, BOOST, VLNB
–1 to 30
V
Voltage range at VCP
BOOST + 7V
V
Voltage at LX
–1 to 30
V
Voltage at VCC, EN, FAULT, SCL, SDA, VCTRL, ISEL, EXTM
–0.3 to 7
V
Voltage at TCAP
–0.3 to 3.6
V
Voltage at PGND, AGND
–0.3 to 0.3
V
TJ
Operating junction temperature range
–40 to 125
°C
TSTG
Storage temperature range
–55 to 150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN
Input operating voltage
4.5
20
V
TA
Junction temperature
–40
85
°C
THERMAL INFORMATION
TPS65233
THERMAL METRIC(1)
RTE
UNITS
16 PINS
θJA
Junction-to-ambient thermal resistance(2)
43.4
θJCtop
Junction-to-case (top) thermal resistance(3)
45.6
θJB
Junction-to-board thermal resistance(4)
15
°C/W
ψJT
Junction-to-top characterization parameter(5)
0.6
ψJB
Junction-to-board characterization parameter(6)
15
θJCbot
Junction-to-case (bottom) thermal resistance(7)
3.3
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
The junction-to-ambient thermal resistance under natural convection is obtained in a simulation on a JEDEC-standard, high-K board, as
specified in JESD51-7, in an environment described in JESD51-2a.
(3)
The junction-to-case (top) thermal resistance is obtained by simulating a cold plate test on the package top. No specific JEDEC-
standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
(4)
The junction-to-board thermal resistance is obtained by simulating in an environment with a ring cold plate fixture to control the PCB
temperature, as described in JESD51-8.
(5)
The junction-to-top characterization parameter,
ψJT, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining
θJA, using a procedure described in JESD51-2a (sections 6 and 7).
(6)
The junction-to-board characterization parameter,
ψJB, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining
θJA , using a procedure described in JESD51-2a (sections 6 and 7).
(7)
The junction-to-case (bottom) thermal resistance is obtained by simulating a cold plate test on the exposed (power) pad. No specific
JEDEC standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
Spacer
ELECTROSTATIC DISCHARGE (ESD) PROTECTION
MIN
MAX
UNIT
Human body model (HBM), pin 13 (VLNB)
6000
V
Human body model (HBM), other pins
2000
V
Charge device model (CDM)
500
V
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS65233


Similar Part No. - TPS65233

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65233-1 TI1-TPS65233-1 Datasheet
2Mb / 31P
[Old version datasheet]   LNB Voltage Regulator
TPS65233-1RTER TI1-TPS65233-1RTER Datasheet
2Mb / 31P
[Old version datasheet]   LNB Voltage Regulator
TPS65233-1RTET TI1-TPS65233-1RTET Datasheet
2Mb / 31P
[Old version datasheet]   LNB Voltage Regulator
More results

Similar Description - TPS65233

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65235-1 TI1-TPS65235-1 Datasheet
2Mb / 39P
[Old version datasheet]   LNB Voltage Regulator With I2C Interface
TPS652353 TI1-TPS652353 Datasheet
1Mb / 39P
[Old version datasheet]   TPS652353 LNB Voltage Regulator With I2C Interface
logo
Renesas Technology Corp
ISL6421 RENESAS-ISL6421 Datasheet
548Kb / 11P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Single Output LNB Supply and Control Voltage Regulator with I2C Interface for
Jul 2004
logo
Intersil Corporation
ISL9492 INTERSIL-ISL9492 Datasheet
1Mb / 20P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface
logo
Texas Instruments
TPS65235 TI1-TPS65235 Datasheet
1Mb / 37P
[Old version datasheet]   LNB Voltage Regulator
TPS65233-1 TI1-TPS65233-1 Datasheet
2Mb / 31P
[Old version datasheet]   LNB Voltage Regulator
logo
STMicroelectronics
LNBK10 STMICROELECTRONICS-LNBK10 Datasheet
205Kb / 18P
   LNB SUPPLY AND CONTROL VOLTAGE REGULATOR (PARALLEL INTERFACE)
September 1998
LNBP10 STMICROELECTRONICS-LNBP10 Datasheet
204Kb / 18P
   LNB SUPPLY AND CONTROL VOLTAGE REGULATOR (PARALLEL INTERFACE)
September 1998
LNBK20D2 STMICROELECTRONICS-LNBK20D2 Datasheet
479Kb / 14P
   LNB SUPPLY AND CONTROL VOLTAGE REGULATOR (PARALLEL INTERFACE)
logo
Renesas Technology Corp
ISL9492 RENESAS-ISL9492 Datasheet
1Mb / 21P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Satellite Set-Top Box Designs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com