Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5841 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # 5841
Description  BiMOS II 8-BIT SERIAL-INPUT, LATCHED DRIVERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

5841 Datasheet(HTML) 3 Page - Allegro MicroSystems

  5841 Datasheet HTML 1Page - Allegro MicroSystems 5841 Datasheet HTML 2Page - Allegro MicroSystems 5841 Datasheet HTML 3Page - Allegro MicroSystems 5841 Datasheet HTML 4Page - Allegro MicroSystems 5841 Datasheet HTML 5Page - Allegro MicroSystems 5841 Datasheet HTML 6Page - Allegro MicroSystems 5841 Datasheet HTML 7Page - Allegro MicroSystems 5841 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
5841 AND 5842
8-BIT SERIAL-INPUT,
LATCHED DRIVERS
www.allegromicro.com
ELECTRICAL CHARACTERISTICS at TA = +25
°C, V
DD = 5 V, VEE = 0 V
(unless otherwise specified).
Applicable
Limits
Characteristic
Symbol
Devices
Test Conditions
Min.
Max.
Unit
Output Leakage Current
I
CEX
5841*
V
OUT
= 50 V
50
µA
V
OUT
= 50 V, T
A
= +70
°C
100
µA
5842*
V
OUT
= 80 V
50
µA
V
OUT
= 80 V, T
A
= +70
°C
100
µA
Collector-Emitter
V
CE(SAT)
All
I
OUT
= 100 mA
1.1
V
I
OUT
= 200 mA
1.3
V
I
OUT
= 350 mA, V
DD
= 7.0 V
1.6
V
Collector-Emitter
V
CE(sus)
5841*
I
OUT
= 350 mA, L = 2 mH
35
V
5842*
I
OUT
= 350 mA, L = 2 mH
50
V
Input Voltage
V
IN(0)
All
0.8
V
V
IN(1)
All
V
DD
= 12 V
10.5
V
V
DD
= 10 V
8.5
V
V
DD
= 5.0 V
3.5
V
Input Resistance
R
IN
All
V
DD
= 12 V
50
k
V
DD
= 10 V
50
k
V
DD
= 5.0 V
50
k
Supply Current
I
DD(ON)
All
All Drivers ON, V
DD
= 12 V
16
mA
All Drivers ON, V
DD
= 10 V
14
mA
All Drivers ON, V
DD
= 5.0 V
8.0
mA
I
DD(OFF)
All
All Drivers OFF, V
DD
= 12 V
2.9
mA
All Drivers OFF, V
DD
= 10 V
2.5
mA
All Drivers OFF, V
DD
= 5.0 V
1.6
mA
Clamp Diode
I
R
5841*
V
R
= 50 V
50
µA
5842*
V
R
= 80 V
50
µA
Clamp Diode
V
F
All
I
F
= 350 mA
2.0
V
Saturation Voltage
Sustaining Voltage
Leakage Current
Forward Voltage
* Complete part number includes a prefix (A or UCN) and a suffix (A, LW, or SLW) as follows:
UCN5841A, UCN5841LW, or A5841SLW,
UCN5842A, UCN5842LW, or A5842SLW.


Similar Part No. - 5841

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
58411 ALPHAWIRE-58411 Datasheet
72Kb / 1P
   CUSTOMER PRODUCT SPECIFICATION
58416 ALPHAWIRE-58416 Datasheet
73Kb / 1P
   CUSTOMER PRODUCT SPECIFICATION
More results

Similar Description - 5841

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A5821 ALLEGRO-A5821 Datasheet
246Kb / 8P
   BiMOS II 8-Bit Serial Input Latched Drivers
October 28, 2005
5821 ALLEGRO-5821 Datasheet
105Kb / 7P
   BiMOS II 8-BIT SERIAL-INPUT, LATCHED DRIVERS
5821AND ALLEGRO-5821AND Datasheet
143Kb / 8P
   BiMOS II 8-BIT SERIAL-INPUT, LATCHED DRIVERS
5895 ALLEGRO-5895 Datasheet
93Kb / 8P
   BiMOS II 8-BIT SERIAL INPUT, LATCHED SOURCE DRIVERS
5890 ALLEGRO-5890 Datasheet
150Kb / 8P
   BIMOS II 8-BIT SERIAL-INPUT, LATCHED SOURCE DRIVERS
5832 ALLEGRO-5832 Datasheet
78Kb / 8P
   BiMOS II 32-BIT SERIAL-INPUT, LATCHED DRIVERS
A5832 ALLEGRO-A5832 Datasheet
222Kb / 9P
   BiMOS II 32-BIT SERIAL-INPUT, LATCHED DRIVERS
October 28, 2005
5811 ALLEGRO-5811 Datasheet
156Kb / 8P
   BiMOS II 12-BIT SERIAL-INPUT, LATCHED SOURCE DRIVERS
5815 ALLEGRO-5815 Datasheet
157Kb / 6P
   BiMOS II 8-BIT LATCHED SOURCE DRIVERS
5800 ALLEGRO-5800 Datasheet
117Kb / 12P
   BiMOS II LATCHED DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com