Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCN5832EP Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # UCN5832EP
Description  BiMOS II 32-BIT SERIAL-INPUT, LATCHED DRIVERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

UCN5832EP Datasheet(HTML) 8 Page - Allegro MicroSystems

  UCN5832EP Datasheet HTML 1Page - Allegro MicroSystems UCN5832EP Datasheet HTML 2Page - Allegro MicroSystems UCN5832EP Datasheet HTML 3Page - Allegro MicroSystems UCN5832EP Datasheet HTML 4Page - Allegro MicroSystems UCN5832EP Datasheet HTML 5Page - Allegro MicroSystems UCN5832EP Datasheet HTML 6Page - Allegro MicroSystems UCN5832EP Datasheet HTML 7Page - Allegro MicroSystems UCN5832EP Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
5832
BiMOS II 32-BIT
SERIAL-INPUT,
LATCHED DRIVERS
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
Allegro MicroSystems, Inc. reserves the right to make, from time to
time, such departures from the detail specifications as may be required
to permit improvements in the design of its products.
The information included herein is believed to be accurate and
reliable. However, Allegro MicroSystems, Inc. assumes no responsibil-
ity for its use; nor for any infringements of patents or other rights of third
parties which may result from its use.
BiMOS II (Series 5800) & DABiC IV (Series 6800)
INTELLIGENT POWER INTERFACE DRIVERS
SELECTION GUIDE
Function
Output Ratings *
Part Number †
SERIAL-INPUT LATCHED DRIVERS
8-Bit (saturated drivers)
-120 mA
50 V‡
5895
8-Bit
350 mA
50 V
5821
8-Bit
350 mA
80 V
5822
8-Bit
350 mA
50 V‡
5841
8-Bit
350 mA
80 V‡
5842
9-Bit
1.6 A
50 V
5829
10-Bit (active pull-downs)
-25 mA
60 V
5810-F and 6809/10
12-Bit (active pull-downs)
-25 mA
60 V
5811 and 6811
20-Bit (active pull-downs)
-25 mA
60 V
5812-F and 6812
32-Bit (active pull-downs)
-25 mA
60 V
5818-F and 6818
32-Bit
100 mA
30 V
5833
32-Bit (saturated drivers)
100 mA
40 V
5832
PARALLEL-INPUT LATCHED DRIVERS
4-Bit
350 mA
50 V‡
5800
8-Bit
-25 mA
60 V
5815
8-Bit
350 mA
50 V‡
5801
SPECIAL-PURPOSE FUNCTIONS
Unipolar Stepper Motor Translator/Driver
1.25 A
50 V‡
5804
Addressable 28-Line Decoder/Driver
450 mA
30 V
6817
*
Current is maximum specified test condition, voltage is maximum rating. See specification for sustaining voltage limits.
Negative current is defined as coming out of (sourcing) the output.
Complete part number includes additional characters to indicate operating temperature range and package style.
Internal transient-suppression diodes included for inductive-load protection.


Similar Part No. - UCN5832EP

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
UCN5832EP ALLEGRO-UCN5832EP Datasheet
222Kb / 9P
   BiMOS II 32-BIT SERIAL-INPUT, LATCHED DRIVERS
October 28, 2005
More results

Similar Description - UCN5832EP

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A5832 ALLEGRO-A5832 Datasheet
222Kb / 9P
   BiMOS II 32-BIT SERIAL-INPUT, LATCHED DRIVERS
October 28, 2005
5841 ALLEGRO-5841 Datasheet
174Kb / 8P
   BiMOS II 8-BIT SERIAL-INPUT, LATCHED DRIVERS
A5821 ALLEGRO-A5821 Datasheet
246Kb / 8P
   BiMOS II 8-Bit Serial Input Latched Drivers
October 28, 2005
5821 ALLEGRO-5821 Datasheet
105Kb / 7P
   BiMOS II 8-BIT SERIAL-INPUT, LATCHED DRIVERS
5821AND ALLEGRO-5821AND Datasheet
143Kb / 8P
   BiMOS II 8-BIT SERIAL-INPUT, LATCHED DRIVERS
5833 ALLEGRO-5833 Datasheet
153Kb / 8P
   BiMOS II 32-BIT SERIAL-INPUT, LATCHED DRIVER
A5833 ALLEGRO-A5833 Datasheet
296Kb / 9P
   BiMOS II 32-Bit Serial Input Latched Driver
October 28, 2005
5895 ALLEGRO-5895 Datasheet
93Kb / 8P
   BiMOS II 8-BIT SERIAL INPUT, LATCHED SOURCE DRIVERS
5890 ALLEGRO-5890 Datasheet
150Kb / 8P
   BIMOS II 8-BIT SERIAL-INPUT, LATCHED SOURCE DRIVERS
5811 ALLEGRO-5811 Datasheet
156Kb / 8P
   BiMOS II 12-BIT SERIAL-INPUT, LATCHED SOURCE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com