Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGA2B2C0G1H820J050BA Datasheet(PDF) 8 Page - TDK Electronics

Part # CGA2B2C0G1H820J050BA
Description  MULTILAYER CERAMIC CHIP CAPACITORS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CGA2B2C0G1H820J050BA Datasheet(HTML) 8 Page - TDK Electronics

Back Button CGA2B2C0G1H820J050BA Datasheet HTML 4Page - TDK Electronics CGA2B2C0G1H820J050BA Datasheet HTML 5Page - TDK Electronics CGA2B2C0G1H820J050BA Datasheet HTML 6Page - TDK Electronics CGA2B2C0G1H820J050BA Datasheet HTML 7Page - TDK Electronics CGA2B2C0G1H820J050BA Datasheet HTML 8Page - TDK Electronics CGA2B2C0G1H820J050BA Datasheet HTML 9Page - TDK Electronics CGA2B2C0G1H820J050BA Datasheet HTML 10Page - TDK Electronics CGA2B2C0G1H820J050BA Datasheet HTML 11Page - TDK Electronics CGA2B2C0G1H820J050BA Datasheet HTML 12Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
• All specifications are subject to change without notice.
C0G
X5R
X7R
1H
(50V)
1H
(50V)
1V
(35V)
1E
(25V)
1C
(16V)
1A
(10V)
1H
(50V)
1V
(35V)
1E
(25V)
1C
(16V)
1A
(10V)
0J
(6.3V)
1,000
1,200
1,500
1,800
2,200
2,700
3,300
3,900
4,700
5,600
6,800
8,200
10,000
15,000
22,000
33,000
100,000
150,000
220,000
330,000
470,000
680,000
1,000,000
1,500,000
2,200,000
3,300,000
4,700,000
6,800,000
10,000,000
102
122
152
182
222
272
332
392
472
562
682
822
103
153
223
333
104
154
224
334
474
684
105
155
225
335
475
685
106
CGA4(2012) [EIA CC0805]
0.60 mm
0.85 mm
1.25 mm
J: ± 5%
K: ± 10%
M: ± 20%
Capacitance
(pF)
Code
Tolerance
Capacitance
Range Chart
Capacitance Range Chart
Temperature Characteristics: C0G (0 ± 30ppm/ºC), X5R (±15%), X7R (±15%)
Rated Voltage: 50V (1H), 35V (1V), 25V (1E), 16V (1C), 10V (1A), 6.3V (0J)
Standard Thickness
Page 7
MULTILAYER CERAMIC CHIP CAPACITORS
005-01 / 20131008 / mlcc_automotive_general_en


Similar Part No. - CGA2B2C0G1H820J050BA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CGA2B2C0G1H820J050BA TDK-CGA2B2C0G1H820J050BA Datasheet
878Kb / 23P
   MULTILAYER CERAMIC CHIP CAPACITORS
March 2021
CGA2B2C0G1H820J050BA TDK-CGA2B2C0G1H820J050BA_16 Datasheet
130Kb / 1P
   Automotive Grade ( General (Up to 50V) )
CGA2B2C0G1H820J050BA TDK-CGA2B2C0G1H820J050BA_17 Datasheet
181Kb / 3P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - CGA2B2C0G1H820J050BA

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com